Part Number Hot Search : 
24AA0 362611 MMSZ468 AV9155 AN8570SH OCXOWSTC FN3110 AV9155
Product Description
Full Text Search
 

To Download SW16N60K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  copyright@ semipower electronic technology co., ltd. all rights reserved. oct. 2015. rev. 2.0 1 /6 SW16N60K n - channel enhanced mode to - 220f mosfet absolute maximum ratings symbol parameter value unit v dss drain to source voltage 600 v i d continuous drain current (@t c =25 o c) 16* a continuous drain current (@t c =100 o c) 10.1* a i dm drain current pulsed (note 1) 64 a v gs gate to source voltage 30 v e as single pulsed avalanche energy (note 2) 300 mj e ar repetitive avalanche energy (note 1) 16 mj dv/dt peak diode recovery dv/dt (note 3) 5 v/ns p d total power dissipation (@t c =25 o c) 32.2 w derating factor above 25 o c 0.26 w/ o c t stg , t j operating junction temperature & storage temperature - 55 ~ + 150 o c t l maximum lead temperature for soldering purpose, 1/8 from case for 5 seconds. 300 o c thermal characteristics symbol parameter value unit r thjc thermal resistance, junction to case 3.88 o c/w r thja thermal resistance, junction to ambient 45.1 o c /w *. drain current is limited by junction temperature. bv dss : 600v i d : 16a r ds(on) :0.21 1. gate 2. drain 3. source to - 220f 1 2 3 order codes item sales type marking package packaging 1 sw f 16n60k SW16N60K to - 220f tube 1 2 3 features ? high ruggedness ? low r ds( on ) (t yp 0.21 ? )@v gs =10v ? low gate charge ( typ 43nc) ? improved dv/dt capability ? 100% avalanche tested ? application:led, charge, pc power general description this power mosfet is produced with advanced technology of samwin. this technology enable the power mosfet to have better characteristics, including fast switching time, low on resistance, low gate charge and especially excellent avalanche characteristics.
copyright@ semipower electronic technology co., ltd. all rights reserved. oct. 2015. rev. 2.0 2 /6 SW16N60K electrical characteristic ( t c = 25 o c unless otherwise specified ) symbol parameter test conditions min. typ. max. unit off characteristics bv dss drain to source breakdown voltage v gs =0v, i d =250ua 600 v bv dss / t j breakdown voltage temperature coefficient i d =250ua, referenced to 25 o c 0.67 v/ o c i dss drain to source leakage current v ds =600v, v gs =0v 1 ua v ds =480v, t c =125 o c 50 ua i gss gate to source leakage current, forward v gs =30v, v ds =0v 100 na gate to source leakage current, reverse v gs = - 30v, v ds =0v - 100 na on characteristics v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 5 v r ds(on) drain to source on state resistance v gs =10v, i d =8a 0.21 0.23 ? g fs forward transconductance v ds =30v, i d =8a 10 s dynamic characteristics c iss input capacitance v gs =0v, v ds =200v, f=1mhz 1500 pf c oss output capacitance 51 c rss reverse transfer capacitance 4.6 t d(on) turn on delay time v ds =300v, i d =16a r g =25?, v gs =10v (note 4,5) 21 ns t r rising time 48 t d(off) turn off delay time 77 t f fall time 35 q g total gate charge v ds =520v, v gs =10v, i d =16a (note 4,5) 43 nc q gs gate - source charge 13 q gd gate - drain charge 19 source to drain diode ratings characteristics symbol parameter test conditions min. typ. max. unit i s continuous source current integral reverse p - n junction diode in the mosfet 16 a i sm pulsed source current 64 a v sd diode forward voltage drop. i s =16a, v gs =0v 1.4 v t rr reverse recovery time i s =16a, v gs =0v, di f /dt=100a/us 347 ns q rr reverse recovery c harge 5.6 uc . notes 1. repeatitive rating : pulse width limited by junction temperature. 2. l = 37.5mh, i as = 4a, v dd = 50v, r g =25?, starting t j = 25 o c 3. i sd 16a, di/dt = 100a/us, v dd bv dss , staring t j =25 o c 4. pulse test : pulse width 300us, duty cycle 2% 5. essentially independent of operating temperature.
copyright@ semipower electronic technology co., ltd. all rights reserved. oct. 2015. rev. 2.0 3 /6 SW16N60K fig. 1. on - state characteristics fig. 2. on - resistance variation vs. drain current and gate voltage fig. 3. gate charge characteristics fig. 4. on state current vs. diode forward voltage fig 5. breakdown voltage variation vs. junction temperature fig. 6. on resistance variation vs. junction temperature
copyright@ semipower electronic technology co., ltd. all rights reserved. oct. 2015. rev. 2.0 4 /6 SW16N60K fig. 8. c apacitance characteristics fig. 7. maximum safe operating area fig. 9. transient thermal response curve fig. 10. gate charge test circuit & waveform
copyright@ semipower electronic technology co., ltd. all rights reserved. oct. 2015. rev. 2.0 5 /6 SW16N60K v dd dut v ds r l r gs 10v in 10% v ds v in 90% 10% t d(on) t r t on t d(off) t off t f fig. 11 . switching time test circuit & waveform fig. 12 . unclamped inductive switching test circuit & waveform fig. 13 . peak diode recovery dv/dt test circuit & waveform v dd same type as dut v ds l r g 10v gs i s + - v ds dut *. dv/dt controlled by rg *. is controlled by pulse period v gs (driver) i s (dut) v ds (dut) body diode forward voltage drop v f diode recovery dv/dt i rm di/dt 10v diode reverse current v dd
copyright@ semipower electronic technology co., ltd. all rights reserved. oct. 2015. rev. 2.0 6 /6 SW16N60K disclaimer * all the data & curve in this document was tested in xian semipower testing & application center. * this product has passed the pct,tc,htrb,htgb,hast,pc and solderdunk reliability testing. * qualification standards can also be found on the web site ( http://www.semipower.com.cn ) * suggestions for improvement are appreciated, please send your suggestions to samwin@samwinsemi.com


▲Up To Search▲   

 
Price & Availability of SW16N60K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X