Part Number Hot Search : 
BFXXXX 51216 D62121 BT4855 220ML 51216 03U250P LT555
Product Description
Full Text Search
 

To Download STW72N60DM2AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  december 2015 docid027314 rev 4 1 / 12 this is information on a product in full production. www.st.com STW72N60DM2AG automotive n - channel 600 v, 0.037 typ., 68 a mdmesh? dm2 power mosfet in a to - 247 package datasheet - production data figure 1 : internal schematic diagram features order code v ds r ds(on) max. i d p tot STW72N60DM2AG 600 v 0.042 68 a 446 w ? fast - recovery body diode ? extremely low gate charge and input capacitance ? low on - resistance ? 100% avalanche tested ? extremely high dv/dt ruggedness ? zener - protected appl ications ? switching applications description this high voltage n - channel power mosfet is part of the mdmesh? dm2 fast recovery diode series. it offers very low recovery charge (q rr ) and time (t rr ) combined with low r ds(on) , rendering it suitable for the most demanding high efficiency converters and ideal for bridge topologies and zvs phase - shift converters. table 1: device summary order code marking package packing STW72N60DM2AG 72n60dm2 to - 247 tube t o-247 1 2 3
contents STW72N60DM2AG 2 / 12 docid027314 rev 4 contents 1 electrical ratings ................................ ................................ ............. 3 2 electrical characteristics ................................ ................................ 4 2.1 electrical characteristics (curves) ................................ ...................... 6 3 test circuits ................................ ................................ ..................... 8 4 package information ................................ ................................ ....... 9 4.1 to - 247 package information ................................ ............................. 9 5 revision history ................................ ................................ ............ 11
STW72N60DM2AG electrical ratings docid027314 rev 4 3 / 12 1 electrical ratings table 2: absolute maximum ratings symbol parameter value unit v gs gate - source voltage 25 v i d drain current (continuous) at t case = 25 c 66 a drain current (continuous) at t case = 100 c 42 i dm (1) drain current (pulsed) 264 a p tot total dissipation at t case = 25 c 446 w dv/dt (2) peak diode recovery voltage slope 50 v/ns dv/dt (3) mosfet dv/dt ruggedness 50 t stg storage temperature - 55 to 150 c t j maximum junction temperature 150 notes: (1) pulse width is limited by safe operating area. (2) i sd 66 a, di/dt=800 a/s; v ds peak < v (br)dss , v dd = 80% v (br)dss . (3) v ds 480 v. table 3: thermal data symbol parameter value unit r thj - case thermal resistance junction - case 0.28 c/w r thj - amb thermal resistance junction - ambient 50 table 4: avalanche characteristics symbol parameter value unit i ar avalanche current, repetitive or not repetitive (pulse width limited by t jmax ) 10 a e as single pulse avalanche energy (starting t j = 25 c, i d = i ar , v dd = 50 v) 1500 mj
electrical characteristics STW72N60DM2AG 4 / 12 docid027314 rev 4 2 electrical characteristics (t case = 25 c unless otherwise specified) table 5: static symbol parameter test conditions min. typ. max. unit v (br)dss drain - source breakdown voltage v gs = 0 v, i d = 1 ma 600 v i dss zero gate voltage drain current v gs = 0 v, v ds = 600 v 10 a v gs = 0 v, v ds = 600 v, t case = 125 c 100 i gss gate - body leakage current v ds = 0 v, v gs = 25 v 5 a v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 3 4 5 v r ds(on) static drain - source on - resistance v gs = 10 v, i d = 33 a 0.037 0.042 table 6: dynamic symbol parameter test conditions min. typ. max. unit c iss input capacitance v ds = 100 v, f = 1 mhz, v gs = 0 v - 5508 - pf c oss output capacitance - 241 - c rss reverse transfer capacitance - 2.8 - c oss eq. (1) equivalent output capacitance v ds = 0 to 480 v, v gs = 0 v - 1010 - pf r g intrinsic gate resistance f = 1 mhz open drain - 2 - q g total gate charge v dd = 480 v, i d = 66 a, v gs = 10 v (see figure 15: "test circuit for gate charge behavior" ) - 121 - nc q gs gate - source charge - 26 - q gd gate - drain charge - 60 - notes: (1) c oss eq. is defined as a constant equivalent capacitance giving the same charging time as c oss when v ds increases from 0 to 80% v dss . table 7: switching times symbol parameter test conditions min. typ. max. unit t d(on) turn - on delay time v dd = 300 v, i d = 33 a r g = 4.7 , v gs = 10 v (see figure 14: "test circuit for resistive load switching times" and figure 19: "switching time waveform" ) - 32 - ns t r rise time - 67 - t d(off) turn - off delay time - 112 - t f fall time - 10.4 -
STW72N60DM2AG electrical characteristics docid027314 rev 4 5 / 12 table 8: source - drain diode symbol parameter test conditions min. typ. max. unit i sd source - drain current - 66 a i sdm (1) source - drain current (pulsed) - 264 a v sd (2) forward on voltage v gs = 0 v, i sd = 66 a - 1.6 v t rr reverse recovery time i sd = 66 a, di/dt = 100 a/s, v dd = 480 v (see figure 16: "test circuit for inductive load switching and diode recovery times" ) - 136 ns q rr reverse recovery charge - 0.65 c i rrm reverse recovery current - 9.6 a t rr reverse recovery time i sd = 66 a, di/dt = 100 a/s, v dd = 480 v, t j = 150 c (see figure 16: "test circuit for inductive load switching and diode recovery times" ) - 224 ns q rr reverse recovery charge - 2.28 ???c i rrm reverse recovery current - 20.4 a notes: (1) pulse width is limited by safe operating area. (2) pulse test: pulse duration = 300 s, duty cycle 1.5%.
electrical characteristics STW72N60DM2AG 6 / 12 docid027314 rev 4 2.1 electrical characteristics (curves) figure 2 : safe operating area figure 3 : thermal impedance figure 4 : output characteristics figure 5 : transfer characteristics figure 6 : gate charge vs gate - source voltage figure 7 : static drain - source on - resistance d
STW72N60DM2AG electrical characteristics docid027314 rev 4 7 / 12 figure 8 : capacitance variations figure 9 : normalized gate threshold voltage vs temperature figure 10 : normalized on - resistance vs temperature figure 11 : normalized v(br)dss vs temperature figure 12 : output capacitance stored energy figure 13 : source - drain diode forward characteristics
test circui ts STW72N60DM2AG 8 / 12 docid027314 rev 4 3 test circuits figure 14 : test circuit for resistive load switching times figure 15 : test circuit for gate charge behavior figure 16 : test circuit for inductive load switching and diode recovery times figure 17 : unclamped inductive load test circuit figure 18 : unclamped inductive waveform figure 19 : switching time waveform
STW72N60DM2AG package information docid027314 rev 4 9 / 12 4 package information in order to meet environmental require ments, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. 4.1 to - 247 package information figure 20 : to - 247 package outline
package information STW72N60DM2AG 10 / 12 docid027314 rev 4 table 9: to - 247 package mechanical data dim. mm. min. typ. max. a 4.85 5.15 a1 2.20 2.60 b 1.0 1.40 b1 2.0 2.40 b2 3.0 3.40 c 0.40 0.80 d 19.85 20.15 e 15.45 15.75 e 5.30 5.45 5.60 l 14.20 14.80 l1 3.70 4.30 l2 18.50 ?p 3.55 3.65 ?r 4.50 5.50 s 5.30 5.50 5.70
STW72N60DM2AG revision history docid027314 rev 4 11 / 12 5 revision history table 10: document revision history date revision changes 27 - jan - 2015 1 first release. 14 - apr - 2015 2 text edits and formatting changes throughout document removed to - 247 long leads package data added section 2.1 electrical characteristics (curves) 01 - jul - 2015 3 text edits and formatting changes throughout document on cover page: - updated title and features in section electrical ratings: - updated table absolute maximum ratings in section electrical characteristics: - updated tables static, dynamic, switching times and source - drain diode updated section electrical characteristics (curves) 09 - dec - 2015 4 updated table 4: "avalanche characteristics" .
STW72N60DM2AG 12 / 12 docid027314 rev 4 important notice C please read carefully stmicroelectronics nv and its subsidiaries (st) reserve the right to make changes, corrections, enhancements, modifications , and improvements to st products and/or to this document at any time without notice. purchasers should obtain the latest relevant information on st products before placing orders. st products are sold pursuant to sts terms and conditions of sale in place at the time of or der acknowledgement. purchasers are solely responsible for the choice, selection, and use of st products and s t assumes no liability for application assistance or the design of purchasers products. no license, express or implied, to any intellectual property right is granted by st herein. resale of st products with provisions different from the information se t forth herein shall void any warranty granted by st for such product. st and the st logo are trademarks of st. all other product or service names are the property of their respective owners. information in this document supersedes and replaces information previously supplied in any prior versions of this document. ? 2015 stmicroelectronics C all rights reserved


▲Up To Search▲   

 
Price & Availability of STW72N60DM2AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X