04-5 pfm-cvs rev. a packing list pc/104 + module with intel? atom? n2600 processor intel? atom? n2600 dual core 1.6 ghz processor intel? atom? n2600 + nm10 204-pin ddr3 800/1066 mhz sodimm x 1, up to 2 gb 10/100/1000base-tx ethernet x 1 crt, 18-bit single channel lvds lcd sata 3.0 gb/s x 1 usb2.0 x 4, com x 4 pc/104 + slot, half-size msata x 1/ mini-card (optional) +12v only operation aaeon hi-safe sdk/utility supported ? 9657666600 jumper cap ? product cd ? pfm-cvs rev. a with heatsink optional accessories part number quantity 1702002010 (tf)power cable, 1 x 2p pitch=5.0mm housing, 10cm (12v only) 1 1709150151 (tf)crt cable, 1 x 13p pitch=1.25mm housing,15cm 1 1701010150 (tf)flat cable, 1 x 10p pitch=1.25mm housing, 15cm 1 1700100201 (tf)lan cable, rj45 10p 2.0mm housing, 20cm 1 1705050153 (tf)inverter cable, 1 x 5p pitch=1.5mm housing, 15cm 1 1700050207 (tf)usb cable, 1 x 5p pitch=1.25mm housing, 20cm 4 1701090150 (tf)flat cable, d-sub 9(m), 9p housing, 9p 1.25mm pitch housing, 15cm 4 1709070500 (tf)sata cable, 7p pitch 1.27mm, 50cm 1 1702150155 (tf)power cable, 15p sata (f), 2p 2.0mm housing (ph), 15cm 1 1701100155 (tf)flat cable, front panel 10p, pitch=1.25mm housing, 15cm 1 1703020156 (tf)buzzer cable, 2p, pitch=1.25mm housing, 15cm 1 ? 9681cvs000 (tf) cable kit for pfm-cvs-a10-10 cable kit system form factor pc/104+ cpu intel? atom? n2600 processor cpu frequency 1.6ghz chipset nm10 memory type sodimm ddr 3 max. memory capacity 2gb bios ami 32mb wake on lan yes watchdog timer 255 level power requirement 12v power supply type at / atx power consumption (typical) <15w (atom? 1.6 ghz, ddr3 1066 2gb) dimension (l x w) 3.55" x 3.77"(90mm x 96mm) operating temperature 32f ~ 140f (0c ~ 60c) -20f ~ 158f (-20c ~ 70c) -40f ~ 176f (-40c ~ 80c) (nice to have) storage temperature -40f ~ 176f (-40c ~ 80c) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) tbd certification ce/fcc class a display vga/lcd controller cedarview integration video output crt, lvds backlight inverter supply max. 12v i/o ethernet realtek rtl 8111e, 10/100/1000base-tx x 1 audio usb port usb 2.0 x 4 serial port rs232 x 3, rs232/422/485 x 1 parallel port hdd interface sata2 x 1 fdd interface ssd expansion slot pc/104 +, mini-card/msata pwm lcd support dio 8 bit tpm touch sata 3.0 gb/s x 1 lvds lan backlight inverter 8-bit dio crt pci-104 power pc/104 fan front panel (including buzzer) com x 4 usb x 4 battery sata power pc/104 modules features specifications note: all specifications are subject to change without notice. 04
04-6 pfm-cvs rev. a part number cpu ram fan/ fanless storage display lvds lan usb rs-232 rs-232/422/485 expansion slot power temp. tf-pfm-cvs-a10-10 intel? atom? n2600 sodimm fanless sata x 1, msata x 1 (half-size) crt + lvds 18b, 1ch gbe x 1 4 3 1 pc/104+ +12v, at/atx 0c ~ 60c tf-pfm-cvsw1-a10-10 intel? atom? n2600 sodimm fanless sata x 1, msata x 1 (half-size) crt + lvds 18b, 1ch gbe x 1 4 3 1 pc/104+ +12v, at/atx witas 1 (-20c ~ 70c) ordering information i n t el ? p c h n m 1 0 d m i i n t el ? p r o c esso r a t om n 2 6 0 0 ddr 3 s o - di mm c h a n n e l a 1 8 b i t l v ds v g a r g b l vd s f i nt e k s upe r i / o f 81866 d r s 232* 3 r s 232/422/ 48 5 * 1 h w mo n it o r di o 8b it b i o s s a t a i i us b 2 . 0 * 4 p c / 1 0 4 p c i t o i s a b r i dg e r e a l t e k g be e t he r ne t r t l 8111e r j - 4 5 mi n i c ar d / m s a t a s p i us b s a t a p c i e p c i e / s a t a / us b p c i - 1 0 4 p c i p c i i s a l p c block diagram dimension unit: mm www.aaeon.com note: all specifications are subject to change without notice.
|