Part Number Hot Search : 
LV1017 AEL60 CXH16 1N4942 CHUMA1PT BA622 BA622 QTLP600C
Product Description
Full Text Search
 

To Download NRE-SX680M25V63X7F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors low impedance, subminiature, radial leads, polarized aluminum electrolytic capacitors features ? very low impedance at high frequency ? low profile 7mm height ? wide temperature, -55 o c~ +105 o c nre-sx series characteristics lead spacing and diameter (mm) standard product and case size table d x l (mm) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 4.74r7----4x7 10 100 - - - 4x7 5x7 15 150 - - 4x7 5x7 6.3x7 22 220 - 4x7 5x7 5x7 6.3x7 33 330 - 5x7 - 6.3x7 6.3x7 47 470 5x7 5x7 6.3x7 6.3x7 6.3x7 68 680 - - - 6.3x7 - 100 101 - 6.3x7 6.3x7 6.3x7 - 150 151 - 6.3x7 6.3x7 - - 220 221 6.3x7 6.3x7 6.3x7 - - 330 331 6.3x7 ---- case dia. (d ) 4 5 6.3 lead dia. (d ) 0.45 0.45 0.45 lead spacing (f) 1.5 2.0 2.5 dim. 0.5 0.5 0.5 dim. 1.0 1.0 1.0 rated voltage range 6.3 ~ 35vdc capacitance range 0.47 ~ 330 f operating temperature range -55 ~ +105c capacitance tolerance 20%(m) max. leakage current after 1 minutes at +20c 0.01cv or 3 a, whichever is greater max. tan @ 120hz/+20c w.v. (vdc) 6.3 10 16 25 35 s.v. (vdc) 8 13 20 32 44 tan 0.24 0.20 0.18 0.14 0.12 low temperature stability impedance ratio @ 120hz z-40c/z+20c 3 2222 z-55c/z+20c 5 4433 load life test at rated w.v. +105c 1,000 hours capacitance change within 25% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nre-sx series standard products, case sizes and specifications d x l (mm) part number cap. ( f) w.v. (vdc) max. tan max. impedance 100khz/20c max. ripple current at 100khz/105c (ma rms) load life hours @ +105c nre-sx470m6.3v5 x 7f 47 6.3 0.24 0.49 0.49 1000 nre-sx221m6.3v6.3 x 7f 220 0.24 0.24 0.24 1000 nre-sx331m6.3v6.3 x 7f 330 0.24 0.29 0.29 1000 nre-sx220m10v4 x 7f 22 10 0.20 1.15 90 1000 nre-sx330m10v5 x 7f 33 0.20 0.49 160 1000 nre-sx470m10v5 x 7f 47 0.20 0.49 160 1000 nre-sx101m10v6.3 x 7f 100 0.20 0.24 280 1000 nre-sx151m10v6.3 x 7f 150 0.20 0.24 280 1000 nre-sx221m10v6.3 x 7f 220 0.20 0.29 280 1000 nre-sx150m16v4 x 7f 15 16 0.18 1.15 90 1000 nre-sx220m16v5 x 7f 22 0.18 0.49 160 1000 nre-sx470m16v6.3 x 7f 47 0.18 0.24 280 1000 nre-sx101m16v6.3 x 7f 100 0.18 0.24 280 1000 nre-sx151m16v6.3 x 7f 150 0.18 0.29 280 1000 nre-sx221m16v6.3 x 7f 220 0.18 0.29 280 1000 nre-sx100m25v4 x 7f 10 25 0.14 1.15 90 1000 nre-sx150m25v5 x 7f 15 0.14 0.49 160 1000 nre-sx220m25v5 x 7f 22 0.14 0.49 160 1000 nre-sx330m25v6.3 x 7f 33 0.14 0.24 280 1000 nre-sx470m25v6.3 x 7f 47 0.14 0.24 280 1000 nre-sx680m25v6.3 x 7f 68 0.14 0.24 280 1000 nre-sx101m25v6.3 x 7f 100 0.14 0.24 280 1000 nre-sx4r7m35v4 x 7f 4.7 35 0.12 1.15 90 1000 nre-sx100m35v5 x 7f 10 0.12 0.49 160 1000 nre-sx150m35v6.3 x 7f 15 0.12 0.29 280 1000 nre-sx220m35v6.3 x 7f 22 0.12 0.29 280 1000 nre-sx330m35v6.3 x 7f 33 0.12 0.29 280 1000 nre-sx470m35v6.3 x 7f 47 0.12 0.29 280 1000 part number system size (d ? x l) nre-sx 220 m 35v 6.3x7 series capacitance code tolerance code rated voltage f rohs compliant *see tape speci cation for details tb tb = tape & box*


▲Up To Search▲   

 
Price & Availability of NRE-SX680M25V63X7F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X