Part Number Hot Search : 
MBRS1 30N60A4 BL8596 MBT39 HAF2017L M500218 BDS12IG 10045
Product Description
Full Text Search
 

To Download MMBT2907A-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmbt2907a document number: ds30040 rev. 1 9 - 2 1 of 7 www.diodes.com april 2016 ? diodes incorporated mmbt2907a 60v pnp small signal transistor in sot23 features ? epitaxial planar die construction ? ideal for low power amplification and switching ? complementary npn type: mmbt2222a ? totally lead - free & fully rohs c ompliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec - q101 standards for high reliability ? ppap c apable (note 4) mechanical data ? case: sot23 ? case material: m olded plastic, ?green? compound ; ul flammability classification rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminals: finish ? matte tin plated leads, s olderabl e per mil - std - 202, method 208 ? weight: 0.008 grams ( a pproximate) ordering information (note s 4 & 5 ) product status compliance marking reel s ize (inches) tape w idth (mm) quantity p er r eel mmbt2907a - 7 - f active aec - q101 k2f 7 8 3,000 mmbt2907a - 13 - f active aec - q101 k2f 13 8 10,000 mmbt2907aq - 7 - f active automotive k2f 7 8 3,000 notes: 1. no purposely added lead. fully eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporated?s definitions of halogen - and antimony - free, "green" and lead - free. 3. halogen and antimony free "green? products are defined as those which contain < 900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. automotive products are aec - q101 qualified and are ppap capable. automotive, aec - q101 and standard products are electrically and thermally the same, exce pt where specified. for more information, please refer to http://www.diodes.com/product_compliance_definitions.html . 5. for packaging details, go to our website at http://www.diodes.com/products/packages.html. marking information date code key year 201 3 201 4 201 5 201 6 201 7 201 8 201 9 20 20 code a b c d e f g h month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d c e b top view sot23 device symbol k2f y m top view pin - out k2f = product type marking code ym = date code marking y or y = year (ex: d = 2016) m or m = month (ex: 9 = september) sot23
mmbt2907a document number: ds30040 rev. 1 9 - 2 2 of 7 www.diodes.com april 2016 ? diodes incorporated mmbt2907a absolute maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit collector - base voltage v cbo - 60 v collector - emitter voltage v ceo - 60 v emitter - base voltage v ebo - 6 .0 v collector current i c - 600 ma peak collector current i cm - 800 ma peak base current i b m - 200 ma thermal characteristics characteristic symbol value unit collector power dissipation (note 6) p d 310 m w (note 7) 350 thermal resistance, junction to ambient (note 6) r ja 403 c /w  (note 7) 357 thermal resistance, junction to leads (note 8) r jl 350 c /w  operating and storage temperature range t j, t stg - 5 5 to + 150 c esd ratings (note 9) characteristic symbol value unit jedec class electrostatic discharge - human body model esd hbm 4,000 v 3 a electrostatic discharge - machine model esd mm 400 v c note s : 6 . for a device mounted on minimum recommended pad layout 1oz copper that is on a single - sided fr - 4 pcb ; device is measured under still air conditions whilst operating in a steady - state. 7 . same as note 6 , except the device is mounted on 15 mm x 15mm 1oz copper. 8. thermal resistance from junction to solder - point (at the end of the leads). 9. refer to jedec specification jesd22 - a114 and jesd22 - a115.
mmbt2907a document number: ds30040 rev. 1 9 - 2 3 of 7 www.diodes.com april 2016 ? diodes incorporated mmbt2907a thermal characteristics and derat ing information 0 25 50 75 100 125 150 0.0 0.1 0.2 0.3 0.4 derating curve temperature ( o c) max power dissipation (w) 100 1m 10m 100m 1 10 100 1k 0 50 100 150 200 250 300 350 400 transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance ( o c/w) pulse width (s) 10m 100m 1 10 100 1k 0.1 1 10 single pulse. t a =25 o c pulse power dissipation pulse width (s) max power dissipation (w) 100
mmbt2907a document number: ds30040 rev. 1 9 - 2 4 of 7 www.diodes.com april 2016 ? diodes incorporated mmbt2907a electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min max unit test condition off characteristics collector - base breakdown voltage b v cbo - 60 ? v i c = - 10 0  a, i e = 0 collector - emitter breakdown voltage (note 10) b v ceo - 60 ? v i c = - 10ma, i b = 0 emitter - base breakdown voltage b v ebo - 6 .0 ? v i e = - 10 0  a, i c = 0 collector cut - o ff current i cbo ? - 10 na  a v cb = - 50v, i e = 0 v cb = - 50v, i e = 0, t a = + 125 c collector cut - o ff current i cex ? - 50 na v ce = - 30v, v eb(off) = - 0.5v base cut - o ff current i bl ? - 50 na v ce = - 30v, v eb(off) = - 0.5v emitter cut - off current i ebo ? - 50 na v e b = - 6 .0 v on characteristics (note 10 ) dc current gain h fe 75 100 100 100 50 ? ? ? 300 ? ? i c = - 100a, v ce = - 10v i c = - 1.0ma, v ce = - 10v i c = - 10ma, v ce = - 10v i c = - 150ma, v ce = - 10v i c = - 500ma, v ce = - 10v collector - emitter saturation voltage v ce (sat) ? - 0.4 - 1.6 v i c = - 150ma, i b = - 15ma i c = - 500ma, i b = - 50ma base - emitter saturation voltage v be( sat) ? - 1.3 - 2.6 v i c = - 150ma, i b = - 15ma i c = - 500ma, i b = - 50ma small signal characteristics output capacitance c obo ? 8.0 pf v cb = - 10v, f = 1.0mhz, i e = 0 input capacitance c ibo ? 30 pf v eb = - 2.0v, f = 1.0mhz, i c = 0 current gain - bandwidth product f t 200 ? mhz v ce = - 20v, i c = - 50ma, f = 100mhz switching characteristics turn - on time t on ? 45 ns v cc = - 30v, i c = - 150ma, i b1 = - 15ma delay time t d ? 10 ns rise time t r ? 40 ns turn - off time t off ? 100 ns v cc = - 6.0v, i c = - 150ma, i b1 = i b2 = - 15ma storage time t s ? 80 ns fall time t f ? 30 ns note: 10. 0hdvxuhgxqghusxovhgfrqglwlrqv3xovhzlgwk??v'xw\f\foh? .
mmbt2907a document number: ds30040 rev. 1 9 - 2 5 of 7 www.diodes.com april 2016 ? diodes incorporated mmbt2907a 1 10 1,000 100 -1 -10 -100 f , g ai n -ba n d w i d t h pr o d u c t (m h z ) t i , collector current (ma) fig. 4 typical gain-bandwidth product vs. collector current c v = -5v ce i , base current (ma) fig. 5 typical collector saturation region b v , c o l l e c t o r -em i t t er v o l t ag e (v ) c e -0.001 -0.01 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -0.1 -1 -10 -100 i = -1ma c i = -10ma c i = -30ma c i = -100ma c i = -300ma c c ap ac i t an c e (p f ) v , reverse voltage (v) fig. 6 typical r capacitance characteristics 0 5 10 15 20 25 30 35 0 2 4 6 8 10 12 14 16 18 20 cobo cibo f = 1mhz 0 - 0.1 - 0.2 - 0.3 - 0.6 - 0.5 - 0.4 - 1 - 10 - 100 - 1,000 i , collector current (ma) fig. 3 typical collector - emitter saturation voltage vs. collector current c v , c o l l e c t o r - e m i t t e r s a t u r a t i o n v o l t a g e ( v ) c e ( s a t ) i i c b = 10 t = 150c a t = 25c a t = - 50c a v ce(sat) , collector - emitter saturation voltage (v) - 0.2 - 0.3 - 0.4 - 0.5 - 0.6 - 0.7 - 0.8 - 0.9 - 1.0 - 0.1 - 1 - 10 - 100 v , b a s e - e m i t t e r s a t u r a t i o n v o l t a g e ( v ) b e ( o n ) i , collector current (ma) fig. 2 typical base - emitter saturation voltage vs. collector current c v = - 5v ce t = 150c a t = 25c a t = - 50c a v be(on) , base - emitter saturation voltage (v) 1 10 1,000 100 - 1 - 10 - 1,000 - 100 h , d c c u r r e n t g a i n f e i , collector current (ma) fig. 1 typical dc current gain vs. collector current c v = - 5v ce t = 150c a t = 25c a t = - 50c a h fe , dc current gain
mmbt2907a document number: ds30040 rev. 1 9 - 2 6 of 7 www.diodes.com april 2016 ? diodes incorporated mmbt2907a package outline dimensions please see http://www.diodes.com/package - outlines.html for the latest version. sot23 sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0.890 1.00 0.975 k1 0.903 1.10 1.025 l 0.45 0.61 0.55 l1 0.25 0.55 0.40 m 0.085 0.150 0.110 a 0 8 -- all dimensions in mm suggested pad layout please see http://www.diodes.com/package - outlines.html for the latest version. sot23 dimensions value (in mm) c 2.0 x 0.8 x1 1.35 y 0.9 y1 2.9 j k1 k l1 gauge plane 0.25 h l m all 7 a c b d g f a x y y1 c x1
mmbt2907a document number: ds30040 rev. 1 9 - 2 7 of 7 www.diodes.com april 2016 ? diodes incorporated mmbt2907a important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated does not assume any lia bility arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or pro ducts described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorpora ted does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales chann el. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall i ndemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized ap plication. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international or foreign trademarks. th is document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instruction s for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiven ess. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 6 , diodes incorporat ed www.diodes.com


▲Up To Search▲   

 
Price & Availability of MMBT2907A-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X