Part Number Hot Search : 
27C51 51264 NJM592D8 FC123 2SC828 MMBZ5235 STP413D BD944
Product Description
Full Text Search
 

To Download LP621024D-55LL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lp621024d series 128k x 8 bit cmos sram (august, 2001, version 1.0) 1 amic technology, inc. features n single +5v power supply n access times: 55/70 ns (max.) n current: very low power version: operating: 70ma (max.) standby: 25 m a (max.) n full static operation, no clock or refreshing required n all inputs and outputs are directly ttl - compatible n common i/o using three - state output n output enable and two chip enable inputs for easy application n data retention voltage: 2v (min.) n available in 32 - pin dip, sop tsop and tssop (8 x 13.4mm) packages general description the lp621024d is a low operating current 1,048,576 - bit static random access memory organized as 131,072 words by 8 bits and operates on a single 5v power supply. inputs and three - state outputs are ttl compatible and allow for direct interfacing with common system bus s tructures. two chip enable inputs are provided for power - down and device enable and an output enable input is included for easy interfacing. data retention is guaranteed at a power supply voltage as low as 2v. pin configurations n n dip n n sop n n tsop/(tss op) nc a16 a14 a12 a7 a6 a5 a4 a3 a2 a1 a0 i/o 1 i/o 2 i/o 3 i/o 4 gnd i/o 5 i/o 6 i/o 7 i/o 8 a10 a9 a8 a13 ce2 a15 vcc a11 lp621024d 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 oe nc a16 a14 a12 a7 a6 a5 a4 a3 a2 a1 a0 i/o 1 i/o 2 i/o 3 i/o 4 gnd i/o 5 i/o 6 i/o 7 i/o 8 a10 a9 a8 a13 ce2 a15 vcc a11 lp621024dm 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 oe lp621024dv (lp621024dx) 1 16 17 32 pin no. pin name pin no. pin name 1 2 a9 3 4 5 6 7 8 9 10 11 12 13 14 30 29 28 27 26 25 24 22 19 21 20 23 18 17 a8 a13 ce2 a15 vcc nc i/o 8 a16 a14 a12 a7 a6 a3 a2 a1 a0 i/o 1 i/o 2 gnd i/o 4 i/o 5 i/o 6 i/o 7 i/o 3 a11 we ce1 15 16 31 32 a5 a4 a10 oe ce1 we ce1 we
lp621024d series (august, 2001, version 1.0) 2 amic technology, inc. block diagram row decoder 512 x 2048 memory array input data circuit column i/o control circuit ce2 ce1 we i/o 8 i/o 1 a16 a15 a14 a0 vcc gnd oe pin descriptions - dip/sop pin no. symbol description 1 nc no connection 2 - 12, 23, 25 - 28, 31 a0 - a16 address inputs 13 - 15, 17 - 21 i/o 1 - i/o 8 data input/outputs 16 gnd ground 22 ce1 chip enable 24 oe output enable 29 we write enable 30 ce2 chip enable 32 vcc power supply (+5v) pin description - tsop/tssop pin no. symbol description 1 - 4, 7, 10 - 20, 31 a0 - a16 address inputs 5 we write enable 6 ce2 chip enable 8 vcc power supply 9 nc no connection 21 - 23, 25 - 29 i/o 1 - i/o 8 data input/outputs 24 gnd ground 30 ce1 chip enable 32 oe output enable
lp621024d series (august, 2001, version 1.0) 3 amic technology, inc. recommended dc operating conditions (t a = 0 c to + 70 c) symbol parameter min. typ. max. unit supply voltage 4.5 5.0 5.5 v gnd ground 0 0 0 v v ih input high voltage 2.2 3.5 vcc + 0.3 v v il input low voltage - 0.3 0 +0.8 v c l output load - - 30 pf ttl output load - - 1 - absolute maximum ratings* vcc to gnd ................................ ............. - 0.5v to + 7.0v in, in/out volt to gnd ................... - 0.5v to vcc + 0.5v operating temperature, topr ..................... 0 c to + 70 c storage temperature, tstg .................... - 55 c to + 125 c temperature under bias , tbias ............... - 10 c to + 85 c power dissipation, p t ................................ ............... 0.7w soldering temp. & time ............................. 260 c, 10 sec *comments stresses above those listed under "absolute maximum ratings" may cause permanent damage to this device. these are stress ratings only. functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. exposure to the absolute maximum rating conditions for extended periods may affect device reliability. dc electrical characteristics (t a = 0 c to + 70 c, vcc = 5v 10%, gnd = 0v) symbol parameter lp621024d - 55ll lp621024d - 70ll unit conditions min. max. min. max. ? i li input leakage current - 1 - 1 m a v in = gnd to vcc ? i lo output leakage current - 1 - 1 m a ce1 = v ih or ce2 = v il or oe = v ih or we = v il v i/o = gnd to vcc i cc active power supply current - 15 - 15 ma ce1 = v il , ce2 = v ih i i/o = 0ma i cc1 dynamic op erating - 70 - 70 ma min. cycle, duty = 100% ce1 = v il , ce2 = v ih i i/o = 0ma i cc2 current - 15 - 15 ma ce1 = v il , ce2 = v ih v ih = vcc, v il = 0v f = 1mh z, i i/o = 0ma
lp621024d series (august, 2001, version 1.0) 4 amic technology, inc. dc electrical characteristics (continued) symbol parameter lp621024d - 55ll lp621024d - 70ll unit conditions min. max. min. max. i sb - 2 - 2 ma ce1 = v ih or ce2 =v il i sb1 standby power supply current - 25 - 25 m a ce1 3 vcc - 0.2v ce2 3 vcc - 0.2v v in 3 0v i sb2 - 25 - 25 m a ce2 0.2v v in 3 0v v ol output low voltage - 0.4 - 0.4 v i ol = 2.1ma v oh output high voltage 2.4 - 2.4 - v i oh = - 1.0ma truth table mode ce1 ce2 oe we i/o operation supply current standby h x x x high z i sb , i sb1 x l x x high z i sb , i sb2 output disable l h h h high z i cc, i cc1, i cc2 read l h l h d out i cc, i cc1, i cc2 write l h x l d in i cc, i cc1, i cc2 note: x = h or l capacitance (t a = 25 c, f = 1.0mhz) symbol parameter min. max. unit conditions c in * input capacitance 6 pf v in = 0v c i/o * input/output capacitance 8 pf v i/o = 0v these parameters are sampled and not 100% tested.
lp621024d series (august, 2001, version 1.0) 5 amic technology, inc. ac charact eristics (t a = 0 c to + 70 c, vcc = 5v 10%) symbol parameter lp621024d - 55ll lp621024d - 70ll unit min. max. min. max. read cycle t rc read cycle time 55 - 70 - ns t aa address access time - 55 - 70 ns t ace1 chip enable access time ce1 - 55 - 70 ns t ace2 ce2 - 55 - 70 ns t oe output enable to output valid - 30 - 35 ns t clz1 chip enable to output in low z ce1 10 - 10 - ns t clz2 ce2 10 - 10 - ns t olz output enable to output in low z 5 - 5 - ns t chz1 chip di sable to output in high z ce1 0 20 0 25 ns t chz2 ce2 0 20 0 25 ns t ohz output disable to output in high z 0 20 0 25 ns t oh output hold from address change 5 - 5 - ns write cycle t wc write cycle time 55 - 70 - ns t cw chip enable t o end of write 50 - 60 - ns t as address setup time 0 - 0 - ns t aw address valid to end of write 50 - 60 - ns t wp write pulse width 40 - 50 - ns t wr write recovery time 0 - 0 - ns t whz write to output in high z 0 25 0 30 ns t dw data to write time over lap 25 - 30 - ns t dh data hold from write time 0 - 0 - ns t ow output active from end of write 5 - 5 - ns notes: t chz1 , t chz2 , t ohz , and t whz are defined as the time at which the outputs achieve the open circuit condition and are not referred to output voltage levels.
lp621024d series (august, 2001, version 1.0) 6 amic technology, inc. timing waveforms read cycle 1 (1, 2, 4) t rc t oh t aa t oh address d out read cycle 2 (1, 3, 4, 6) t clz1 5 t ace1 t chz1 5 ce1 d out read cycle 3 (1, 4, 7, 8) t clz2 5 t ace2 t chz2 5 ce2 d out
lp621024d series (august, 2001, version 1.0) 7 amic technology, inc. timing waveforms (continued) read cycle 4 (1) t rc address ce2 d out t aa t oe t olz 5 t ace1 t clz1 5 t ace2 t clz2 5 t chz2 5 t ohz 5 t chz1 5 t oh oe ce1 notes: 1. we is high for read cycle. 2. device is continuously enabled ce1 = v il and ce2 = v ih . 3. address valid prior to or coincident with ce1 transition low. 4. oe = v il . 5. transition is measured 500mv from steady state. this parameter is sampled and not 100% tested. 6. ce2 is high. 7. ce1 is low. 8. address valid prior to or coincident with ce2 transition high.
lp621024d series (august, 2001, version 1.0) 8 amic technology, inc. timing waveforms (continued) write cycle 1 (6) (write enable controlled) t wc address ce1 ce2 d in t ow t dh t dw t whz t wp 2 t as 1 (4) t cw 5 t aw t wr 3 we d out (4)
lp621024d series (august, 2001, version 1.0) 9 amic technology, inc. timing waveforms (continued) write cycle 2 (chip enable controlled) t wc address ce1 ce2 d in t dh t dw (4) (4) t cw 5 t aw t wr 3 we d out t whz 7 t wp 2 t cw 5 t as 1 notes: 1. t as is measured from the address valid to the beginning of write. 2. a write occurs during the overlap (t wp ) of a low ce1 , a high ce2 and a low we . 3. t wr is measured from the earliest of ce1 or we going high or ce2 going low to the end of the write cycle. 4. if the ce1 low transition or the ce2 high transition occurs simultaneously with the we low transition or after the we transition, outputs remain in a high impedance state. 5. t cw is measured from the later of ce1 going low or ce2 going high to the end of write. 6. oe is continuously low. ( oe = v il ) 7. transition is measured 500mv from steady state. this parameter is sampled and not 100% tested.
lp621024d series (august, 2001, version 1.0) 10 amic technology, inc.
lp621024d series (august, 2001, version 1.0) 11 amic technology, inc. low vcc data retention waveform (1) ( ce1 controlled) vcc ce1 t cdr v ih 4.5v t r v ih 4.5v data retention mode v dr 3 2v ce1 3 v dr - 0.2v low vcc data retention waveform (2) (ce2 controlled) vcc ce2 t cdr v il 4.5v t r v il 4.5v data retention mode v dr 3 2v ce2 < 0.2v
lp621024d series (august, 2001, version 1.0) 12 amic technology, inc. ordering information part no. access tim e (ns) operating current max. (ma) standby current max. ( m m a) package lp621024d - 55ll 70 25 32l dip lp621024dm - 55ll 55 70 25 32l sop lp621024dv - 55ll 70 25 32l tsop lp621024dx - 55ll 70 25 32l tssop lp621024d - 70ll 70 25 32l dip lp621024dm - 70ll 70 70 25 32l sop lp621024dv - 70ll 70 25 32l tsop lp621024dx - 70ll 70 25 32l tssop
lp621024d series (august, 2001, version 1.0) 13 amic technology, inc. package information p - dip 32l outline dimensions unit: inches/mm 1 32 e 1 s a 2 a l e e a d c a b 1 b a 1 base plane seating plane 16 17 e 1 symbol dimensions in inches dimensions in mm a 0.210 max. 5.33 max. a 1 0.010 mi n. 0.25 min. a 2 0.1550.010 3.940.25 b 0.018 +0.004 0.46 +0.10 - 0.002 - 0.05 b 1 0.050 +0.004 1.27 +0.10 - 0.002 - 0.05 c 0.010 +0.004 0.25 +0.11 - 0.002 - 0.05 d 1.650 typ. (1.670 max.) 41.91 typ. (42.42 max.) e 0.6000.010 15.240.25 e 1 0.5 50 typ. (0.562 max.) 13.97 typ. (14.27 max.) e 1 0.1000.010 2.540.25 l 0.1300.010 3.300.25 a 0 ~ 15 0 ~ 15 e a 0.6550.035 16.640.89 s 0.090 max. 2.29 max. notes: 1. the maximum value of dimension d includes end flash. 2. dimension e 1 does not include resin fins. 3. dimension s includes end flash.
lp621024d series (august, 2001, version 1.0) 14 amic technology, inc. package information sop (w.b.) 32l outline dimensions unit: inches/mm 1 e h e l l e c 16 see detail f detail f 17 32 e 1 e 1 a 1 a 2 a s d seating plane d y e b ~ ~ symbol dimensions in inches dimensions in mm a 0.118 max. 3.00 max. a 1 0.004 min. 0.10 min. a 2 0.1 060.005 2.690.13 b 0.016 +0.004 0.41 +0.10 - 0.002 - 0.05 c 0.008 +0.004 0.20 +0.10 - 0.002 - 0.05 d 0.805 typ. (0.820 max.) 20.45 typ. (20.83 max.) e 0.4450.010 11.300.25 e 0.050 0.006 1.270.15 e 1 0.525 nom. 13.34 nom. h e 0.5560.010 14. 120.25 l 0.0310.008 0.790.20 l e 0.0550.008 1.400.20 s 0.044 max. 1.12 max. y 0.004 max. 0.10 max. q 0 ~ 10 0 ~ 10 notes: 1. the maximum value of dimension d includes end flash. 2. dimension e does not include resin fins. 3. dimension e 1 is f or pc board surface mount pad pitch design reference only. 4. dimension s includes end flash.
lp621024d series (august, 2001, version 1.0) 15 amic technology, inc. package information tsop 32l type i (8 x 20mm) outline dimensions unit: inches/mm e l e l gauge plane a a 2 c 0.25 bsc detail "a" d y detail "a" s a 1 b h d d e 0.10(0.004) m 12.0 q symbol dimensions in inches dimensions in mm a 0.047 max. 1.20 max. a 1 0.0040.002 0.100.05 a 2 0.0390.002 1.000.05 b 0.0080.001 0.200.03 c 0.0060.001 0.150.02 d 0.7240.004 18.400.10 e 0.3150.004 8.000.10 e 0.020 typ. 0.50 typ. h d 0.7870.007 20.000.20 l 0.0200.004 0.500.10 l e 0 .031 typ. 0.80 typ. s 0.0167 typ. 0.425 typ. y 0.004 max. 0.10 max. q 0 ~ 6 0 ~ 6 notes: 1. the maximum value of dimension d includes end flash. 2. dimension e does not include resin fins. 3. dimension e 1 is for pc board surface mount pad pitch des ign reference only. 4. dimension s includes end flash.
lp621024d series (august, 2001, version 1.0) 16 amic technology, inc. package information tssop 32l type i (8 x 13.4mm) outline dimensions unit: inches/mm e detail "a" d 0.10mm detail "a" s b d 1 e d l e l gauge plane a a 2 c 0.25 bsc detail "a" a 1 seating plane 12.0 q symbol dimensions in inches dimensions in mm a 0.049 max. 1.25 max. a 1 0.002 min. 0.05 min. a 2 0.0390.002 1.000.05 b 0.0080.001 0.200.03 c 0.0060.0003 0.150.008 e 0.3150.004 8.000.10 e 0.020 typ. 0.50 typ. d 0.5280.008 13.400.20 d 1 0.4650.004 11.800.10 l 0.020.008 0.500.20 l e 0.0266 min. 0.675 min. s 0.0109 typ. 0.278 typ. y 0.004 max. 0.10 max. q 0 ~ 6 0 ~ 6 notes: 1. the maximum value of dimension d includes end flash. 2. dimension e does not include resin fins. 3. dimension e 1 is for pc board surface mount pad pitch design reference only. 4. dimensio n s includes end flash.


▲Up To Search▲   

 
Price & Availability of LP621024D-55LL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X