Part Number Hot Search : 
AN1702 TX14D SSL310 DPT10 HPR1001H 1N5232B PN4117A T351513
Product Description
Full Text Search
 

To Download JTM2024D15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc-dc specification 20 watts ? 4:1 input range ? -40 c to +100 c operating temperature ? single & dual outputs ? overvoltage & overcurrent protection ? high efficiency - up to 91% ? standard remote on/off ? 1600 vdc isolation jtm20 series input input voltage range ? 24 v (9-36 vdc) 48 v (18-75 vdc) input current ? see table undervoltage lockout ? 24 v models: on 8.6 v, off 7.9 v typical 48 v models: on 17.8 v, off 16 v typical input surge ? 24 v models 50 vdc for 100 ms 48 v models 100 vdc for 100 ms output output voltage ? see table output voltage trim ? 10% voltage balance ? 1% max dual models, balanced load minimum load ? no minimum load required for single output models, 10% required for dual output models line regulation ? 0.5% max load regulation ? single output models: 0.5% max dual output models: 1% max balanced outputs cross regulation ? 5% for dual outputs, see note 2 setpoint accuracy ? 1% start up time ? 20 ms typical ripple & noise ? single output models: 75 mv pk-pk dual output models: 75 mv pk-pk at 20 mhz bw, see note 3 transient response ? 3% max deviation, recovery to within 1% in <250 s for a 25% load change temperature ? 0.02%/c coefficient overvoltage protection ? 3.3 v models: 3.9 v typical 5 v models: 6.2 v typical 12 v models: 15 v typical 15 v models: 18 v typical 5 v models: 6.2 v typical 12 v models: 15 v typical 15 v models: 18 v typical overload protection ? >120% short circuit protection ? trip & restart (hiccup mode), auto recovery remote on/off ? on = logic high (<3.0 v) or open off = logic low (<1.2 v) or short pin 2 to 6 see note 5 xppower.com general efficiency ? see table isolation ? 1600 vdc input to output 1600 vdc input to case 1600 vdc output to case switching frequency ? 330 khz typical mtbf ? 560 khrs min per mil-hdbk-217f environmental operating temperature ? -40 c to +105 c, see derating curve case temperature ? +105 c max cooling ? convection-cooled operating humidity ? 5-95% rh, non-condensing storage temperature ? -40 c to +125 c emc & safety emissions ? en55022, class a conducted & radiated with external components - see application notes esd immunity ? en61000-4-2, level 2 perf criteria b radiated immunity ? en61000-4-3 10 v/rms, perf criteria a eft/burst ? en61000-4-4 level 3, perf criteria b* surge ? en61000-4-5 level 2, perf criteria b* conducted immunity ? en61000-4-6 10 v/m,perf criteria a magnetic field ? en61000-4-8 1 a/m, perf criteria a safety approvals ? en60950-1, iec60950-1 *see note 4.
27-nov-08 dc-dc jtm20 models and ratings input voltage output voltage output current input current (1) maximum capacitive load efficiency model number no load full load 9-36 vdc 3.3 vdc 5.500 a 50 ma 879 ma 10,000 f 89% jtm2024s3v3 5.0 vdc 4.000 a 50 ma 957 ma 6,800 f 91% jtm2024s05 12.0 vdc 1.670 a 22 ma 980 ma 1,000 f 89% jtm2024s12 15.0 vdc 1.330 a 22 ma 968 ma 680 f 89% jtm2024s15 5.0 vdc 2.000 a 65 ma 969 ma 2,200 f 89% jtm2024d05 12.0 vdc 0.835 a 25 ma 980 ma 470 f 88% jtm2024d12 15.0 vdc 0.665 a 25 ma 980 ma 330 f 89% JTM2024D15 18-75 vdc 3.3 vdc 5.500 a 30 ma 440 ma 10,000 f 89% jtm2048s3v3 5.0 vdc 4.000 a 30 ma 473 ma 6,800 f 91% jtm2048s05 12.0 vdc 1.670 a 15 ma 484 ma 1,000 f 89% jtm2048s12 15.0 vdc 1.330 a 15 ma 484 ma 680 f 89% jtm2048s15 5.0 vdc 2.000 a 40 ma 484 ma 2,200 f 89% jtm2048d05 12.0 vdc 0.835 a 15 ma 490 ma 470 f 88% jtm2048d12 15.0 vdc 0.665 a 15 ma 490 ma 330 f 89% jtm2048d15 notes 1. input currents specified at nominal 24 v or 48 v input. 2. cross regulation is 5% when one output is at 100% and the other is varied between 25% and 100%. 3. measured with 1 f ceramic capacitor across output rails. 4. external input capacitor required nippon chemi-con ky series 220 f/100 v or equivalent. 5. non-standard versions can have remote on/off function and pin removed. 1.00 (25.40) 2.00 (50.80) 0.60 (15.24) 0.80 (20.32) 0.60 (15.24) 0.40 (10.16) 0.20 (5.08) 0.40 (10.16) 0.10 (2.54) 0.40 (10.16) 0.40 (10.16) 0.10 (2.54) 3 4 12 6 5 bottom view 0.40 (10.16) dia. 0.04 (1.00) 0.20 (5.08) min mechanical details application notes all dimensions are in inches (mm) weight: 0.07 lbs (30 g) -40 -20 0 10 20 30 40 50 60 70 80 90 100 110 20 40 60 80 100 ambient temperature (o) load (%) 0 derating curve external output trim trim up 4 5 trim down 3 4 pin connections pin single dual 1 +vin +vin 2 -vin -vin 3 +vout +vout 4 trim com 5 -vout -vout 6 remote on/off remote on/off remote on/off control standard rof logic is positive. output on >3.0 vdc or open circuit output off <1.2 vdc or short circuit pins 2 & 6 notes 1. all dimensions are in inches (mm). 2. pin diameter: 0.04 0.002 (1.0 0.05) 3. pin pitch tolerance: 0.014 (0.35) 4. case tolerance: 0.02 (0.5) input filter dc/dc converter +vin +vout load c1 c2 l -vin -vout model c1 l c2 24 vdc 2.2 f, 100 v 12 h 2.2 f, 100 v 48 vdc 2.2 f, 100 v 12 h 2.2 f, 100 v


▲Up To Search▲   

 
Price & Availability of JTM2024D15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X