Part Number Hot Search : 
SMCJ58 TDA8751T HIN202 PN4119 B2268 MAX11136 ISP1105W 2N3980
Product Description
Full Text Search
 

To Download IXCP10M35S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2000 ixys all rights reserved switchable current regulators symbol test condition maximum ratings v akr t j = 25 c to 150 c 10m35s 350 v 10m45s 450 v v agr t j = 25 c to 150 c 10m35s 350 v v agr 10m45s 450 v v gk 20 v i d t c = 25 c -0.3 a p d t c = 25 c40w t j -55 ... +150 c t stg -55 ... +150 c t l temperature for soldering (max. 10 s) 260 c m d mounting torque with screw m3 (to-220) 0.45/4 nm/lb.in. with screw m3.5 (to-220) 0.55/5 nm/lb.in. symbol test condition characteristic values (t j = 25 c unless otherwise specified) min. typ. max. v akr r k = 300 ?, (fig. 4) 10m35s 350 v 10m45s 450 v i a(p) v d = 10 v; r k = 300 ?; (fig. 5) 7 10 15 ma v g(off) i d = 100 a; v d = 300 v 10m35s -5 v i d = 100 a; v d = 400 v 10m45s -5 v fig. 4 i av v d = 300 v; v gk = -10 v 10m35s 25 a v d = 400 v; v gk = -10 v 10m45s 25 a fig. 4 ? ? ? ? ? v ak / ? ? ? ? ? i a(p dynamic resistance; v d = 10 v 10 k ? r k = 300 ?; (fig. 4) r thjc thermal resistance junction-to-case 3.1 k/w r thja thermal resistance junction-to-ambient to-220 80 k/w to-252 100 k/w pin connections 1 = g, control terminal; 2 and 4 = a (+) positive terminal 3 = k (-), negative terminal to-252 aa (ixcy) features  minimum of 350/450 v breakdown  resistor programmable current source  40 w continuous dissipation  international standard packages jedec to-220 and to-252  on/off switchable current source applications  start-up circuits for smps  highly stable voltage sources  surge limiters and voltage protection  instantaneously reacting resetable fuses  soft start-up circuits g to-220 ab (ixcp) k a g k a a 98704b (05/00) ixcp 10m35s ixcy 10m35s ixcp 10m45s ixcy 10m45s v ak = 350/450 v i a(p) = 2 - 100 ma r dyn = 9 - 900 k ? ? ? ? ?
ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 ixys reserves the right to change limits, test conditions, and dimensions. v gs - volts -3.5 -3.0 -2.5 -2.0 -1.5 -1.0 i d(p) - milliamperes 0.1 1 10 100 1000 series resistor r x - ohms 10 100 1000 10000 i d(p) - milliamperes 1 10 100 fig. 3. current regulator controlled by v g fig. 4. plateau current versus applied input voltage fig. 1 resistor r k in series with negative pin to achieve different current levels fig. 2. plateau current versus external resistance a (+) g r k k (-) i d(p) v d to-220 ab outline to-252 aa outline dim. millimeter inches min. max. min. max. a 2.19 2.38 0.086 0.094 a1 0.89 1.14 0.035 0.045 a2 0 0.13 0 0.005 b 0.64 0.89 0.025 0.035 b1 0.76 1.14 0.030 0.045 b2 5.21 5.46 0.205 0.215 c 0.46 0.58 0.018 0.023 c1 0.46 0.58 0.018 0.023 d 5.97 6.22 0.235 0.245 d1 4.32 5.21 0.170 0.205 e 6.35 6.73 0.250 0.265 e1 4.32 5.21 0.170 0.205 e 2.28 bsc 0.090 bsc e1 4.57 bsc 0.180 bsc h 9.40 10.42 0.370 0.410 l 0.51 1.02 0.020 0.040 l1 0.64 1.02 0.025 0.040 l2 0.89 1.27 0.035 0.050 l3 2.54 2.92 0.100 0.115 g i d(p) a (+) k (-) v gk v d ixcp 10m35s ixcy 10m35s ixcp 10m45s ixcy 10m45s


▲Up To Search▲   

 
Price & Availability of IXCP10M35S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X