Part Number Hot Search : 
000MT N4003 AN817 S78L10 1013N BL55022 A1205 NTE60
Product Description
Full Text Search
 

To Download IR2101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary data sheet no. pd60043j typical connection features floating channel designed for bootstrap operation fully operational to +600v tolerant to negative transient voltage dv/dt immune gate drive supply range from 10 to 20v undervoltage lockout 5v schmitt-triggered input logic matched propagation delay for both channels outputs in phase with inputs (IR2101/IR21014) or out of phase with inputs (ir2102/ir21024) description the IR2101/IR21014/ir2102/ir21024 are high v oltage, high speed power mosfet and igbt driv ers with in- dependent high and low side referenced output chan- nels. proprietary hvic and latch im mune cmos tech- nologies enable ruggedized monolithic construction. the logic input is compatible with standard cmos or lsttl output. the output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduc- tion. the floating channel can be used to drive an n- channel power mosfet or igbt in the high side con- figuration which operates up to 600 v olts. high and low side driver packages product summary v offset 600v max. i o +/- 130 ma / 270 ma v out 10 - 20v t on/off (typ.) 160 & 150 ns delay matching 50 ns v cc v b v s ho lo com hin lin lin hin up to 600v to load v cc v cc v b v s ho lo com hin lin lin hin up to 600v to load v cc IR2101 ir2102 IR2101/IR21014 ir2102/ir21024 8 lead soic 14 lead soic 14 lead pdip 8 lead pdip
2 IR2101/IR21014/ir2102/ir21024 symbol definition min. max. units v b high side floating supply voltage -0.3 625 v s high side floating supply offset voltage v b - 25 v b + 0.3 v ho high side floating output voltage v s - 0.3 v b + 0.3 v cc low side and logic fixed supply voltage -0.3 25 v lo low side output voltage -0.3 v cc + 0.3 v in logic input voltage (hin & lin) -0.3 v cc + 0.3 dv s /dt allowable offset supply voltage transient 50 v/ns p d package power dissipation @ t a +25c (8 lead pdip) 1.0 (8 lead soic) 0.625 (14 lead pdip) 1.6 (14 lead soic) 1.0 rth ja thermal resistance, junction to ambient (8 l ead pdip) 125 (8 lead soic) 200 (14 lead pdip) 75 (14 lead soic) 120 t j junction temperature 150 t s storage temperature -55 150 t l lead temperature (soldering, 10 seconds) 300 absolute maximum ratings absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. all voltage param- eters are absolute voltages referenced to com. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. w c/w v symbol definition min. max. units v b high side floating supply absolute voltage v s + 10 v s + 20 v s high side floating supply offset voltage note 1 600 v ho high side floating output voltage v s v b v cc low side and logic fixed supply voltage 10 20 v lo low side output voltage 0 v cc v in logic input voltage (hin & lin) (IR2101) & (hin & lin) (ir2102) 0 v cc t a ambient temperature -40 125 note 1: logic operational for v s of -5 to +600v. logic state held for v s of -5v to -v bs . recommended operating conditions the input/output logic timing diagram is shown in figure 1. for proper operation the device should be used within the recommended conditions. the v s offset rating is tested with all supplies biased at 15v differential. c v c
3 IR2101/IR21014/ir2102/ir21024 symbol definition min. typ. max. units test conditions v ih logic 1 input voltage (IR2101) logic 0 input voltage (ir2102) v il logic 0 input voltage (IR2101) logic 1input voltage (ir2102) v oh high level output voltage, v bias - v o 100 i o = 0a v ol low level output voltage, v o 100 i o = 0a i lk offset supply leakage current 50 v b = v s = 600v i qbs quiescent v bs supply current 30 55 v in = 0v or 5v i qcc quiescent v cc supply current 150 270 v in = 0v or 5v i in+ logic 1 input bias current i in- logic 0 input bias current v ccuv+ v cc supply undervoltage positive going 8 8.9 9.8 threshold v ccuv- v cc supply undervoltage negative going 7.4 8.2 9 threshold i o+ output high short circuit pulsed current 130 210 v o = 0 v v in = logic 1 pw 10 s i o- output low short circuit pulsed current 270 360 v o = 15v v in = logic 0 pw 10 s symbol definition min. typ. max. units test conditions t on turn-on propagation delay 160 220 v s = 0v t off turn-off propagation delay 150 220 v s = 600v t r turn-on rise time 100 170 ns t f turn-off fall time 50 90 mt delay matching, hs & ls turn-on/off 50 static electrical characteristics v bias (v cc , v bs ) = 15v and t a = 25c unless otherwise specified. the v in , v th and i in parameters are referenced to com. the v o and i o parameters are referenced to com and are applicable to the respective output leads: ho or lo. dynamic electrical characteristics v bias (v cc , v bs ) = 15v, c l = 1000 pf and t a = 25c unless otherwise specified. v ma 3 v cc = 10v to 20v v 0.8 v cc = 10v to 20v mv a 3 10 1 v in = 5v (IR2101) v in = 5v (ir2102) v in = 0v (IR2101) v in = 0v (ir2102)
4 IR2101/IR21014/ir2102/ir21024 functional block diagram pulse gen hin uv detect lin com ho v s v cc lo v b r q s pulse filter hv level shift IR2101/IR21014 ir2102/ir21024 pulse gen hin uv detect lin com ho v s v cc lo v b r q s pulse filter hv level shift v cc v cc 15v 15v
5 IR2101/IR21014/ir2102/ir21024 lead definitions symbol description hin logic input for high side gate driver output (ho), in phase (IR2101) hin logic input for high side gate driver output (ho), out of phase (ir2102) lin logic input for low side gate driver output (lo), in phase (IR2101) lin logic input for low side gate driver output (lo), out of phase (ir2102) v b high side floating supply ho high side gate drive output v s high side floating supply return v cc low side and logic fixed supply lo low side gate drive output com low side return 14 lead pdip 14 lead soic IR21014 IR21014s lead assignments IR2101 8 lead pdip 8 lead soic IR2101 IR2101s 1 2 3 4 5 6 7 1 4 13 12 11 10 9 8 v cc hin lin com lo v b ho v s 1 2 3 4 5 6 7 14 13 12 11 10 9 8 v cc hin lin com lo v b ho v s
6 IR2101/IR21014/ir2102/ir21024 8 lead pdip 8 lead soic ir2102 ir2102s 14 lead pdip 14 lead soic ir21024 ir21024s 1 2 3 4 5 6 7 14 13 12 11 10 9 8 v cc hin lin com lo v b ho v s 1 2 3 4 5 6 7 14 13 12 11 10 9 8 v cc hin lin com lo v b ho v s lead assignments ir2102
7 IR2101/IR21014/ir2102/ir21024 8 lead pdip 01-3003 01 8 lead soic 01-0021 08
8 IR2101/IR21014/ir2102/ir21024 01-3002 03 14 lead pdip 01-3063 00 14 lead soic (narrow body)
9 IR2101/IR21014/ir2102/ir21024 figure 2. switching time waveform definitions hin lin t r t on t f t off ho lo 50% 50% 90% 90% 10% 10% hin lin 50% 50% figure 1. input/output timing diagram hin lin ho lo hin lin figure 3. delay matching waveform definitions hin lin ho 50% 50% 10% lo 90% mt ho lo mt hin lin 50% 50%
10 IR2101/IR21014/ir2102/ir21024 figure 6a. turn-on time vs voltage figure 6b. turn-on time vs voltage figure 7a. turn-off time vs temperature figure 7b. turn-off time vs voltage figure 9a. turn-on rise time vs temperature figure 9b. turn-on rise time vs voltage temperature (c) vbias supply voltage (v) temperature (c) vbias supply voltage (v) temperature (c) vbias supply voltage (v) 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 turn-on delay time (ns) max . t y p. 0 100 200 300 400 500 10 12 14 16 18 20 turn-on delay time (ns) ma x . typ. 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 max. ty p. turn-off delay time (ns) 0 100 200 300 400 500 10 12 14 16 18 20 ma x . ty p. turn-off delay time (ns) 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 max . ty p. turn-on rise time (ns) 0 100 200 300 400 500 10 12 14 16 18 20 max. ty p. turn-on rise time (ns)
11 IR2101/IR21014/ir2102/ir21024 figure 10a. turn-off fall time vs temperature temperature (c) vbias supply voltage (v) figure 10b. turn-off fall time vs voltage temperature (c) figure 12a. logic "1" input voltage (IR2101) logic "0" input voltage (ir2102) vs temperature figure 12b. logic "1" input voltage (IR2101) logic "0" input voltage (ir2102) vs voltage figure 13a. logic "0" input voltage (IR2101) logic "1" input voltage (ir2102) vs temperature temperature (c) vcc supply voltage (v) figure 13b. logic "0" input voltage (IR2101) logic "1" input voltage (ir2102) vs voltage 0 0.8 1.6 2.4 3.2 4 10 12 14 16 18 20 input voltage (v) ma x . 0 0.8 1.6 2.4 3.2 4 -50 -25 0 25 50 75 100 125 input voltage (v ) max . 0 1 2 3 4 5 6 7 8 -50 -25 0 25 50 75 100 125 input voltage (v ) min. turn-off fall time (ns) turn-off fall time (ns) 0 50 100 150 200 -50 -25 0 25 50 75 100 125 max . ty p. 0 50 100 150 200 10 12 14 16 18 20 max . ty p. turn-off fall time (ns) 0 1 2 3 4 5 6 7 8 10 12 14 16 18 20 input voltage (v ) min. vcc supply voltage (v)
12 IR2101/IR21014/ir2102/ir21024 temperature (c) vcc supply voltage (v) figure 14a. high level output vs temperature figure 14b. high level output vs voltage 0 0.2 0.4 0.6 0.8 1 10 12 14 16 18 20 max . high level output voltage (v) figure 15a. low level output vs temperature temperature (c) vcc supply voltage (v) figure 15b. low level output vs voltage offset supply leakage current ( m a) temperature (c) figure 16a. offset supply current vs temperature low level output voltage (v) 0 0.2 0.4 0.6 0.8 1 10 12 14 16 18 20 max . offset supply leakage current ( m a) 0 100 200 300 400 500 0 100 200 300 400 500 600 max . figure 16b. offset supply current vs voltage vb boost voltage (v) 0 0.2 0.4 0.6 0.8 1 -50 -25 0 25 50 75 100 125 max. high level output voltage (v) 0 0.2 0.4 0.6 0.8 1 -50 -25 0 25 50 75 100 125 max. low level output voltage (v) 0 100 200 300 400 500 -50-25 0 25 50 75100125 max .
13 IR2101/IR21014/ir2102/ir21024 figure 17a. v bs supply current vs temperature figure 17b. v bs supply current vs voltage vbs floating supply voltage (v) figure 18a. vcc supply current vs temperature vcc supply current ( m a) temperature (c) temperature (c) vcc supply current ( m a) figure 18b. vcc supply current vs voltage vcc supply voltage (v) figure 19a. logic"1" input current vs temperature temperature (c) logic 1 input current ( m a) logic 1 input current ( m a) figure 19b. logic"1" input current vs voltage vbs supply current ( m a) 0 100 200 300 400 500 600 700 -50 -25 0 25 50 75 100 125 max. ty p. 0 100 200 300 400 500 600 700 10 12 14 16 18 20 max. ty p. 0 5 10 15 20 25 30 -50-25 0 25 50 75100125 max. ty p. 0 30 60 90 120 150 10 12 14 16 18 20 max . ty p. vbs supply current ( m a) 0 5 10 15 20 25 30 10 12 14 16 18 20 max. ty p. vcc supply voltage (v) 0 30 60 90 120 150 -50 -25 0 25 50 75 100 125 max. ty p.
14 IR2101/IR21014/ir2102/ir21024 logic 0 input current ( m a) figure 20a. logic "0" input current vs temperature temperature (c) vcc supply voltage (v) figure 20b. logic "0" input current vs voltage 0 1 2 3 4 5 10 12 14 16 18 20 logic "0" input current (ua) ma x . vcc uvlo threshold +(v) figure 21a. vcc undervoltage threshold(+) vs temperature temperature (c) figure 21b. vcc undervoltage threshold(-) vs temperature vcc uvlo threshold - (v) output source current (ma) figure 22a. output source current vs temperature temperature (c) figure 22b. output source current vs voltage output source current (ma) 6 7 8 9 10 11 -50 -25 0 25 50 75 100 125 max . min. ty p. 6 7 8 9 10 11 -50-25 0 25 50 75100125 max . min. ty p. temperature (c) 0 100 200 300 400 500 10 12 14 16 18 20 ty p. min . vbias supply voltage (v) 0 100 200 300 400 500 -50 -25 0 25 50 75 100 125 ty p. min. 0 1 2 3 4 5 -50 -25 0 25 50 75 100 125 max .
15 IR2101/IR21014/ir2102/ir21024 output sink current (ma) temperature (c) figure 23a. output sink current vs temperature figure 23b. output sink current vs voltage output sink current (ma) world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 322 3331 ir great britain: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 15 lincoln court, brampton, ontario l6t 3z2 tel: (905) 453-2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir far east: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo, japan 171 tel: 81 3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: 65 221 8371 ir taiwan: 16 fl. suite d..207, sec.2, tun haw south road, taipei, 10673, taiwan tel: 886-2-2377-9936 http://www.irf.com/ data and specifications subject to change without notice. 3/22/99 0 100 200 300 400 500 600 700 -50-25 0 25 50 75100125 ty p. min. 0 100 200 300 400 500 600 700 10 12 14 16 18 20 ty p. min. vbias supply voltage (v)


▲Up To Search▲   

 
Price & Availability of IR2101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X