Part Number Hot Search : 
LM393 WFW18N50 F005S SCC2692 3055L MAX9713 T91SAM7 A1011
Product Description
Full Text Search
 

To Download IPT1206-CEB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ip semiconductor co., ltd. ipt1206 - xxb high current density due to double mesa technology; sipos and glass passivation. ipt1206 - xx series are suitable for general purpose ac switching. they can be used as an on/off function in application such as static relays, heating regulation, induction motor stating circuits or for phase control operation light dimmers, motor speed controllers. ipt1206 - xx series is 3 quadrants triacs, this is specially recommended for use on inductive loads.. main features absolute maximum ratings 1 to - 220b symbol value unit i t(rms) 12 a v drm / v rrm 600 v v tm 1.55 v parameter symbol value unit storage junction temperature range operating junction temperature range tstg tj - 40 to +150 - 40 to +125 drm v rrm 600 600 v non repetitive peak off - state voltage tj = 25 dsm v rsm 700 700 v rms on C state current tc =95 t(rms) 12 a non repetitive surge peak on C state current f = 60hz t = 16.7ms (full cycle, tj = 25 tsm 126 120 a i 2t value for fusing t p = 10ms i 2t 78 a 2s critical rate of rise of on - state current i g = 2xi gt , t r 100ns, f = 120hz, tj = 125 di / dt 50 a/us peak gate current t p = 20us, tj = 125 gm 4 a average gate power dissipation tj = 125 g(av) 1 w 4f, cheong won b/d, 269 hyoje - dong, jongno - gu, seoul, 110 - 480 korea tel : +82 - 70 - 7574 - 2839, fax : +82 - 2 - 6280 - 6382, sales@ipsemiconductor.com
electrical characteristics (tj = 25 2 static characteristics symbol test conditions value(max) unit v tm i tm = 5.5a, t p = 380us tj = 25 drm v d = v drm tj = 25 rrm v r = v rrm tj = 125 thermal resistances symbol test condition quadrant ipt1206 - xxb unit te se ce be i gt v d = 12v r l = 30 ? i C ii C iii max 5 10 35 50 ma v gt i C ii C iii max 1.3 v v gd v d =v drm, r l =3.3k ?, tj = 125 C ii C iii min 0.2 v i l i g = 1.2 i gt i C iii max 10 25 50 70 ma ii 15 30 60 80 i h i t = 100ma max 10 15 35 50 ma dv/dt v d = 67% v drm gate open tj = 125 symbol parameter value unit r th (j C c) junction to case (ac) 1.4 ipt1206 - xxb 4f, cheong won b/d, 269 hyoje - dong, jongno - gu, seoul, 110 - 480 korea tel : +82 - 70 - 7574 - 2839, fax : +82 - 2 - 6280 - 6382, sales@ipsemiconductor.com
4f, cheong won b/d, 269 hyoje - dong, jongno - gu, seoul, 110 - 480 korea tel : +82 - 70 - 7574 - 2839, fax : +82 - 2 - 6280 - 6382, sales@ipsemiconductor.com package mechanical data to - 220b 3 millimeters min typ max a 4.4 4.6 b 0.61 0.88 c 0.46 0.70 c2 1.23 1.32 c3 2.4 2.72 d 8.6 9.7 e 9.8 10.4 f 6.2 6.6 g 4.8 5.4 h 28 29.8 l1 3.75 l2 1.14 1.7 l3 2.65 2.95 v 40o ipt1206 - xxb
ipt1206 - xxb 4 ipt1206 - xxb 4f, cheong won b/d, 269 hyoje - dong, jongno - gu, seoul, 110 - 480 korea tel : +82 - 70 - 7574 - 2839, fax : +82 - 2 - 6280 - 6382, sales@ipsemiconductor.com


▲Up To Search▲   

 
Price & Availability of IPT1206-CEB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X