Part Number Hot Search : 
P6KE30 CD74HC BR10100 5588K M85049 TPC84 Z8420C DLM5231B
Product Description
Full Text Search
 

To Download IPT1206-BEF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ip semiconductor co., ltd. ipt1206 - xxf high current density due to double mesa technology; sipos and glass passivation. ipt1206 - xx series are suitable for general purpose ac switching. they can be used as an on/off function in application such as static relays, heating regulation, induction motor stating circuits or for phase control operation light dimmers, motor speed controllers. the ipt1206 - xxf(insulated version) series are isolated internally, they provided a 2500v rms isolation voltage from all three terminals to external heatsink.. symbol value unit i t(rms) 12 a v drm / v rrm 600 v v tm 1.55 v main features parameter symbol value unit storage junction temperature range operating junction temperature range tstg tj - 40 to +150 - 40 to +125 drm v rrm 600 600 v non repetitive peak off - state voltage tj = 25 dsm v rsm 700 700 v rms on C state current tc = 79 t(rms) 12 a non repetitive surge peak on C state current f = 60hz t = 16.7ms (full cycle, tj = 25 tsm 126 120 a i 2t value for fusing t p = 10ms i 2t 78 a 2s critical rate of rise of on - state current i g = 2xi gt , t r 100ns, f = 120hz, tj = 125 di / dt 50 a/us peak gate current t p = 20us, tj = 125 gm 4 a average gate power dissipation tj = 125 g(av) 1 w absolute maximum ratings 1 4f, cheong won b/d, 269 hyoje - dong, jongno - gu, seoul, 110 - 480 korea tel : +82 - 70 - 7574 - 2839, fax : +82 - 2 - 6280 - 6382, sales@ipsemiconductor.com
ipt1206 - xxf electrical characteristics (tj = 25 2 static characteristics symbol test conditions value(max) unit v tm i tm = 17a, t p = 380us tj = 125 drm v d = v drm tj = 125 rrm v r = v rrm tj = 125 thermal resistances symbol parameter value unit r th (j C c) junction to case(ac) 3.3 symbol test condition quadrant ipt1206 - xxf unit te se ce be i gt v d = 12v r l = 30 ? i C ii C iii max 5 10 35 50 ma v gt i C ii C iii max 1.3 v v gd v d =v drm, r l =3.3k ?, tj = 125 C ii C iii min 0.2 v i l i g = 1.2 i gt i C iii max 10 25 50 70 ma ii 15 30 60 80 i h i t = 100ma max 10 15 35 50 ma dv/dt v d = 67% v drm gate open tj = 125
4f, cheong won b/d, 269 hyoje - dong, jongno - gu, seoul, 110 - 480 korea tel : +82 - 11 - 237 - 2837, fax : +82 - 2 - 6280 - 6382, shorn@ipsemiconductor.com package mechanical data to - 220f 3 ref dimensions millimeters inches min typ max min typ max a 4.4 4.8 0.173 0.189 b 0.74 0.8 0.83 0.029 0.031 0.033 c 0.5 0.75 0.020 0.030 c2 2.4 2.7 0.094 0.106 c3 2.6 3 0.102 0.118 d 8.8 9.3 0.346 0.367 e 9.7 10.3 0.382 0.406 f 6.4 6.8 0.252 0.268 g 5 5.2 0.197 0.205 h 28.0 29.8 11.0 11.7 l1 3.63 0.143 l2 1.14 1.7 0.044 0.067 l3 3.3 0.130 v1 40 o 40 o ipt1206 - xxf
ipt1206 - xxf 4 4f, cheong won b/d, 269 hyoje - dong, jongno - gu, seoul, 110 - 480 korea tel : +82 - 70 - 7574 - 2839, fax : +82 - 2 - 6280 - 6382, sales@ipsemiconductor.com


▲Up To Search▲   

 
Price & Availability of IPT1206-BEF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X