Part Number Hot Search : 
BAR6404W EA09310 UPA507TE FX202QAK 55GN01FA R1EX24 15400 ST92F120
Product Description
Full Text Search
 

To Download IPD30N12S3L-31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IPD30N12S3L-31 optimos ? -t power-transistor features ? optimos? - power mosfet for automotive applications ? n-channel - enhancement mode ? automotive aec q101 qualified ? msl1 up to 260c peak reflow ? 175c operating temperature ? green product (rohs compliant) ? 100% avalanche tested maximum ratings, at t j =25 c, unless otherwise specified parameter symbol conditions unit continuous drain current i d t c =25c, v gs =10v 30 a t c =100c, v gs =10v 1) 20 pulsed drain current 1) i d,pulse t c =25c 120 avalanche energy, single pulse 1) e as i d =15a 138 mj avalanche current, single pulse i as - 30 a gate source voltage v gs - 20 v power dissipation p tot t c =25c 57 w operating and storage temperature t j , t stg - -55 ... +175 c value v ds 120 v r ds(on),max 31 m w i d 30 a product summary type package marking ipd30n12s3l - 31 pg - to252 - 3 - 11 3n12l31 pg - to252 - 3 - 11 rev. 1.0 page 1 2016-06-20
IPD30N12S3L-31 parameter symbol conditions unit min. typ. max. thermal characteristics 1) thermal resistance, junction - case r thjc - - - 2.6 k/w smd version, device on pcb r thja minimal footprint - - 62 6 cm 2 cooling area 2) - - 40 electrical characteristics, at t j =25 c, unless otherwise specified static characteristics drain-source breakdown voltage v (br)dss v gs =0v, i d = 1ma 120 - - v gate threshold voltage v gs(th) v ds = v gs , i d =29a 1.2 1.7 2.4 zero gate voltage drain current i dss v ds =120v, v gs =0v, t j =25c - 0.01 0.1 a v ds =120v, v gs =0v, t j =125c 1) - 1 10 gate-source leakage current i gss v gs =20v, v ds =0v - - 100 na drain-source on-state resistance r ds(on) v gs =4.5v, i d =30a - 32 42 m w v gs =10?v, i d =30?a - 26 31 values rev. 1.0 page 2 2016-06-20
IPD30N12S3L-31 parameter symbol conditions unit min. typ. max. dynamic characteristics 1) input capacitance c iss - 1520 1976 pf output capacitance c oss - 380 494 reverse transfer capacitance c rss - 45 68 turn-on delay time t d(on) - 6 - ns rise time t r - 4 - turn-off delay time t d(off) - 18 - fall time t f - 3 - gate charge characteristics 1) gate to source charge q gs - 5 7 nc gate to drain charge q gd - 4 6 gate charge total q g - 24 31 gate plateau voltage v plateau - 3.7 - v reverse diode diode continous forward current 1) i s - - 30 a diode pulse current 1) i s,pulse - - 120 diode forward voltage v sd v gs =0v, i f =30a, t j =25c 0.6 1 1.2 v reverse recovery time 1) t rr v r =60v, i f = i s , d i f /d t =100a/s - 72 - ns reverse recovery charge 1) q rr - 150 - nc 1) defined by design. not subject to production test. 2) device on 40 mm x 40 mm x 1.5 mm epoxy pcb fr4 with 6 cm2 (one layer, 70 m thick) copper area for drain connection. pcb is vertical in still air. t c =25c values v gs =0v, v ds =25v, f =1mhz v dd =20v, v gs =10v, i d =30a, r g =3.5 w v dd =96v, i d =30a, v gs =0?to?10v rev. 1.0 page 3 2016-06-20
IPD30N12S3L-31 1 power dissipation 2 drain current p tot = f( t c ); v gs = 10 v i d = f( t c ); v gs = 10 v 3 safe operating area 4 max. transient thermal impedance i d = f( v ds ); t c = 25 c; d = 0 z thjc = f( t p ) parameter: t p parameter: d = t p / t 1 s 10 s 100 s 1 ms 1 10 100 1000 0.1 1 10 100 1000 i d [a] v ds [v] single pulse 0.01 0.05 0.1 0.5 10 - 6 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 10 0 10 - 3 10 - 2 10 - 1 10 0 10 1 z thjc [k/w] t p [s] 0 10 20 30 40 50 60 0 50 100 150 200 p tot [w] t c [ c] 0 10 20 30 0 50 100 150 200 i d [a] t c [ c] rev. 1.0 page 4 2016-06-20
IPD30N12S3L-31 5 typ. output characteristics 6 typ. drain-source on-state resistance i d = f( v ds ); t j = 25 c r ds(on) = f( i d ); t j = 25 c parameter: v gs parameter: v gs 7 typ. transfer characteristics 8 typ. drain-source on-state resistance i d = f( v gs ); v ds = 6v r ds(on) = f( t j ); i d = 30 a; v gs = 10 v parameter: t j 10 20 30 40 50 60 -60 -20 20 60 100 140 180 r ds(on) [m w ] t j [ c] 3 v 3.5 v 4 v 4.5 v 5 v 10 v 0 40 80 120 0 2 4 6 i d [a] v ds [v] 3 v 3.5 v 4 v 4.5 v 5 v 10 v 20 30 40 50 60 70 80 0 20 40 60 r ds(on) [m ? ] i d [a] - 55 c 25 c 175 c 0 20 40 60 1 2 3 4 5 i d [a] v gs [v] rev. 1.0 page 5 2016-06-20
IPD30N12S3L-31 9 typ. gate threshold voltage 10 typ. capacitances v gs(th) = f( t j ); v gs = v ds c = f( v ds ); v gs = 0 v; f = 1 mhz parameter: i d 11 typical forward diode characteristics 12 typ. avalanche characteristics if = f(v sd ) i a s = f( t av ) parameter: t j parameter: t j(start) 25 c 175 c 10 0 10 1 10 2 10 3 0 0.2 0.4 0.6 0.8 1 1.2 1.4 i f [a] v sd [v] 30 a 150 a 0 0.5 1 1.5 2 2.5 -60 -20 20 60 100 140 180 v gs(th) [v] t j [ c] ciss coss crss 10 2 10 3 10 4 0 5 10 15 20 25 30 c [pf] v ds [v] 10 1 25 c 100 c 150 c 0.1 1 10 100 0.1 1 10 100 1000 i av [a] t av [s] 25 c 175 c 10 0 10 1 10 2 10 3 0 0.2 0.4 0.6 0.8 1 1.2 1.4 i f [a] v sd [v] rev. 1.0 page 6 2016-06-20
IPD30N12S3L-31 13 typical avalanche energy 14 typ. drain-source breakdown voltage e as = f( t j ) v br(dss) = f( t j ); i d = 1 ma parameter: i d 15 typ. gate charge 16 gate charge waveforms v gs = f( q gate ); i d = 30 a pulsed parameter: v dd 110 115 120 125 130 135 -55 -15 25 65 105 145 v br(dss) [v] t j [ c] 24 v 96 v 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 v gs [v] q gate [nc] 30 a 15 a 7.5 a 0 50 100 150 200 250 300 25 75 125 175 e as [mj] t j [ c] rev. 1.0 page 7 2016-06-20 v gs q gate v gs(th) q g(th) q gs q gd q sw q g
IPD30N12S3L-31 published by infineon technologies ag 81726 munich, germany ? infineon technologies ag 2016 all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non ? infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. rev. 1.0 page 8 2016-06-20
IPD30N12S3L-31 revision history version revision 1.0 date 20.06.2016 changes final data sheet rev. 1.0 page 9 2016-06-20


▲Up To Search▲   

 
Price & Availability of IPD30N12S3L-31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X