Part Number Hot Search : 
LA4700N LTM46 10721 U4285BM EX2024NL 003LF 2316312 SK369
Product Description
Full Text Search
 

To Download IL205AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semiconductor group 4C1 package dimensions in inches (mm) characteristics (t a =25 c) symbol min. typ. max. unit condition emitter forward voltage v f 1.3 1.5 v i f =10 ma reverse current i r 0.1 100 m av r =6.0 v capacitance c o 25 pf v r =0 detector breakdown voltage collector-emitter bv ceo 70 v i c =100 m a emitter-collector bv eco 710 v i e =100 m a collector-emitter v ce =10 v, dark current i ceodark 550na i f =0 collector-emitter capacitance c ce 10 pf v ce =0 package dc current transfer ctr dc %i f =10 ma, v ce =5 v IL205AT 40 80 il206at 63 125 il207at 100 200 il208at 160 320 dc current transfer ctr dc %i f =1 ma, v ce =5 v IL205AT 13 25 il206at 22 40 il207at 34 60 il208at 56 95 collector-emitter i c =2.0 ma, saturation voltage v ce sat 0.4 i f =10 ma isolation test voltage v io 2500 vac rms equivalent dc isolation voltage 3535 vdc capacitance, input to output c io 0.5 pf resistance, input to output r io 100 g w switching time t on , t off 3.0 m si c =2 ma, r e =100 w, v ce =10 v specifications subject to change. tolerance: .005 (unless otherwise noted) features ? high current transfer ratio, i f =10ma, v ce =5 v IL205AT, 40 C 80% il206at, 63 C125% il207at, 100 C 200% il208at, 160 C 320% ? high bv ceo , 70 v ? isolation voltage, 2500 vac rms ? industry standard soic-8 surface mountable package ? standard lead spacing, .05" ? available in tape and reel (suffix t) (conforms to eia standard rs481a) ? compatible with dual wave, vapor phase and ir reflow soldering ? underwriters lab file #e52744 (code letter p) description the IL205AT/206at/207at/208at are optically coupled pairs with a gallium arsenide infrared led and a silicon npn phototransistor. signal information, including a dc level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. the il205/6/7/8 come in a standard soic-8 small outline package for surface mounting which makes them ideally suited for high density applications with limited space. in addition to eliminating through-holes requirements, this package conforms to standards for surface mounted devices. a specified minimum and maximum ctr allows a narrow tolerance in the electrical design of the adjacent circuits. the high bv ceo of 70 volts gives a higher safety margin compared to the industry standard 30 volts. maximum ratings emitter peak reverse voltage ....................................... 6.0 v continuous forward current .......................... 60 ma power dissipation at 25 c ............................. 90 mw derate linearly from 25 c ....................... 1.2 mw/ c detector collector-emitter breakdown voltage ................ 70 v emitter-collector breakdown voltage .................. 7 v collector-base breakdown voltage ................... 70 v power dissipation ........................................ 150 mw derate linearly from 25 c ....................... 2.0 mw/ c package total package dissipation at 25 c ambient (led + detector) ...................................... 240 mw derate linearly from 25 c ....................... 3.3 mw/ c storage temperature ..................... C55 c to +150 c operating temperature ................. C55 c to +100 c soldering time at 260 c ............................... 10 sec. 40 .240 (6.10) .154 .005 (3.91 .13) .050 (1.27) typ. .016 (.41) .192 .005 (4.88 .13) .004 (.10) .008 (.20) lead coplanarity .0015 (.04) max. .015 .002 (.38 .05) .008 (.20) 7 .058 .005 (1.49 .13) .125 .005 (3.18 .13) pin one id .120 .005 (3.05 .13) c l .021 (.53) 5 max. r.010 (.25) max. .020 .004 (.15 .10) 2 plcs. 1 2 3 4 anode cathode nc nc 8 7 6 5 nc base collector emitter IL205AT/206at/207at/ 208at phototransistor small outline surface mount optocoupler 10.95
semiconductor group 4C2 .1 1 10 100 0.0 0.5 1.0 1.5 vce = 5 v vce = 0.4 v nctrce - normalized ctrce normalized to: vce = 10 v if = 10 ma ta = 25 c if - led current - ma figure 2. normalized non-saturated and saturated ctrce versus led current figure 1. forward voltage versus forward current 100 10 1 .1 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 if - forward current - ma vf - forward voltage - v ta = -55 c ta = 25 c ta = 85 c 1 10 100 1000 0.0 0.5 1.0 1.5 2.0 25 c 50 c 70 c ib - base current - m a nhfe(sat) - normalized saturated hfe normalized to: ib = 20 m a vce = 10 v ta = 25 c vce = 0.4 v figure 8. normalized saturated hfe versus base current and temperature figure 7. collector-emitter leakage current versus temperature 100 80 60 40 20 0 -20 10 10 10 10 10 10 10 10 -2 -1 0 1 2 3 4 5 ta - ambient temperature - c iceo - collector-emitter - na typical vce = 10v figure 3. collector-emitter current versus led current figure 4. normalized collector-base photocurrent versus led current figure 6. collector-base photocurrent versus led current figure 5. normalized collector-base photocurrent versus led current .1 1 10 100 0 50 100 150 vce = 0.4 v vce = 10 v if - led current - ma ice - collector-emitter current - ma ta = 25 c .1110100 .1 1 10 100 1000 if - led current - ma icb - collector-base current - m a ta = 25 c vcb = 9.3 v .1 1 10 100 .1 1 10 100 if - led current - ma nicb - normalized icb normalized to: vcb = 9.3 v if = 1 ma ta = 25 c .1 1 10 100 .01 .1 1 10 normalized to: vcb = 9.3 v if = 10 ma ta = 25 c if - led current - ma nicb - normalized icb
semiconductor group 4C3 figure 9. typical switching characteristics versus base resistance (saturated operation) figure 10. typical switching times versus load resistance 100 50 10 5 1.0 input: i f =10ma pulse width=100 ms duty cycle=50% base-emitter resistance, r be ( w ) t off t on switching time ( m s) 10k 50k 100k 500k 1m 1000 500 100 50 10 5 1 0.1 0.5 1 5 10 50 100 input: i f =10 ma pulse width=100 ms duty cycle=50% t off t on load resistance r l (k w ) switching time ( m s)


▲Up To Search▲   

 
Price & Availability of IL205AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X