Part Number Hot Search : 
LA7161BM M41T6010 DTA115UE LBN14055 W15802 90583C 2SD1780M PEX8516
Product Description
Full Text Search
 

To Download IFRM-04N17A1-PL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general data mounting type fush nominal sensing distance sn 1,6 mm hysteresis 2 ... 20 % of sr output indicator led red electrical data switching frequency < 3 khz voltage supply range +vs 10 ... 30 vdc current consumption max. (no load) 12 ma output circuit npn make function (no) voltage drop vd < 2 vdc output current < 100 ma short circuit protection yes reverse polarity protection yes mechanical data type cylindrical smooth material (sensing face) lcp housing material stainless steel dimension 4 mm housing length 25 mm connection types cable, 2 m ambient conditions operating temperature -25 ... +75 c protection class ip 67 photo dimension drawing 4 ? 17,5 25 le d connection diagram output +v s bu (3) 0 v bn (1) np n bk (4) z standard execution with pur cable 25 mm housing length 29/3/2017 ifrm 04n17a1/pl ifrm 04n17a1/pl inductive proximity switch inductive sensors www.baumer.com


▲Up To Search▲   

 
Price & Availability of IFRM-04N17A1-PL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X