Part Number Hot Search : 
F2804L A5801086 C106D S5T5820C STM106 00236 DTC114E MZT3308
Product Description
Full Text Search
 

To Download EMS1S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  emb1s ? emb6s super fast surfa c e mount glass passivated bridge rectifier emb1s - emb6s 1.0a features maximum rat ings and electrical characteristics @t a =25c unl ess otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. note: 1. mounted on glass epoxy pc board with 1.3mm 2 solder pad. 2. mounted on aluminum substrate pc board with 1.3mm 2 solder pad. 3. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 1 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com emb1s emb2s emb4s emb6s 4. measured with if = 0.5a, ir = 1.0a, irr = 0.25a. see figure 5. high surge current capability glass passivated die construction designed for surface mount application mil-std-202, method 208 c ! ! low forward voltage drop ! high current capability ! - + h ! ~ ~ d e ! plastic material ? ul flammability 94v-o  a l mech a nical data j ! c a s e : mb-s, molded plastic ! mil-std-202, method 208 ! polarity: as marked on case ! weight: 0.22 grams (approx.) ! mounting position: any ! marking: type number mb-s dim mi n max a 4.50 4.95 b 3.60 4.10 c 0. 15 0.35 d ?0.20 e g 0. 50 1. 10 h 1.30 1.70 j 2.30 2.70 k 2.30 2.70 l ?3.00 all di m ensions in mm ?0. 2 0 6. 40 7.00 ! lead fr e e: for rohs / lead free version terminals: plated leads solderable per k b g 100 200 400 600 v ns characteristic peak repeti tive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r rms reverse v oltage v r(rms) average rect i fied output current (note 1) @t a = 40c av erage rec tified output current (note 2) @t a = 40c i o 1.0 a non-repetiti v e peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 35 a i 2 t rat i ng f or fusing (t < 8.3ms) i 2 t5 . 0 a 2 s forward voltage per element @i f = 1.0a v fm 0.95 v p e a k r e v e rse current @t a = 25 c a t rat ed dc blocking voltage @t a = 125c i rm 5. 0 500 a typic al junction capacitance per leg (note 3) c j 13 pf typic al thermal resistance per leg (note 1) r  ja r  jl 62.5 25 c/w operating and st orage t emperature range t j , t stg -55 to +150 c uni t symbol reverse reco very t ime (note 4) t rr 35 70 140 280 560 v 1.25 1.7


▲Up To Search▲   

 
Price & Availability of EMS1S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X