Part Number Hot Search : 
102J0 2SK3799 16CTQPBF 1N2627 HY5DU BAT54L UFT72SM BC32716
Product Description
Full Text Search
 

To Download CDBZ2140LL-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u l t r a l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s reverse v oltage: 40 v olts forward current: 1.0 amp rohs device page 1 rev :b features - low power loss, high ef ficiency . - high current capability , low vf . mechanical data - case: packed with frp substrate and epoxy underfilled. - t erminals: pure t in plated (lead-free), solderable per mil-std-750, method 2026. CDBZ2140LL-HF qw -jl031 comchip t echnology co., l td. v 0.38 v rrm c t j operating junction temperature range peak surge forward current (8.3ms single half sine-wave) parameter symbol unit ma forward voltage (note 1) parameter conditions min. t yp. max . unit v r = 4v , f = 1.0 mhz i f = 0.1 a maximum ratings (at t a=25c unless otherwise noted) electrical characteristics (at t a=25c unless otherwise noted) a 20 i fsm a 1.0 i f(a v) a verage forward current repetitive peak reverse voltage c/w thermal resistance junction to ambient (note 2) 88 -55 to +125 i rrm v f symbol r ja v 0.24 - lead less chip form, no lead damage. halogen free - plastic package has ul 94v -0. c/w junction to case (note 2) 28 r jc i f = 1.0 a v r = max. v rrm , t a = 25c 0.31 0.37 1.0 0.30 1 15 pf company reserves the right to improve product design , functions and reliability without notice. notes : (1) pulse test width pw=300usec , 1% duty cycle. -w eight : 0.012 grams (approx.). repetitive peak reverse current (note 1) i f = 0.5 a junction capacitance c j - - (2) mounted on p .c. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas. 40 rati ng c t stg storage temperature range -55 to +150 circuit diagram 2 1 - - - - - - - - - - d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) z 2 p a k 0 . 0 6 3 ( 1 . 6 0 ) t y p . r 0 . 0 1 2 ( 0 . 3 0 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 1 4 2 ( 3 . 6 0 ) 0 . 1 2 6 ( 3 . 2 0 ) 0 . 0 4 6 ( 1 . 1 6 ) 0 . 0 3 4 ( 0 . 8 6 ) 0 . 0 3 5 ( 0 . 9 0 ) 0 . 0 2 0 ( 0 . 5 0 ) 0 . 0 3 5 ( 0 . 9 0 ) 0 . 0 2 0 ( 0 . 5 0 ) 0 . 0 6 7 ( 1 . 7 0 ) 0 . 0 0 2 ( 0 . 0 5 ) 0 . 0 1 8 ( 0 . 4 5 ) 0 . 0 1 6 ( 0 . 4 1 ) 0 . 0 9 8 ( 2 . 5 0 ) 0 . 0 8 3 ( 2 . 1 0 )
qw -jl031 ra ting and characteristic cur ves ( ) CDBZ2140LL-HF comchip t echnology co., l td. page 2 rev :b u l t r a l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s company reserves the right to improve product design , functions and reliability without notice. percent of rated peak reverse v oltage, (%) 60 40 0 fig.4 - t ypical reverse characteristics 0.001 0.01 10 100 a v e r a g e f o r w a r d c u r r e n t , ( a ) forward v oltage, (v) fig.2 - t ypical forward characteristics 0.01 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0.1 1 10 100 20 80 fig.3 - non-repetitive forward surge current p e a k f o r w a r d s u r g e c u r r e n t , ( a ) fig.1 - t ypical forward current derating curve i n s t a n t a n e o u s r e v e r s e l e a k a g e c u r r e n t , ( m a ) 0.1 1.0 fig.5 - t ypical junction capacitance j u n c t i o n c a p a c i t a n c e , ( p f ) 0 0.2 0.1 0.3 0.5 0.4 0.6 case t emperature, (c) 0 0.8 1.4 0 25 175 0.4 1.0 0.6 1.2 number of cycles at 60hz 0 5 25 1 10 100 20 10 15 8.3ms single half sine-wave 50 75 100 125 150 0.2 reverse v oltage, (v) 10 400 0 10 100 100 1 t j =25c f=1.0mhz vsig=50mvp-p resistive or inductive load p . c . b . mounted on 0.2 x 0.2"(5.0 x 5.0 mm ) copper p ad areas t j =100c t j =25c 0.7
qw -jl031 comchip t echnology co., l td. page 3 rev :b company reserves the right to improve product design , functions and reliability without notice. reel t aping specification u l t r a l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s b c d d d 2 d 1 e f p p 0 p 1 s y m b o l w w 1 ( m m ) ( i n c h ) 0 . 0 8 7 0 . 0 0 4 0 . 1 4 4 0 . 0 0 4 0 . 0 5 0 0 . 0 0 4 0 . 0 5 9 0 . 0 0 4 7 . 0 0 8 0 . 0 7 9 1 . 9 6 9 m i n . 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 2 1 7 0 . 0 0 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 4 7 2 0 . 0 1 2 0 . 7 3 6 m a x . 2 . 2 0 0 . 1 0 3 . 6 5 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 5 0 . 0 0 m i n . 1 3 . 0 0 0 . 5 0 1 . 2 8 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 0 . 3 0 1 8 . 7 0 m a x . 1 7 8 . 0 0 2 . 0 0 o 1 2 0 a z 2 p a k t railer device leader 400mm (min) 160mm (min) ....... ....... ....... ....... ....... ....... ....... ....... end start direction of feed z 2 p a k c i n d e x h o l e d e f b w p p 0 p 1 a d 1 d w 1 d 2
qw -jl031 comchip t echnology co., l td. page 4 rev :b u l t r a l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s part number CDBZ2140LL-HF marking code a4l marking code . a4l . 0.026 (0.67) max. 0.034 (0.86) min. 0.107 (2.73) 0.168 (4.26) ref . 0.063 (1.60) min. min. company reserves the right to improve product design , functions and reliability without notice. standard packaging c a s e t y p e 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k z 2 p a k suggested p ad layout no tes : 1. dim ens ion s in inc hes an d ( mil lim ete r) 2. the layout is just for reference.


▲Up To Search▲   

 
Price & Availability of CDBZ2140LL-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X