Part Number Hot Search : 
1N6157US LT1160IS LT1160IS 20MU11 20MU11 P7NC60 C14018 LX8942
Product Description
Full Text Search
 

To Download CDBZ2120L-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s reverse v oltage: 20 to 40 v olts forward current: 1.0 amp rohs device page 1 rev :b features - low power loss, high ef ficiency . - high current capability , low vf . mechanical data - case: packed with frp substrate and epoxy underfilled. - t erminals: pure t in plated (lead-free), solderable per mil-std-750, method 2026. CDBZ2120L-HF thru. cdbz2140l-hf qw -jl033 comchip t echnology co., l td. v 0.50 20 v rrm c t j operating junction temperature range peak surge forward current (8.3ms single half sine-wave) parameter symbol cdb z21 20l -hf unit ma forward voltage (note 1) parameter conditions min. t yp. max . unit v r = 4v , f = 1.0 mhz i f = 0.1 a maximum ratings (at t a=25c unless otherwise noted) electrical characteristics (at t a=25c unless otherwise noted) a 20 i fsm a 1.0 i f(a v) a verage forward current repetitive peak reverse voltage c/w thermal resistance junction to ambient (note 2) 88 -55 to +125 i rrm v f symbol r ja v 0.32 - lead less chip form, no lead damage. halogen free - plastic package has ul 94v -0. c/w junction to lead (note 2) 28 r jl i f = 1.0 a v r = max. v rrm , t a = 25c 0.40 0.46 0.2 0.015 1 10 pf company reserves the right to improve product design , functions and reliability without notice. notes : (1) pulse test width pw=300usec , 1% duty cycle. - w eight : 0.012 grams . (approx.) repetitive peak reverse current (note 1) i f = 0.5 a junction capacitance c j - - (2) mounted on p .c. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas. 40 cdb z21 40l -hf c t stg storage temperature range -55 to +150 c i r c u i t d i a g r a m 2 1 - - - - - - - - - - d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) z 2 p a k 0 . 0 6 3 ( 1 . 6 0 ) t y p . r 0 . 0 1 2 ( 0 . 3 0 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 1 4 2 ( 3 . 6 0 ) 0 . 1 2 6 ( 3 . 2 0 ) 0 . 0 4 6 ( 1 . 1 6 ) 0 . 0 3 4 ( 0 . 8 6 ) 0 . 0 3 5 ( 0 . 9 0 ) 0 . 0 2 0 ( 0 . 5 0 ) 0 . 0 3 5 ( 0 . 9 0 ) 0 . 0 2 0 ( 0 . 5 0 ) 0 . 0 6 7 ( 1 . 7 0 ) 0 . 0 0 2 ( 0 . 0 5 ) 0 . 0 1 8 ( 0 . 4 5 ) 0 . 0 1 6 ( 0 . 4 1 ) 0 . 0 9 8 ( 2 . 5 0 ) 0 . 0 8 3 ( 2 . 1 0 )
qw -jl033 ra ting and characteristic cur ves ( ) CDBZ2120L-HF thru. cdbz2140l-hf fig.2 - t ypical forward characteristics comchip t echnology co., l td. page 2 rev :b l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s company reserves the right to improve product design , functions and reliability without notice. percent of rated peak reverse v oltage, (%) 60 40 0 fig.4 - t ypical reverse characteristics 0.001 0.01 10 100 forward v oltage, (v) 0.001 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0.01 0.1 10 100 20 80 fig.3 - non-repetitive forward surge current p e a k f o r w a r d s u r g e c u r r e n t , ( a ) i n s t a n t a n e o u s r e v e r s e l e a k a g e c u r r e n t , ( m a ) 0.1 1.0 fig.5 - t ypical junction capacitance j u n c t i o n c a p a c i t a n c e , ( p f ) 0 0.2 0.1 0.3 0.5 0.4 0.6 number of cycles at 60hz 0 5 25 1 10 100 20 10 15 8.3ms single half sine-wave reverse v oltage, (v) 10 400 0 10 100 100 1 t j =25c f=1.0mhz vsig=50mvp-p a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.1 - t ypical forward current derating curve case t emperature, (c) 0 0.8 1.4 0 25 175 0.4 1.0 0.6 1.2 50 75 100 125 150 0.2 resistive or inductive load p . c . b . mounted on 0.2 x 0.2"(5.0 x 5.0 mm ) copper p ad areas t j =100c t j =25c 0.7 0.8 1
qw -jl033 comchip t echnology co., l td. page 3 rev :b company reserves the right to improve product design , functions and reliability without notice. reel t aping specification o 1 2 0 d 1 d w 1 c i n d e x h o l e d e f b w p p 0 p 1 a d 2 l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s b c d d d 2 d 1 e f p p 0 p 1 s y m b o l w w 1 ( m m ) ( i n c h ) 0 . 0 8 7 0 . 0 0 4 0 . 1 4 4 0 . 0 0 4 0 . 0 5 0 0 . 0 0 4 0 . 0 5 9 0 . 0 0 4 7 . 0 0 8 0 . 0 7 9 1 . 9 6 9 m i n . 0 . 5 1 2 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 2 1 7 0 . 0 0 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 4 7 2 0 . 0 1 2 0 . 7 3 6 m a x . 2 . 2 0 0 . 1 0 3 . 6 5 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 5 0 . 0 0 m i n . 1 3 . 0 0 0 . 5 0 1 . 2 8 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 0 . 3 0 1 8 . 7 0 m a x . 1 7 8 . 0 0 2 . 0 0 a z 2 p a k t railer device leader 400mm (min) 160mm (min) ....... ....... ....... ....... ....... ....... ....... ....... end start direction of feed z 2 p a k
qw -jl033 comchip t echnology co., l td. page 4 rev :b l o w v f s m d s c h o t t k y b a r r i e r r e c t i f i e r s suggested p ad layout 0.026(0.67) max. 0.034(0.86) min. 0.168(4.26) ref . 0.063(1.60) 0.107(2.73) min. min. no tes : 1. dim ens ion s in inc hes an d ( mil lim ete r) 2. the layout is just for reference. company reserves the right to improve product design , functions and reliability without notice. marking code ax . part number CDBZ2120L-HF marking code a2 . cdbz2140l-hf a4 . v oltage class halogen free cathode mark amps class standard packaging c a s e t y p e 3 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k z 2 p a k


▲Up To Search▲   

 
Price & Availability of CDBZ2120L-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X