Part Number Hot Search : 
SFF2004 DT5C124E EA09921 AKD7780 SL623 12DC1 MJ2955 AM4417P
Product Description
Full Text Search
 

To Download BTS462T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2004-01-27 page 1 bts 462 t smart power high-side-switch features ? overload protection ? current limitation ? short circuit protection ? thermal shutdown with restart ? overvoltage protection (including load dump) ? fast demagnetization of inductive loads ? reverse battery protection with external resistor ? cmos compatible input ? loss of gnd and loss of v bb protection ? esd - protection ? very low standby current product summary overvoltage protection v bb ( az ) 41 v operating voltage v bb ( on ) 5...34 v on-state resistance r on 100 m ? nominal load current i l ( iso ) 3.5 a p-to252-5-11 application ? all types of resistive, inductive and capacitive loads ? c compatible power switch for 12 v and 24 v dc applications ? replaces electromechanical relays and discrete circuits general description n channel vertical power fet with charge pump, ground referenced cmos compatible input, monolithically integrated in smart sipmos ? technology. providing embedded protective functions.
2004-01-27 page 2 bts 462 t block diagram + v bb in signal gnd esd miniprofet ? out gnd logic voltage source charge pump level shifter temperature sensor rectifier limit for unclamped ind. loads gate protection current limit load gnd load v logic overvoltage protection pin symbol function 1 gnd logic ground 2 in input, activates the power switch in case of logic high signal 3 vbb positive power supply voltage 4 nc not connected 5 out output to the load tab vbb positive power supply voltage pin configuration tab = v bb 1 2 (3) 4 5 gnd in nc out top view
2004-01-27 page 3 bts 462 t maximum ratings at t j = 25c, unless otherwise specified parameter symbol value unit supply voltage v bb 40 v supply voltage for full short circuit protection t j = -40...+150 c v bb(sc) 32 continuous input voltage v in -10 ... +16 load current (short - circuit current, see page 5) i l self limited a current through input pin (dc) i in 5 ma operating temperature t j -40 ...+150 c storage temperature t stg -55 ... +150 power dissipation 1) p tot 41.6 w inductive load switch-off energy dissipation 1)2) single pulse, (see page 8) tj =150 c, v bb = 13.5 v, i l = 1 a e as 4.4 j load dump protection 2) v loaddump 3) = v a + v s r i =2 ? , t d =400ms, v in = low or high, v a =13,5v r l = 13.5 ? v loaddump 75 v e lectro s tatic d ischarge voltage (human body model) according to ansi eos/esd - s5.1 - 1993 esd stm5.1 - 1998 input pin all other pins v esd 1 5 kv thermal characteristics junction - case: r thjc - - 3 k/w thermal resistance @ min. footprint r th ( ja ) - 80 - k/w thermal resistance @ 6 cm 2 cooling area 1) r th ( ja ) - 45 60 1 device on 50mm*50mm*1.5mm epoxy pcb fr4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. pcb is vertical without blown air. (see page 16) 2 not subject to production test, specified by design 3 v loaddump is setup without the dut connected to the generator per iso 7637-1 and din 40839 . supply voltages higher than v bb(az) require an external current limit for the gnd pin, e.g. with a 150 ? resistor in gnd connection. a resistor for the protection of the input is integrated.
2004-01-27 page 4 bts 462 t electrical characteristics parameter and conditions symbol values unit at t j = -40...+150c, v bb = 13,5v, unless otherwise specified min. typ. max. load switching capabilities and characteristics on-state resistance t j = 25 c, i l = 2 a, v bb = 9...40 v t j = 150 c r on - - 70 140 100 200 m ? nominal load current; device on pcb 1) t c = 85 c, v on = 0.5 v i l(iso) 3.5 4.4 - a turn-on time to 90% v out r l = 47 ? t on - 90 170 s turn-off time to 10% v out r l = 47 ? t off - 90 230 slew rate on 10 to 30% v out , r l = 47 ? dv/dt on - 0.8 1.7 v/s slew rate off 70 to 40% v out , r l = 47 ? -dv/dt off - 0.8 1.7 operating parameters operating voltage v bb ( on ) 5 - 34 v undervoltage shutdown of charge pump t j = -40...+85 c t j = 150 c v bb(under) - - - - 4 5.5 undervoltage restart of charge pump v bb ( u c p) - 4 5.5 standby current t j = -40...+85 c, v in = 0 v t j = 150 c 2) , v in = 0 v i bb(off) - - - - 10 15 a leakage output current (included in i bb(off) ) v in = 0 v i l(off) - - 5 operating current v in = 5 v i gnd - 0.5 1.3 ma 1 device on 50mm*50mm*1.5mm epoxy pcb fr4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. pcb is vertical without blown air. (see page 16) 2 higher current due temperature sensor
2004-01-27 page 5 bts 462 t electrical characteristics parameter and conditions symbol values unit at t j = -40...+150c, v bb = 13,5v, unless otherwise specified min. typ. max. protection functions 1) initial peak short circuit current limit (pin 3 to 5) t j = -40 c, v bb = 20 v, t m = 150 s t j = 25 c t j = 150 c i l(scp) - - 7 - 14 - 20 - - a repetitive short circuit current limit t j = t jt (see timing diagrams) i l(scr) - 10 - output clamp (inductive load switch off) at v out = v bb - v on(cl) , i bb = 4 ma v on(cl) 41 47 - v overvoltage protection 2) i bb = 4 ma v bb(az) 41 - - thermal overload trip temperature t j t 150 - - c thermal hysteresis ? t j t - 10 - k reverse battery reverse battery 3) - v bb - - 32 v drain-source diode voltage ( v out > v bb ) - v on - 600 - mv 1 integrated protection functions are designed to prevent ic destruction under fault conditions described in the data sheet. fault conditions are considered as "outside" normal operating range. protection functions are not designed for continuous repetitive operation . 2 see also v on(cl) in circuit diagram on page 7 3 requires a 150 ? resistor in gnd connection. the reverse load current through the intrinsic drain-source diode has to be limited by the connected load. power dissipation is higher compared to normal operating conditions due to the voltage drop across the drain-source diode. the temperature protection is not active during reverse current operation! input current has to be limited (see max. ratings page 3).
2004-01-27 page 6 bts 462 t parameter and conditions symbol values unit at t j = -40...+150c, v bb = 13,5v, unless otherwise specified min. typ. max. input input turn-on threshold voltage (see page 12) v in(t+) - - 2.2 v input turn-off threshold voltage (see page 12) v in(t-) 0.8 - - input threshold hysteresis ? v in ( t ) - 0.3 - off state input current (see page 12) v in = 0.7 v i in(off) 1 - 25 a on state input current (see page 12) v in = 5 v i in(on) 3 - 25 input resistance (see page 7) r i 1.5 3.5 5 k ?
2004-01-27 page 7 bts 462 t terms inductive and overvoltage output clamp + v bb out gnd v z v on profet v in out gnd bb v in i in v bb i bb i l v out i gnd v on r gnd v on clamped to 47v typ. overvoltage protection of logic part input circuit (esd protection) + v bb in gnd gnd r signal gnd logic v z2 i r v z1 in gnd i r zd i i i esd- the use of esd zener diodes as voltage clamp at dc conditions is not recommended v z1 =6.1v typ., v z2 =v bb(az) =47v typ., r i =3.5 k ? typ., r gnd =150 ? reverse battery protection gnd logic in out l r power gnd gnd r signal gnd power inverse i r v bb - diode r gnd =150 ? , r i =3.5k ? typ., temperature protection is not active during inverse current
2004-01-27 page 8 bts 462 t v bb disconnect with charged inductive load profet v in out gnd bb v bb high gnd disconnect profet v in out gnd bb v bb v in v gnd inductive load switch-off energy dissipation profet v in out gnd bb = e e e e as bb l r e load r l l { l z gnd disconnect with gnd pull up profet v in out gnd bb v bb v gnd v in energy stored in load inductance: e l = ? * l * i l 2 while demagnetizing load inductance, the enrgy dissipated in profet is e as = e bb + e l - e r = v on(cl) * i l (t) dt, with an approximate solution for r l > 0 ? : e il r vv ir v as l l bb out cl ll out cl =+ + * * *( | )*ln( * || ) ()| () 2 1
2004-01-27 page 9 bts 462 t typ. transient thermal impedance z thja =f( t p ) @ 6cm 2 heatsink area parameter: d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 4 s t p -2 10 -1 10 0 10 1 10 2 10 k/w z thja d=0 d=0.01 d=0.02 d=0.05 d=0.1 d=0.2 d=0.5 typ. transient thermal impedance z thja =f( t p ) @ min. footprint parameter: d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 4 s t p -2 10 -1 10 0 10 1 10 2 10 k/w z thja d=0 d=0.01 d=0.02 d=0.05 d=0.1 d=0.2 d=0.5 typ. on-state resistance r on = f( v bb ) ; i l = 0.5a ; v in = high 0 5 10 15 20 25 30 v 40 v bb 0 25 50 75 100 125 150 m ? 200 r on -40c 25c 150c typ. on-state resistance r on = f( t j ) ; v bb = 13,5v ; v in = high -40 -20 0 20 40 60 80 100 120 c 160 t j 0 20 40 60 80 100 120 m ? 160 r on
2004-01-27 page 10 bts 462 t typ. turn off time t off = f( t j ) ; r l = 47 ? -40 -20 0 20 40 60 80 100 120 c 160 t j 0 20 40 60 80 100 120 s 160 t off 9v 32v typ. turn on time t on = f( t j ) ; r l = 47 ? -40 -20 0 20 40 60 80 100 120 c 160 t j 0 20 40 60 80 100 120 s 160 t on 9v 13.5v 32v typ. slew rate on dv/dt on = f( t j ) ; r l = 47 ? -40 -20 0 20 40 60 80 100 120 c 160 t j 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v/s 2 d v d t on 9v 13.5v 32v typ. slew rate off dv/dt off = f( t j ) ; r l = 47 ? -40 -20 0 20 40 60 80 100 120 c 160 t j 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v/s 2 -d v d t off 9v 13.5v 32v
2004-01-27 page 11 bts 462 t typ. leakage current i l(off) = f( t j ) ; v bb = 32v ; v in = low -40 -20 0 20 40 60 80 100 120 c 160 t j 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 a 2 i l(off) typ. standby current i bb(off) = f( t j ) ; v bb = 32v ; v in = low -40 -20 0 20 40 60 80 100 120 c 160 t j 0 1 2 3 4 a 6 i bb(off) typ. initial peak short circuit current limit i l(scp) = f( t j ) ; v bb = 20v -40 -20 0 20 40 60 80 100 120 c 160 t j 0 2 4 6 8 10 12 14 a 18 i l(scp) typ. initial short circuit shutdown time t off(sc) = f( t j,start ) ; v bb = 20v -40 -20 0 20 40 60 80 100 120 c 160 t j 0 0.5 1 1.5 2 ms 3 t off(sc)
2004-01-27 page 12 bts 462 t typ. input current i in = f( v in ) ; v bb = 13.5v 0 2 4 v 8 v in 0 20 40 60 80 100 120 140 160 a 200 i in -40...25c 150c typ. input current i in(on/off) = f( t j ) ; v bb = 13,5v; v in = low/high v in low 0,7v; v in high = 5v -40 -20 0 20 40 60 80 100 120 c 160 t j 0 2 4 6 8 10 a 14 i in on off typ. input threshold voltage v in(th) = f( t j ) ; v bb = 13,5v -40 -20 0 20 40 60 80 100 120 c 160 t j 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v 2 v in(th) on off typ. input threshold voltage v in(th) = f( v bb ) ; t j = 25c 5 10 15 20 25 v 35 v bb 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v 2 v in(th) on off
2004-01-27 page 13 bts 462 t maximum allowable load inductance for a single switch off l = f( i l ) ; t jstart =150c, v bb =13.5v, r l =0 ? 0 0.5 1 1.5 2 2.5 3 3.5 4 a 5 i l 0 500 1000 1500 2000 2500 3000 3500 4000 mh 5000 l maximum allowable inductive switch-off energy, single pulse e as = f( i l ); t jstart = 150c, v bb = 13,5v 0 0.5 1 1.5 2 2.5 3 3.5 4 a 5 i l 0 500 1000 1500 2000 2500 3000 3500 4000 mj 5000 e as
2004-01-27 page 14 bts 462 t timing diagrams figure 2b: switching a lamp, figure 1a: vbb turn on: in out l t i in v out v bb t figure 2a: switching a resistive load, turn-on/off time and slew rate definition figure 2c: switching an inductive load in t v out i l t t on off 90% dv/dton d v /d to ff 10% in l t v i out
2004-01-27 page 15 bts 462 t figure 3a: turn on into short circuit, shut down by overtemperature, restart by cooling t i in l l(scr) i i l(scp) t off(sc) t m t figure 5: undervoltage restart of charge pump heating up of the chip may require several milliseconds, depending on external conditions. v o n v b b ( u n d e r ) v b b ( u c p ) v b b figure 4 : overtemperature: reset if t j < t jt in out j t v t
2004-01-27 page 16 bts 462 t package and ordering code all dimensions in mm package: ordering code: p-to252-5-11 q67060-s7402 1) includes mold flashes on each side. 4.56 0.25 m a 6.5 5.7 max. 0.1 per side 0.15 max. -0.2 6.22 0.5 9.98 (4.24) 1 a 1.14 5 x 0.6 0.15 0.8 0.1 +0.15 -0.05 0.1 b -0.04 +0.08 0...0.15 0.51 min. 0.5 b 2.3 -0.10 0.5 +0.05 -0.04 +0.08 (5) -0.01 0.9 +0.20 b 1) all metal surfaces tin plated, except area of cut. printed circuit board (fr4, 1.5mm thick, one layer 70m, 6cm 2 active heatsink area ) as a reference for max. power dissipation p tot nominal load current i l(nom) and thermal resistance r thja published by infineon technologies ag, st.-martin-strasse 53, d-81669 mnchen ? infineon technologies ag 2001 all rights reserved. attention please! the information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office in germany or our infineon technologies representatives worldwide (see address list). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BTS462T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X