Part Number Hot Search : 
C2330 S52XXM LH0070 HCS1401A BZX3VX TSH64C UT165 ATAK2270
Product Description
Full Text Search
 

To Download BR44-330XX-12V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/6 - size crystal can welded dpdt dry circuit t o 1 amp contact arrangement .......................... 2pdt (2 form c) weight ....................................................... 0.15 oz approx. designed to meet the requirements of mil - p r f - 39016. resistive .......................................... 1 amp @ 28 vdc (case ungrounded) low level ............................ 10 - 50 a @ 10 - 50 mv dc or peak ac (note 4) life ................................... 100,000 operations minimum @ rated load, 125 o c pull in power ............................................ 100 mw approx. operate/release time ................. 3.5 ms max, excluding bounce time at nominal coil voltage contact bounce time ........ 2 ms max @ 1 amp 28 vdc contact resistance before life ......................... 0.050 ohms max @ 1 amp and 6 vdc after life ............................ 0.100 ohms max @ 1 amp and 6 vdc temperature range ............................... - 65 o c to +125 o c vibration (note 2) ............................... 0.4" da 10 - 38 hz, 20 g's 38 - 2,000 hz shock (operating) (note 2) ........................ 50 g's 11 ms duty cycle ........................................................ continuous insulation resistance 10,000 megohms @ 500v 25 o c 1,000 megohms @ 500v 125 o c dielectric strength: sea level: contact to case ...................................... 500 vrms contact to coil ........................................ 500 vrms coil to case ............................................ 500 vrms across open contacts ........................... 350 vrms 70,000 feet all points .................................................. 250 vrms notes 1. for case grounded loads and other ratings, consult the factory. 2. for applications requiring other shock and vibration levels, consult the factory. 3. for other ratings consult the factory. 4. relay contacts which have switched high level currents are no longer suitable for switching low level loads. br44 1/6-size crystal can welded ? dpdt dry circuit to 1 amp s pecifications general performance contact rating (note 1) environmental e lectrical characteristics 1 www.microsemi.com ? 2015 microsemi corporation april 2015 rev. 4 downloaded from: http:///
---------------------------------------------------------------------- relay type -------------------------------------------------- nominal coil resista nce -------------------------------------- terminal style ------------------------------- mounting type -------------------- nominal coil voltage br44 - 1.5k a 1 - 26v model br44 part number br44 - 90()() - 6v br44 - 330()() - 12v br44 - 750()() - 18v br44 - 1.5k()() - 26v nominal coil voltage 6 vdc 12 vdc 18 vdc 26 v dc maximum coil voltage 7.3 vdc 14.8 vdc 22 vdc 32 vdc pull in voltage (max @ +125 o c) 4.4 vdc 8.4 vdc 13 vdc 18 vdc pull in voltage (max) 3 vdc 6 vdc 9 vdc 13 vdc drop out voltage (min) 0.3 vdc 0.6 vdc 0.9 vdc 1.3 vdc coil resis tance 10% @ 25 o c 90 ohms 330 ohms 750 ohms 1500 ohms ? unless other wise specified, all tests made at nominal coil voltages, @ 25 o c. ? for special coil variations, switching configurations, terminals styles and mounting types, consult the factory. ? unless otherwise specified, tolerances on decimal dimens ions are .010". ? specifications contained herein are subject to change without notice. coil data schematic terminalview terminal styles mounting codes general notes 2 downloaded from: http:///
br44 - 04 / 0 4 .15 microsemi corporate headquarters one enterprise, aliso viejo, ca 92656 usa within the usa : +1 (800) 713-4113 outside the usa : +1 (949) 380-6100 sales : +1 (949) 380-6136 fax : +1 (949) 215-4996 e-mail: sales.support@microsemi.com microsemi corporation (nasdaq: mscc) offers a comprehensive portfolio of semiconductor and system solutions for comm unications, defense & securi ty, aerospace and industrial markets. products include high-performance and radiation-hardened analog mixed-signal integrated circuits, fpgas, socs and asi cs; power management products; timing and synchronization devices and precise time soluti ons, setting the worlds standard for time; voice processing devices; rf solutions; discrete components; security technologies and scalable anti-tamper products; power-over-ethernet ic s and midspans; as well as custom design capabilities and services. microsemi is head quartered in aliso viejo, calif., and has approximately 3,400 employees globally. learn more at www.microsemi.com . ? 201 5 microsemi corporation. all rights reserved. microsemi and the microsemi logo are trademarks of microsemi corporation. all other trademarks and service marks are the property of their respective owners. microsemi makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its products and services for any particular purpose, nor does microsemi assume any liability whatsoever arising out of the application or use of any product or circuit. the products sold hereunder and any other products sold by microsem i have been subject to li mited testing and should not be used in conjunction with missi on-critical equipment or applications. any performance specifications are believed to be reliable but are not verified, and buyer must conduct and complete all performance and other testing of the products, alone and together with, or installed in, any end-products. buyer shall not rely on any data and performance specifications or para meters provided by micr osemi. it is the buyer's responsibility to independently determine suitability of any products and to test and verify the same. the information provided by microsemi hereunder is provi ded "as is, where is" and with all faults, and the entire risk associated with such information is entirely with the buyer. microsemi does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other ip rights, whether with regard to such information itself or anything described by such in formation. information provided in this document is proprietary to microsemi, and microsemi reserves the ri ght to make any changes to the information in this document or to any products and services at any time without notice. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BR44-330XX-12V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X