Part Number Hot Search : 
NCV47700 3PR5K PTM10 C1300 54FCT R6011 00907 C10H1
Product Description
Full Text Search
 

To Download AZ2501LP1-1A-24D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  notes 1. all values at 20c (68f). 2. relay may pull in with less than ?must operate? value. 3. specifications subject to change without notice. coil power at pickup voltage .92 w single coil (typical) 1.8 w dual coil temperature ul/cur az 12/16/13 general data life expectancy minimum operations mechanical 1 x 10 6 electrical 3 x 10 4 at rated load set and reset pulse duration 50 ms minimum set time (typical) 15 ms at nominal coil voltage reset time (typical) 15 ms at nominal coil voltage dielectric strength 4000 vrms coil to contact (at sea level for 1 min.) 1500 vrms between open contacts insulation 1000 megohms min. at 20c, 500 vdc, resistance 50% rh creepage distance 8 mm ambient temperature at nominal coil voltage operating -40c (-40f) to 85c (158f) vibration 0.059" da at 10?55 hz shock operating 10 g non-operating 100 g enclosure p.b.t. polyester terminals tinned copper alloy max. solder temp. 270c (518f) max. solder time 5 seconds weight 32 grams az2501l 60 amp latching power relay features ? 60 amp switching  heavy loads to 15000 va  inrush current 500a/2ms max.  4 kv dielectric  manual switch standard  ul, cur file e44211 contacts arrangement spst (1 form a) (1 form b) ratings resistive load: max. switched power: 15000 va max. switched current: 60 a max. switched voltage: 440 vac max. continuous current: 20 a 20 a at 277 vac, resistive, 85c, 100k cycles 20 a at 30 vdc, resistive, 85c, 100k cycles 60 a at 250 vac, general use, 85c 30k cycles 5000 w at 250 vac, tungsten, 30k cycles 20 a at 277 vac, standard ballast, 30k cycles 16 a at 277 vac, electronic ballast, 30k cycles material silver tin oxide resistance < 50 milliohms initially (24 v, 1 a voltage drop method)
relay ordering data coil specifications -standard single coil order number* nominal coil must operate max. continuous coil resistance 1 form a 1 form b vdc vdc vdc [1] 10% 6 4.8 7.8 22 az2501lp1?1a?6d az2501lp1?-1b?6d 12 9.6 15.6 100 az2501lp1?1a?12d az2501lp1?-1b?12d 24 19.2 31.2 360 az2501lp1?1a?24d az2501lp1?-1b?24d 48 38.4 62.4 1600 az2501lp1?1a?48d az2501lp1?-1b?48d az 12/16/13 az2501l if no tolerance is shown: outline dimension <= 1mm, tolerance is 0.2mm; outline dimension > 1mm and <=5mm, tolerance is 0.3mm; outline dimension >5mm, tolerance is 0.4mm. coil specifications -standard dual coil order number* nominal coil must operate max. continuous coil resistance 1 form a 1 form b vdc vdc vdc [1] 10% 6 4.8 7.8 11 + 11 az2501lp2?1a?6d az2501lp2?-1b?6d 12 9.6 15.6 50 + 50 az2501lp2?1a?12d az2501lp2?-1b?12d 24 19.2 31.2 180 + 180 az2501lp2?1a?24d az2501lp2?-1b?24d 48 38.4 62.4 800 + 800 az2501lp2?1a?48d az2501lp2?-1b?48d * for reverse polarity coil add suffix ?r?. note: [1] max. continuous voltage should not be applied for more then 30 seconds mechanical data (bottom view)
az2501l 5/14/13 note: regarding standard polarity type: 1. ?single coil latching version? (1) after energizing 1 (-) and 2 (+), 50ms pulse, terminal 3 and 4 is connected. (2) after energizing 2 (-) and 1 (+), 50ms pulse, terminal 3 and 4 is disconnected. 2. ?double coil latching version? (1) after energizing 5 (+) and 1 (-), 50ms pulse, terminal 3 and 4 is connected. (2) after energizing 5 (+) and 2 (-) , 50ms pulse, terminal 3 and 4 is disconnected. regarding reverse polarity type: 1. ?single coil latching version? (1) after energizing 1 (+) and 2 (-), 50ms pulse, terminal 3 and 4 is connected. (2) after energizing 2 (+) and 1 (-), 50ms pulse, terminal 3 and 4 is disconnected. 2. ?double coil latching version? (1) after energizing 5 (+) and 2 (-), 50ms pulse, terminal 3 and 4 is connected. (2) after energizing 5 (+) and 1 (-), 50ms pulse, terminal 3 and 4 is disconnected.


▲Up To Search▲   

 
Price & Availability of AZ2501LP1-1A-24D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X