Part Number Hot Search : 
780078 1N475 B102G MAX5235 SR310 74S189PC 2A10R 17476C
Product Description
Full Text Search
 

To Download AV9107C-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated circuit systems, inc. general description features AV9107C-11 block diagram green pc cpu frequency generator the AV9107C-11 offers a tiny footprint solution for generating a fixed system clock and a selectable cpu clock. the 16 selectable cpu frequencies provide all necessary clocks for 386, 486 and pentium systems. in addition, the AV9107C-11 has one pin that, when forced low, will slow the cpu clock to 8 mhz. this feature is important in systems that have dynamic microprocessors. dynamic microprocessors have a minimum operating speed, typically 8 mhz. ingreen pcs, the designer often wants to slow the cpu to its minimum operating speed to save power. the AV9107C-11 will smoothly slow the cpu to 8 mhz when the slowclk pin goes low. the AV9107C-11 is fabricated using 0.8m cmos technology. as a result, a 45/55 duty cycle can be achieved on the cpu clock and 250ps worst case absolute jitter. a v 9 1 07 - 11 re v a 0 5 2 1 9 7 14-pin soic ? one pin slows cpu clock to 8 mhz ? provides system clock and selectable cpu clock ? on-chip loop filter ? runs up to 66 mhz at 3.3v ? worst case cycle-to-cycle variation of 0.1% ? smooth transition from one cpu frequency to another or to 8 mhz ? lowest jitter, 250ps absolute ? 16 internal frequencies for 386, 486 or pentium systems ? worst case duty cycle of 45/55 on cpu clock fs3 fs2 fs1 fs0 clk1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 16.00 mhz 39.99 mhz 50.11 mhz 80.01 mhz 66.58 mhz 100.23 mhz 8.02 mhz 4.01 mhz 8.02 mhz 20.00 mhz 25.06 mhz 39.99 mhz 33.25 mhz 50.11 mhz 30.00 mhz 4.01 mhz functionality product review documents contain information on products in the formative or design phase of development. characteristic data and other specifications are design goals. ics reserves the right to change or discontinue these products without notice.


▲Up To Search▲   

 
Price & Availability of AV9107C-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X