Part Number Hot Search : 
ZY8V2GP KSR2003 NC7S14 MAJ160A KE39A BY251 08500 2SC327
Product Description
Full Text Search
 

To Download ASMT-FG70-NFJ00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ASMT-FG70-NFJ00 surface mount auto focus auxiliary led data sheet description asmt-fg70 is a smt (surface mount technology) dome led lamp that employs an untinted, non diff used lens to provide high luminous intensity with a narrow radiation pattern. by having pcb as its substrate, this package off ers smaller footprint and dome size that allow compact end application design. this lamp type led utilizes indium gallium nitrate (ingan) material technology. the ingan material has a very high luminous effi ciency, capable of producing high light output over a wide range of drive currents. the narrow angle package is designed for applications that require long distance illumination with a narrow beam pattern such as auxiliary fl ash for auto-focus functions in digital still cameras etc. this environmental friendly, green smt lamp is shipped in tape and reel packaging in order to facilitate pick and place operation. features ?? smooth, consistent narrow radiation pattern ?? 14 degree viewing angle ?? 3.2 x 3.6 x 3.4 mm package dimensions ?? clear, non diff used epoxy application ?? camera
2 device selection guide part number color dice ASMT-FG70-NFJ00 green ingan caution: led is esd sensitive. please observe appropriate precautions during handling and processing. package drawing 1. unit: millimeters. 2. tolerance 0.1 mm unless otherwise specifi ed. 3.00 cathode green cathode mark anode anode cathode 0.80 0.80 1.80 3.40 2.39 dice 3.20 3.60 ? 2.84
3 absolute maximum ratings (t a = 25 c) parameter rating unit dc forward current 30 ma power dissipation 117 mw operating temperature -40 to 85 c storage temperature -40 to 85 c moisture sensitivity level (ipc/jedec j-std-020) 3 C optical/electrical characteristics (t a = 25 c) parameter test condition min typ max unit luminous intensity (iv) i f = 20 ma 15.0 22.0 56.0 cd peak wavelength ( ? p) i f = 20 ma 519 nm dominant wavelength ( ? d) i f = 20 ma 515 535 nm viewing angle (2 ? ? ) i f = 20 ma 14 degree forward voltage (v f ) 1 i f = 20 ma 3.1 3.9 v reverse voltage (v r ) i r = 10 ? a 5 v note: 1. tolerance 0.1 v luminous intensity bin bin min (cd) max (cd) f 15.0 19.5 g 19.5 25.5 h 25.5 33.0 i 33.0 43.0 j 43.0 56.0 tolerance 15% color bin bin min (nm) max (nm) a 515 520 b 520 525 c 525 530 d 530 535 tolerance 1 nm
4 relative intensity vs. wavelength forward current vs forward voltage relative intensity vs forward current radiation pattern maximum forward current vs ambient temperature 0.0 0.2 0.4 0.6 0.8 1.0 430 480 530 580 630 wavelength - nm relative intensity 0 5 10 15 20 25 30 35 01234 forward voltage - v forward current - ma 0 0.2 0.4 0.6 0.8 1 1.2 1.4 0 5 10 15 20 25 30 35 dc forward current - ma relative luminous intensity (normalized at 20 ma) 0 0.25 0.5 0.75 1 -90 -60 -30 0 30 60 90 angular displacement - c normalized intensity 0 5 10 15 20 25 30 35 0 20 40 60 80 100 ambient temperature - c forward current - ma
for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2011 avago technologies. all rights reserved. av02-3228en - january 6, 2012 tape leader and trailer end updated tape more than 160 mm leading part more than 400 mm start mounted with led recommended refl ow soldering profi le recommended soldering land pattern 217 c 200 c 60 - 120 sec. 6c/sec. max. 3c/sec. max. 150 c 255 - 260 c 100 sec. max. 10 to 30 sec. time temperature (acc. to j-std-020c) 3c/sec. max. 1.20 3.00 2.80 1.60 unit: mm tape dimensions 1. unit: millimeters. 2. tolerance 0.1 mm unless otherwise specifi ed. p p2 w fe po d 0.10 0.10 +0.10 C0.00 0.10 0.10 0.30 0.10 f po p2 p e w d 4.00 1.50 2.00 5.50 1.75 12.00 8.00


▲Up To Search▲   

 
Price & Availability of ASMT-FG70-NFJ00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X