Part Number Hot Search : 
BD910 XFGIB10 ST163 E752C041 SLE66CX 20U60 IRF440 317BD2T
Product Description
Full Text Search
 

To Download ADLE3800SEC-E3827 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  adle3800sec embedded sbc edge-connect architecture adl corporate: 4411 morena blvd. suite 101 | san diego, ca 92117-4345 t: 855.727.4200 (toll free) f: 858.490.0599 sales@adl-usa.com www.adl-usa.com adl germany: eiserfelder stra?e 316 | d-57080 siegen, germany t: +49 (0) 271.250.810.0 f: +49 (0) 271.250.810.20 sales@adl-europe.com www.adl-europe.com *data subject to change without notice. applications ? uav and uuv unmanned systems ? industrial control systems ? government & defense ? video surveillance ? small scale robotics ? remote datalogging ? man-wearable computing features ? small size (75mm x 75mm) ? 4gb soldered dram (ddr3-1333 mhz) ? low power atom? processor (8w tdp) ? quad-core / dual core versions available ? m.2 storage socket onboard ? expansion connector ? extended temperature available ? windows 7, 8, 10 & linux compatible ? supports up to 2 additional pcie devices (requires expansion card) measuring just 75mm x 75mm, the adle3800sec is an embedded sbc specially optimized for size, weight, and power (swap) applications. based on the e3800 series intel atom? soc, this tiny board delivers maximum performance in the smallest possible size. it features a quad-core processor with up to 2mb onboard cache, and an integrated intel hd graphics engine with support for directx 11, open gl 4.0, and full hd video playback. connecting to sensors, cameras and storage is easy with a full range of onboard i/o: 2x gigabit lan, 1x usb 3.0, 1x usb 2.0, 2x pcie, and sata. the intel hd graphics engine supports video output in either hdmi or display port format. an onboard m.2 socket allows users to install the fastest solid state storage solutions on the market. extended temperature ratings and hard-mounted edge-connect design make the adle3800sec ideal for rugged embedded applications. for further information, please contact our sales engineering team: sales@adl-usa.com. description ordering information item code part # description adle3800sec-e3845 295800 e3845 atom processor; quad core, 1.91ghz, 2mb cache, 10w tdp ADLE3800SEC-E3827 295802 e3827 atom processor; dual core, 1.75 ghz, 1mb cache, 8w tdp technical specifications features functions input voltage 20 - 30vdc processors available e3845 - quad core atom, 1.91ghz, 2mb cache e3827 - dual core atom, 1.75ghz, 1mb cache memory up to 4gb ddr3-1333mhz (soldered onboard) graphics hdmi (1920x1200) or display port (2560x1600) storage 1x m.2 socket (key b, 2242); 1x sata 2.0 (6gb/s) i/o (front connectors) i/o (backplane) 2x gblan, 2x usb, 1x display port, 2xpcie, 2x usb, 1x sata, sm-bus, 1x display port options part # description adl-et 290000 ext temp screen (C40c to +85c) adle3800sec-spdr 295850 low-profle heat spreader adlsec-batt 101-9656 adl sec battery option; -40c to 85c. coating & underfll 807709 conformal coating of cpu board & underfll of bga components


▲Up To Search▲   

 
Price & Availability of ADLE3800SEC-E3827

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X