Part Number Hot Search : 
MX7847BQ 1N5926 STS126 1N4409B SUM90UF 4762A DTA114TE S2186
Product Description
Full Text Search
 

To Download 72V3611L15PFG8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 3.3 volt cmos syncfifo tm 64 x 36 idt72v3611 ? 2014 integrated device technology, inc. all rights reserved. product specifications subject to change without notice. dsc-4657/5 idt and the idt logo are registered trademarks of integrated device technology, inc. syncfifo is a trademark of integrated devi ce technology, inc. commercial temperature range january 2014 features: ? ? ? ? ? 64 x 36 storage capacity ? ? ? ? ? supports clock frequencies up to 67mhz ? ? ? ? ? fast access times of 10ns ? ? ? ? ? free-running clka and clkb may be asynchronous or coincident (permits simultaneous reading and writing of data on a single clock edge) ? ? ? ? ? synchronous data buffering from port a to port b ? ? ? ? ? mailbox bypass register in each direction ? ? ? ? ? programmable almost-full ( af ) and almost-empty ( ae ) flags ? ? ? ? ? microprocessor interface control logic ? ? ? ? ? full flag ( ff ) and almost-full ( af ) flags synchronized by clka ? ? ? ? ? empty flag ( ef ) and almost-empty ( ae ) flags synchronized by clkb ? ? ? ? ? passive parity checking on each port ? ? ? ? ? parity generation can be selected for each port ? ? ? ? ? available in space-saving 120-pin thin quad flatpack (pf) ? ? ? ? ? green parts available, see ordering information description: the idt72v3611 is designed to run off a 3.3v supply for exceptionally low power consumption. this device is a monolithic, high-speed, low-power, cmos synchronous (clocked) fifo memory which supports clock frequen- cies up to 67mhz and has read access times as fast as 10ns. the 64 x 36 dual- port fifo buffers data from port a to port b. the fifo operates in idt standard mode and has flags to indicate empty and full conditions, and two programmable flags, almost-full ( af ) and almost-empty ( ae ), to indicate when a selected number of words is stored in memory. communication between each port can take place through two 36-bit mailbox registers. each mailbox register has a flag to signal when new mail has been stored. parity is checked passively on each port and may be ignored if not desired. parity generation can be selected functional block diagram mail 2 register mail 1 register input register output register write pointer read pointer status flag logic clka csa w/ r a ena mba port-a control logic reset logic rst pefa mbf2 clkb csb w/ r b enb mbb port-b control logic mbf1 ef ae 36 b 0 - b 35 ff af fs 0 fs 1 4657 drw01 programmable flag offset registers a 0 - a 35 parity gen/check parity generation fifo odd/ even pga parity gen/check pgb pefb 36 ram array 64 x 36
2 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range description (continued) notes: 1. pin 1 identifier in corner. 2. nc = no internal connection tqfp (png120, order code: pf) top view pin configuration 4657 drw 02 a 23 a 22 a 21 gnd a 20 a 19 a 18 a 17 a 16 a 15 a 14 a 13 a 12 a 11 a 10 gnd a 9 a 8 a 7 v cc a 6 a 5 a 4 a 3 gnd a 2 a 1 a 0 nc nc 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 b 22 b 21 gnd b 20 b 19 b 18 b 17 b 16 b 15 b 14 b 13 b 12 b 11 b 10 gnd b 9 b 8 b 7 v cc b 6 b 5 b 4 b 3 gnd b 2 b 1 b 0 ef ae nc 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 af ff csa ena clka w/ r a v cc pga pefa mbf2 mba fs 1 fs 0 odd/ even rst gnd nc nc nc nc mbb mbf1 pefb pgb v cc w/ r b clkb enb csb nc 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 91 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 b 23 a 24 a 25 a 26 v cc a 27 a 28 a 29 gnd a 30 a 31 a 34 a 35 b 35 gnd b 34 b 33 b 32 b 30 b 31 gnd b 29 b 28 b 27 v cc b 26 b 25 b 24 a 32 a 33 for data read from each port. two or more devices may be used in parallel to create wider data paths. the idt72v3611 is a synchronous (clocked) fifo, meaning each port employs a synchronous interface. all data transfers through a port are gated to the low-to-high transition of a port clock by enable signals. the clocks for each port are independent of one another and can be asynchronous or coincident. the enables for each port are arranged to provide a simple bidirectional interface between microprocessors and/or buses with synchro- nous control. the full flag ( ff ) and almost-full ( af ) flag of the fifo are two-stage synchronized to the port clock that writes data into its array (clka). the empty flag ( ef ) and almost-empty ( ae ) flag of the fifo are two-stage synchronized to the port clock that reads data from its array. the idt72v3611 is characterized for operation from 0 c to 70 c. this device is fabricated using high speed, submicron cmos technology.
3 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range symbol name i/o description a0-a35 port-a data i/o 36-bit bidirectional data port for side a. ae almost-empty flag o programmable almost-empty flag synchronized to clkb. it is low when the number of words in the fifo is less than or equal to the value in the offset register, x. af almost-full flag o programmable almost-full flag synchronized to clka. it is low when the number of empty locations in the fifo is less than or equal to the value in the offset register, x. b0-b35 port-b data. i/o 36-bit bidirectional data port for side b. clka port-a clock i clka is a continuous clock that synchronizes all data transfers through port-a and can be asynchronous or coincident to clkb. ff and af are synchronized to the low-to-high transition of clka. clkb port-b clock i clkb is a continuous clock that synchronizes all data transfers through port-b and can be asynchronous or coincident to clka. ef and ae are synchronized to the low-to-high transition of clkb. csa port-a chip select i csa must be low to enable a low-to-high transition of clka to read or write data on port-a. the a0-a35 outputs are in the high-impedance state when csa is high. csb port-b chip select i csb must be low to enable a low-to-high transition of clkb to read or write data on port-b. the b0-b35 outputs are in the high-impedance state when csb is high. ef empty flag o ef is synchronized to the low-to-high transition of clkb. when ef is low, the fifo is empty, and reads from its memory are disabled. data can be read from the fifo to its output register when ef is high. ef is forced low when the device is reset and is set high by the second low-to-high transition of clkb after data is loaded into empty fifo memory. ena port-a enable i ena must be high to enable a low-to-high transition of clka to read or write data on port-a. enb port-b enable i enb must be high to enable a low-to-high transition of clkb to read or write data on port-b. ff full flag o ff is synchronized to the low-to-high transition of clka. when ff is low, the fifo is full, and writes to its memory are disabled. ff is forced low when the device is reset and is set high by the second low-to-high transition of clka after reset. fs1, fs0 flag-offset selects i the low-to-high transition of rst latches the values of fs0 and fs1, which loads one of four preset values into the almost-full and almost-empty offset register (x). mba port-a mailbox select i a high level on mba chooses a mailbox register for a port-a read or write operation. mbb port-b mailbox select i a high level on mbb chooses a mailbox register for a port-b read or write operation. when the b0-b35 outputs are active, a high level on mbb selects data from the mail1 register for output, and a low level selects the fifo output register data for output. mbf1 mail1 register flag o mbf1 is set low by a low-to-high transition of clka that writes data to the mail1 register. writes to the mail1 register are inhibited while mbf1 is set low. mbf1 is set high by a low-to-high transition of clkb when a port-b read is selected and mbb is high. mbf1 is set high when the device is reset. mbf2 mail2 register flag o mbf2 is set low by a low-to-high transition of clkb that writes data to the mail2 register. writes to the mail2 register are inhibited while mbf2 is low. mbf2 is set high by a low-to-high transition of clka when a port-a read is selected and mba is high. mbf2 is set high when the device is reset. odd/ odd/even parity i odd parity is checked on each port when odd/ even is high, and even parity is checked when even select odd/ even is low. odd/ even also selects the type of parity generated for each port if parity generation is enabled for a read operation. pefa port-a parity error o when any byte applied to terminals a0-a35 fails parity, pefa is low. bytes are organized as flag [port a) a0-a8, a9-a17, a18-a26, and a27-a35, with the most significant bit of each byte serving as the parity bit. the type of parity checked is determined by the state of the odd/ even input. the parity trees used to check the a0-a35 inputs are shared by the mail2 register to generate parity if parity generation is selected by pga. therefore, if a mail2 read with parity generation is setup by having csa low, ena high, w/ r a low, mba high, and pga high, the pefa flag is forced high regardless of the state of a0-a35 inputs. pin description
4 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range pin description (continued) symbol name i/o description pefb port-b parity error o when any byte applied to terminals b0-b35 fails parity, pefb is low. bytes are organized as flag (port b) b0-b8, b9-b17, b18-b26, b27-b35, with the most significant bit of each byte serving as the parity bit. the type of parity checked is determined by the state of the odd/ even input. the parity trees used to check the b0-b35 inputs are shared by the mail1 register to generate parity if parity generation is selected by pgb. therefore, if a mail1 read with parity generation is setup by having csb low, enb high, w/ r b low, mbb high, and pgb high, the pefb flag is forced high regardless of the state of the b0-b35 inputs pga port-a parity i parity is generated for mail2 register reads from port a when pga is high. the type of parity generation generated is selected by the state of the odd/ even input. bytes are organized as a0-a8, a9-a17, a18-a26, and a27-a35. the generated parity bits are output in the most significant bit of each byte. pgb port-b parity i parity is generated for data reads from port b when pgb is high. the type of parity generated generation is selected by the state of the odd/ even input. bytes are organized as b0-b8, b9-b17, b18-b26, and b27-b35. the generated parity bits are output in the most significant bit of each byte. rst reset i to reset the device, four low-to-high transitions of clka and four low-to-high transitions of clkb must occur while rst is low. this sets the af , mbf1 , and mbf2 flags high and the ef , ae , and ff flags low. the low-to-high transition of rst latches the status of the fs1 and fs0 inputs to select almost-full and almost-empty flag offset. w/ r a port-a write/read i a high selects a write operation and a low selects a read operation on port a for a select low-to-high transition of clka. the a0-a35 outputs are in the high-impedance state when w/ r a is high. w/ r b port-b write/read i a high selects a write operation and a low selects a read operation on port b for a select low-to-high transition of clkb. the b0-b35 outputs are in the high-impedance state when w/ r b is high.
5 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range absolute maximum ratings over operating free-air temperature range (unless otherwise noted) (1) symbol rating commercial unit v cc supply voltage range ?0.5 to +4.6 v v i (2) input voltage range ?0.5 to v cc +0.5 v v o (2) output voltage range ?0.5 to v cc +0.5 v i ik input clamp current, (v i < 0 or v i > v cc ) 20 ma i ok output clamp current, (v o = < 0 or v o > v cc ) 50 ma i out continuous output current, (v o = 0 to v cc ) 50 ma i cc continuous current through v cc or gnd 500 ma t stg storage temperature range ?65 to 150 c notes: 1. stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. these are stress rat ings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. exposure to abso lute-maximum-rated conditions for extended periods may affect device reliability. 2. the input and output voltage ratings may be exceeded provided the input and output current ratings are observed. notes: 1. all typical values are at v cc = 3.3v, t a = 25 c. 2. for additional i cc information, see figure 1, typical characteristics: supply current (i cc ) vs. clock frequency (f s ) . idt72v3611 commercial t clk = 15 ns symbol parameter test conditions min. typ. (1) max. unit v oh output logic "1" voltage v cc = 3.0v, i oh = ?4 ma 2.4 ? ? v v ol output logic "0" voltage v cc = 3.0v, i ol = 8 ma ? ? 0.5 v i li input leakage current (any input) v cc = 3.6v, v i = v cc or 0 ? ? 5 a i lo output leakage current v cc = 3.6v, v o = v cc or 0 ? ? 5 a i cc (2) standby current v cc = 3.6v, v i = v cc - 0.2v or 0 ? ? 500 a c in input capacitance v i = 0, f = 1 mhz ? 4 ? pf c out output capacitance v o = 0, f = 1 mhz ? 8 ? pf electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) recommended operating conditions symbol parameter min. typ. max. unit v cc supply voltage 3.0 3.3 3.6 v v ih high-level input voltage 2 ? v cc +0.5 v v il low-level input voltage ? ? 0.8 v i oh high-level output current ? ? ?4 ma i ol low-level output current ? ? 8 ma t a operating free-air 0 ? 70 c temperature
6 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range determining active current consumption and power dissipation the i cc(f) data for the graph was taken while simultaneously reading and writing the fifo on the idt72v3611 with clka and clkb operating at frequency f s . all data inputs and data outputs change state during each clock cycle to consume the highest supply current. data outputs w ere disconnected to normalize the graph to a zero-capacitance load. once the capacitance load per data-output channel is known, the power dissipation can be calculated with the equation below. calculating power dissipation with i cc(f ) taken from figure 1, the maximum power dissipation (pt) of the idt72v3611 may be calculated by: p t = v cc x i cc(f) + (c l x (v oh - v ol ) 2 x f o ) n where: n = number of outputs = 36 c l = output capacitance load f o = switching frequency of an output v oh = output high-level voltage v ol = output low-level voltage when no read or writes are occurring on this device, the power dissipated by a single clock (clka or clkb) input running at fre quency f s is calculated by: p t = v cc x f s x 0.025 ma/mhz figure 1. typical characteristics: supply current (i cc ) vs. clock frequency (f s ) 0 10 20 30 40 50 60 70 0 25 50 75 100 125 150 v cc = 3.3v f s ? clock frequency ? mhz i cc(f) ? supply current ? ma f data = 1/2 f s t a = 25 c c l = 0 pf v cc = 3.0v 4657 drw 04 v cc = 3.6v
7 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range timing requirements over recommended ranges of supply voltage and operating free-air temperatures idt72v3611l15 symbol parameter min. max. unit f s clock frequency, clka or clkb ? 66.7 mhz t clk clock cycle time, clka or clkb 15 ? mhz t clkh pulse duration, clka or clkb high 6 ? ns t clkl pulse duration, clka or clkb low 6 ? ns t ds setup time, a0-a35 before clka and b0-b35 before clkb 4?ns t ens1 csa , w/ r a, before clka ; csb , w/ r b before clkb 6?ns t ens2 ena before clka ; enb before clkb 4?ns t ens3 mba before clka ; enb before clkb 4?ns t pgs setup time, odd/ even and pgb before clkb (1) 4?ns t rsts setup time, rst low before clka or clkb (2) 5?ns t fss setup time, fs0 and fs1 before rst high 5 ? ns t dh hold time, a0-a35 after clka and b0-b35 after clkb 1?ns t enh1 csa , w/ r a after clka ; csb , w/ r b after clkb 1?ns t enh2 ena after clka ; enb after clkb 1ns t enh3 mba after clka ; mbb after clkb 1ns t pgh hold time, odd/ even and pgb after clkb (1) 0?ns t rsth hold time, rst low after clka or clkb (2) 6?ns t fsh hold time, fs0 and fs1 after rst high 4 ? ns t skew1 (3) skew time, between clka and clkb for ef , ff 8?ns t skew2 (3,4) skew time, between clka and clkb for ae , af 14 ? ns notes: 1. only applies for a rising edge of clkb that does a fifo read. 2. requirement to count the clock edge as one of at least four needed to reset a fifo. 3. skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship b etween clka cycle and clkb cycle. 4. design simulated, not tested.
8 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range switching characteristics over recommended ranges of supply voltage and operating free-air temperature, c l = 30 pf idt72v3611l15 symbol parameter min. max. unit f s clock frequency, clka or clkb ? 66.7 mhz t a access time, clkb to b0-b35 2 10 ns t wff propagation delay time, clka to ff 210ns t ref propagation delay time, clkb to ef 210ns t pae propagation delay time, clkb to ae 210ns t paf propagation delay time, clka to af 210ns t pmf propagation delay time, clka to mbf1 low or 1 9 ns mbf2 high and clkb to mbf2 low or mbf1 high t pmr propagation delay time, clka to b0-b35 (1) and clkb to a0-a35 (2) 210ns t mdv propagation delay time, mbb to b0-b35 valid 1 10 ns t pdpe propagation delay time, a0-a35 valid to pefa 210ns valid; b0-b35 valid to pefb valid t pope propagation delay time, odd/ even to pefa and pefb 210ns t popb (3) propagation delay time, odd/ even to parity bits 2 10 ns (a8, a17, a26, a35) and (b8, b17, b26, b35) t pepe propagation delay time, csa , ena, w/ r a, mba, or 1 10 ns pga to pefa ; csb , enb, w/ r b, mbb, or pgb to pefb t pepb (3) propagation delay time, csa , ena w/ r a, mba, or pga to parity bits (a8, a17, 2 10 ns a26, a35); csb , enb, w/ r b, mbb, or pgb to parity bits (b8, b17, b26, b35) t rsf propagation delay time, rst to ae low and ( af , mbf1 , mbf2 ) high 1 15 ns t en enable time, csa and w/ r a low to a0-a35 active 2 10 ns and csb low and w /rb high to b0-b35 active t dis disable time, csa or w/ r a high to a0-a35 at high impedance 1 9 ns and csb high or w /rb low to b0-b35 at high impedance notes: 1. writing data to the mail1 register when the b0-b35 outputs are active and mbb is high. 2. writing data to the mail2 register when the a0-a35 outputs are active and mba is high. 3. only applies when reading data from a mail register.
9 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range csb w/ r b enb mbb clkb data b (b0-b35) i/o port functions h x x x x input none l h l x x input none lhh l input none lhhh input mail2 write l l l l x output none llhl output fifo read l l l h x output none llhh output mail1 read (set mbf1 high) csa w/ r a ena mba clka data a (a0-a35) i/o port functions h x x x x input none l h l x x input none lhh l input fifo write lhhh input mail1 write l l l l x output none llhl output none l l l h x output none llhh output mail2 read (set mbf2 high) almost-full and almost-empty flag fs1 fs0 rst offset register (x) 16 h h 12 h l 8lh 4ll signal description reset ( rst ) the idt72v3611 is reset by taking the reset ( rst ) input low for at least four port-a clock (clka) and four port b clock (clkb) low-to-high transitions. the reset input can switch asynchronously to the clocks. a device reset initializes the internal read and write pointers of the fifo and forces the full flag ( ff ) low, the empty flag ( ef ) low, the almost-empty flag ( ae ) low, and the almost-full flag ( af ) high. a reset also forces the mailbox flags ( mbf1 , mbf2 ) high. after a reset, ff is set high after two low-to-high transitions of clka. the device must be reset after power up before data is written to its memory. a low-to-high transition on the rst input loads the almost-full and almost-empty offset register (x) with the value selected by the flag select (fs0, fs1) inputs. the values that can be loaded into the register are shown in table 1. for the relevant reset timing and preset value loading timing diagram, see figure 2. the relevant write timing diagram for port a can be found in figure 3. fifo write/read operation the state of the port-a data (a0-a35) outputs is controlled by the port- a chip select ( csa ) and the port-a write/read select (w/ r a). the a0-a35 outputs are in the high-impedance state when either csa or w/ r a is high. the a0-a35 outputs are active when both csa and w/ r a are low. data is loaded into the fifo from the a0-a35 inputs on a low-to-high transition of clka when csa is low, w/ r a is high, ena is high, mba is low, and ff is high (see table 2). the port-b control signals are identical to those of port a. the state of the port-b data (b0-b35) outputs is controlled by the port-b chip select ( csb ) and the port-b write/read select (w/ r b). the b0-b35 outputs are in the high-impedance state when either csb or w/ r b is high. the b0-b35 outputs are active when both csb and w/ r b are low. data is read from the fifo to the b0-b35 outputs by a low-to-high transition of clkb when csb is low, w/ r b is low, enb is high, mbb is low, and ef is high (see table 3). the relevant read timing diagram for port b can be found in figure 4. the setup and hold-time constraints to the port clocks for the port chip selects ( csa , csb ) and write/read selects (w/ r a, w/ r b) are only for enabling write and read operations and are not related to high-impedance control of the data outputs. if a port enable is low during a clock cycle, the port?s chip select and write/read select can change states during the setup and hold-time window of the cycle. table 1 ? flag programming table 2 ? port-a enable function table table 3 ? port-b enable function table
10 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range note: 1. x is the value in the almost-empty flag and almost-full flag register. synchronized synchronized number of words to clkb to clka in the fifo ef ae af ff 0llhh 1 to x h l h h (x+1) to [64-(x+1)] h h h h (64-x) to 63 h h l h 64 h h l l the read sets the ff high and data can be written in the following clock cycle. a low-to-high transition on clka begins the first synchronization cycle of a read if the clock transition occurs at time t skew1 or greater after the read. otherwise, the subsequent clock cycle can be the first synchronization cycle (see figure 6). almost-empty flag ( ae ) the fifo almost-empty flag is synchronized to the port clock that reads data from its array (clkb). the state machine that controls the ae flag monitors a write pointer and read pointer comparator that indicates when the fifo memory status is almost-empty, almost-empty+1, or almost-empty+2. the almost-empty state is defined by the value of the almost-full and almost-empty offset register (x). this register is loaded with one of four preset values during a device reset (see the reset section). the ae flag is low when the fifo contains x or less words in memory and is high when the fifo contains (x+1) or more words. two low-to-high transitions on the port-b clock (clkb) are required after a fifo write for the ae flag to reflect the new level of fill. therefore, the ae flag of a fifo containing (x+1) or more words remains low if two clkb cycles have not elapsed since the write that filled the memory to the (x+1) level. the ae flag is set high by the second clkb low-to-high transition after the fifo write that fills memory to the (x+1) level. a low-to-high transition on clkb begins the first synchronization cycle if it occurs at time t skew2 or greater after the write that fills the fifo to (x+1) words. otherwise, the subsequent clkb cycle can be the first synchronization cycle (see figure 7). almost-full flag ( af ) the fifo almost-full flag is synchronized to the port clock that writes data to its array (clka). the state machine that controls an af flag monitors a write pointer and read pointer comparator that indicates when the fifo memory status is almost-full, almost- full-1, or almost-full-2. the almost-full state is defined by the value of the almost-full and almost-empty offset register (x). this register is loaded with one of four preset values during a device reset (see the reset section). the af flag is low when the fifo contains (64-x) or more words in memory and is high when the fifo contains [64-(x+1)] or less words. two low-to-high transitions on the port-a clock (clka) are required after a fifo read for the af flag to reflect the new level of fill. therefore, the af flag of a fifo containing [64-(x+1)] or less words remains low if two clka cycles have not elapsed since the read that reduced the number of words in memory to [64-(x+1)]. the af flag is set high by the second clka low-to- high transition after the fifo read that reduces the number of words in memory to [64-(x+1)]. a low-to-high transition on clka begins the first synchroni- zation cycle if it occurs at time t skew2 or greater after the read that reduces the number of words in memory to [64-(x+1)]. otherwise, the subsequent clka cycle can be the first synchronization cycle (see figure 8). mailbox registers two 36-bit bypass registers are on the idt72v3611 to pass command and control information between port a and port b. the mailbox select (mba, mbb) inputs choose between a mail register and a fifo for a port data transfer operation. a low-to-high transition on clka writes a0-a35 data to the mail1 register when port-a write is selected by csa , w/ r a, and ena with mba high. a low-to-high transition on clkb writes b0-b35 data to the mail2 register when port-b write is selected by csb , w/ r b, and enb with mbb high. writing data to a mail register sets its corresponding flag ( mbf1 or mbf2 ) low. attempted writes to a mail register are ignored while its mail flag is low. when the port-b data (b0-b35) outputs are active, the data on the bus comes from the fifo output register when the port-b mailbox select (mbb) input synchronized fifo flags each fifo flag is synchronized to its port clock through two flip-flop stages. this is done to improve the flags? reliability by reducing the probability of metastable events on their outputs when clka and clkb operate asynchro- nously to one another. ff and af are synchronized to clka. ef and ae are synchronized to clkb. table 4 shows the relationship of the flags to the level of fifo fill. empty flag ( ef ) the fifo empty flag is synchronized to the port clock that reads data from its array (clkb). when the ef is high, new data can be read to the fifo output register. when the ef is low, the fifo is empty and attempted fifo reads are ignored. the fifo read pointer is incremented each time a new word is clocked to its output register. the state machine that controls an ef monitors a write pointer and read pointer comparator that indicates when the fifo memory status is empty, empty+1, or empty+2. a word written to the fifo can be read to the fifo output register in a minimum of three port-b clock (clkb) cycles. therefore, an ef is low if a word in memory is the next data to be sent to the fifo output register and two clkb cycles have not elapsed since the time the word was written. the ef of the fifo is set high by the second low-to-high transition of clkb, and the new data word can be read to the fifo output register in the following cycle. a low-to-high transition on clkb begins the first synchronized cycle of a write if the clock transition occurs at time t skew1 or greater after the write. otherwise, the subsequent clkb cycle can be the first synchronization cycle (see figure 5). full flag ( ff ) the fifo full flag is synchronized to the port clock that writes data to its array (clka). when the ff is high, a fifo memory location is free to receive new data. no memory locations are free when the ff is low and attempted writes to the fifo are ignored. each time a word is written to the fifo, its write pointer is incremented. the state machine that controls the ff monitors a write pointer and read pointer comparator that indicates when the fifo memory status is full, full-1, or full-2. from the time a word is read from the fifo, its previous memory location is ready to be written in a minimum of three port-a clock cycles. therefore, a ff is low if less than two clka cycles have elapsed since the next memory write location has been read. the second low-to-high transition on clka after table 4 ? fifo flag operation
11 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range is low and from the mail1 register when mbb is high. mail2 data is always present on the port-a data (a0-a35) outputs when they are active. the mail1 register flag ( mbf1 ) is set high by a low-to-high transition on clkb when a port-b read is selected by csb , w/ r b, and enb with mbb high. the mail2 register flag ( mbf2 ) is set high by a low-to-high transition on clka when a port-a read is selected by csa , w/ r a, and ena with mba high. the data in a mail register remains intact after it is read and changes only when new data is written to the register. for relevant mail register and mail register flag timing diagrams, see figure 9 and figure 10. parity checking the port-a (a0-a35) inputs and port-b (b0-b35) inputs each have four parity trees to check the parity of incoming (or outgoing) data. a parity failure on one or more bytes of the input bus is reported by a low level on the port parity error flag ( pefa , pefb ). odd or even parity checking can be selected, and the parity error flags can be ignored if this feature is not desired. parity status is checked on each input bus according to the level of the odd/ even parity (odd/ even ) select input. a parity error on one or more bytes of a port is reported by a low level on the corresponding port parity error flag ( pefa , pefb ) output. port-a bytes are arranged as a0-a8, a9-a17, a18- a26, and a27-a35, and port-b bytes are arranged as b0-b8, b9-b17, b18- b26, and b27-b35. when odd/even parity is selected, a port parity error flag ( pefa , pefb ) is low if any byte on the port has an odd/even number of low levels applied to its bits. the four parity trees used to check the a0-a35 inputs are shared by the mail2 register when parity generation is selected for port-a reads (pga=high). when port-a read from the mail2 register with parity generation is selected with csa low, ena high, w/ r a low, mba high, and pga high, the port-a parity error flag ( pefa ) is held high regardless of the levels applied to the a0-a35 inputs. likewise, the parity trees used to check the b0- b35 inputs are shared by the mail1 register when parity generation is selected for port-b reads (pgb=high). when a port-b read from the mail1 register with parity generation is selected with csb low, enb high, w/ r b low, mbb high, and pgb high, the port-b parity error flag ( pefb ) is held high regardless of the levels applied to the b0-b35 inputs. parity generation a high level on the port-a parity generate select (pga) or port-b parity generate select (pgb) enables the idt72v3611 to generate parity bits for port reads from a fifo or mailbox register. port-a bytes are arranged as a0- a8, a9-a17, a18-a26, and a27-a35, with the most significant bit of each byte used as the parity bit. port-b bytes are arranged as b0-b8, b9-b17, b18-b26, and b27-b35, with the most significant bit of each byte used as the parity bit. a write to a fifo or mail register stores the levels applied to all thirty-six inputs regardless of the state of the parity generate select (pga, pgb) inputs. when data is read from a port with parity generation selected, the lower eight bits of each byte are used to generate a parity bit according to the level on the odd/ even select. the generated parity bits are substituted for the levels originally written to the most significant bits of each byte as the word is read to the data outputs. parity bits for fifo data are generated after the data is read from the fifo ram and before the data is written to the output register. therefore, the port- b parity generate select (pgb) and odd/ even have setup and hold time constraints to the port-b clock (clkb) for a rising edge of clkb used to read a new word to the fifo output register. the circuit used to generate parity for the mail1 data is shared by the port- b bus (b0-b35) to check parity and the circuit used to generate parity for the mail2 data is shared by the port-a bus (a0-a35) to check parity. the shared parity trees of a port are used to generate parity bits for the data in a mail register when the port write/read select (w/ r a, w/ r b) input is low, the port mail select (mba, mbb) input is high, chip select ( csa , csb ) is low, enable (ena, enb) is high, and the port parity generate select (pga, pgb) is high. generating parity for mail register data does not change the contents of the register (see figure 13 and figure 14).
12 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range figure 3. fifo write cycle timing figure 2. device reset and loading the x register with the value of eight clka rst ff ae af mbf1 , mbf2 clkb ef fs1,fs0 4657 drw 05 t rsts t rsth t fsh t fss t wff t wff t pae 0,1 t paf t rsf t ref clka ff ena mba csa w/ r a t clkh t clkl t clk t ens1 t ens1 t ens3 t ens2 t enh1 t enh1 t enh3 t enh2 t ens2 t enh2 t enh2 t ens2 4657 drw 06 pefa a0 - a35 t ds t dh w1 w2 no operation odd/ even valid valid t pdpe t pdpe high
13 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range figure 5. ef ef ef ef ef flag timing and first data read when the fifo is empty note: 1. t skew1 is the minimum time between a rising clka edge and a rising clkb edge for ef to transition high in the next clkb cycle. if the time between the rising clka edge and rising clkb edge is less than t skew1 , then the transition of ef high may occur one clkb cycle later than shown. figure 4. fifo read cycle timing 4657 drw 07 clkb ef enb b0 - b35 mbb csb w/ r b t clk t clkh t clkl t ens2 t mdv t en t a t a t enh2 t ens2 t enh2 t ens2 t enh2 t dis no operation high pgb, odd/ even previous data word 1 word 2 t pgs t pgh t pgs t pgh csa w r a mba ffa a0 - a35 clkb ef csb w/ r b mbb ena clka 12 4657 drw 08 t clkh t clkl t clk t ens3 t ens2 t enh3 t enh2 t ds t dh t skew1 t clk t clkl t ref t ref t ens2 t enh2 t a w1 empty fifo low high low low low t clkh w1 high (1) enb b0 - b35
14 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range figure 7. timing for ae ae ae ae ae when the fifo is almost-empty notes: 1. t skew2 is the minimum time between a rising clka edge and a rising clkb edge for ae to transition high in the next clkb cycle. if the time between the rising clka edge and rising clkb edge is less than t skew2 , then ae may transition high one clkb cycle later than shown. 2. fifo write ( csa = l, w/ r a = h, mba = l), fifo read ( csb = l, w/ r b = l, mbb = l). note: 1. t skew1 is the minimum time between a rising clkb edge and a rising clka edge for ff to transition high in the next clka cycle. if the time between the rising clkb edge and rising clka edge is less than t skew1 , then the transition of ff high may occur one clka cycle later than shown. figure 6. ff ff ff ff ff flag timing and first available write when the fifo is full csb efb w/ r b mbb enb b0 -b35 clkb ff clka csa 4657 drw 09 w r a 12 a0 - a35 mba ena t clk t clkh t clkl t ens2 t enh2 t a t skew1 (1) t clk t clkh t clkl t wff t ens3 t ens2 t ds t enh2 t dh to fifo previous word in fifo output register next word from fifo low low low high low high fifo full t wff t enh3 ae clka enb 4657 drw 10 ena clkb 2 1 t ens2 t enh2 t skew2 (1) t pae t pae t ens2 t enh2 x word in fifo (x+1) words in fifo
15 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range figure 8. timing for af af af af af when the fifo is almost-full figure 9. timing for mail1 register and mbf1 mbf1 mbf1 mbf1 mbf1 flag notes: 1. t skew2 is the minimum time between a rising clka edge and a rising clkb edge for af to transition high in the next clka cycle. if the time between the rising clka edge and rising clkb edge is less than t skew2 , then af may transition high one clka cycle later than shown. 2. fifo write ( csa = l, w/ r a = h, mba = l), fifo read ( csb = l, w/ r b = l, mbb = l). note: 1. port-b parity generation off (pgb = l) af clka enb 4657 drw 11 ena clkb 12 t skew2 (1) t ens2 t enh2 t paf t ens2 t enh2 t paf [64-(x+1)] words in fifo (64-x) words in fifo 4657 drw 12 clka ena a0 - a35 mba csa w/ r a clkb mbf1 csb mbb enb b0 - b35 w/ r b w1 t ens1 t enh1 t ds t dh t pmf t pmf t en t mdv t pmr t ens2 t enh2 t dis w1 (remains valid in mail1 register after read) fifo output register t ens1 t enh1 t ens1 t enh1 t ens1 t enh1
16 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range figure 11. odd/ even even even even even , w/ra, mba, and pga to pefa pefa pefa pefa pefa timing note: 1. csa = l and ena = h. figure 12. odd/ even even even even even , w/rb, mbb, and pgb to pefb pefb pefb pefb pefb timing 4657 drw 13 clkb enb b0 - b35 mbb csb w/ r b clka mbf2 csa mba ena a0 - a35 w/ r a w1 t ens1 t enh1 t ds t dh t pmf t pmf t en t pmr t ens2 t enh2 t dis w1 (remains valid in mail2 register after read) t ens1 t enh1 t ens1 t enh1 t ens1 t enh1 4657 drw 14 odd/ even pefa pga mba w/ r a valid valid valid valid t pope t pepe t pope t pepe 4657 drw 15 odd/ even pefb pgb mbb w/ r b valid valid valid valid t pope t pepe t pope t pepe figure 10. timing for mail2 register and mbf2 mbf2 mbf2 mbf2 mbf2 flag note: 1. port-a parity generation off (pga = l) note: 1. csb = l and enb = h.
17 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range figure 14. parity generation timing when reading from the mail1 register figure 13. parity generation timing when reading from the mail2 register note: 1. ena = h. note: 1. enb = h. 4657 drw 16 odd/ even a8, a17, a26, a35 pga mba w/ r a mail2 data generated parity generated parity mail2 data csa low t en t pepb t popb t pepb 4657 drw 17 odd/ even b8, b17, b26, b35 pgb mbb w/ r b mail1 data generated parity generated parity mail1 data csb low t en t pepb t popb t pepb t mdv
18 idt72v3611 3.3v, cmos syncfifo tm 64 x 36 commercial temperature range note: 1. includes probe and jig capacitance. figure 15. load circuit and voltage waveforms 4657 drw 18 parameter measurement information from output under test 30 pf 330 3.3v 510 propagation delay load circuit 3 v gnd timing input data, enable input gnd 3 v 1.5 v 1.5 v voltage waveforms setup and hold times voltage waveforms pulse durations voltage waveforms enable and disable times voltage waveforms propagation delay times 3 v gnd gnd 3 v 1.5 v 1.5 v 1.5 v 1.5 v t w output enable low-level output high-level output 3 v ol gnd 3 v 1.5 v 1.5 v 1.5 v 1.5 v oh ov gnd oh ol 1.5 v 1.5 v 1.5 v 1.5 v input in-phase output high-level input low-level input v v v v 1.5 v 3 v t s t h t plz t phz t pzl t pzh t pd t pd (1)
19 corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 408-360-1753 san jose, ca 95138 fax: 408-284-2775 fifohelp@idt.com www.idt.com ordering information g 4657 drw 19 green xxxxxx device type x xx x x power speed package process/ temperature range clock cycle time (t clk ) speed in nanoseconds commercial x blank commercial (0 c to +70 c) thin quad flat pack (tqfp, png120) low power 64 x 36 ? 3.3v syncfifo pf 15 l 72v3611 blank 8 tube or tray tape and reel x datasheet document history 07/10/2000 pg. 1 05/27/2003 pg. 6. 06/07/2005 pgs. 1, 2, 3 and 20. 02/10/2009 pg. 20. 11/07/2013 pgs. 1, 2, 5, 7, 8, 10 and 19. 01/09/2014 pg. 2.


▲Up To Search▲   

 
Price & Availability of 72V3611L15PFG8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X