Part Number Hot Search : 
BAT54 TS1620A 2SK3298 CLM2810 AT5802 CENB1100 AT250 1N925
Product Description
Full Text Search
 

To Download 2SK3107C-T1-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r07ds1286ej0200 rev.2.00 page 1 of 6 jul 16, 2015 preliminary data sheet 2sk3107c n-channel mosfet for switching description the 2sk3107c, n-channel vertical type mosfet designed for general-purpose switch, is a device which can be driven directly by a 4.5 v power source. features ? directly driven by a 4.5 v power source. ? low on-state resistance r ds(on)1 = 2.7 ? max. (v gs = 10 v, i d = 100 ma) r ds(on)2 = 3.2 ? max. (v gs = 4.5 v, i d = 50 ma) ordering information part number lead plating packing package 2SK3107C-T1-A/at -a:sn-bi , -at:pure sn 3000p/reel sc-75 (3pusm) remark "-a/at" indicates pb-free. this product does not contain pb in external electrode and other parts. marking xp absolute maximum ratings (t a = 25c) drain to source voltage (v gs = 0 v) v dss 60 v gate to source voltage (v ds = 0 v) v gss ? 20 v drain current (dc) i d(dc) ? 200 ma drain current (pulse) note1 i d(pulse) ? 800 ma total power dissipation note2 p t 200 mw channel temperature t ch 150 ? c storage temperature t stg ? 55 to ? 150 ? c note 1. pw ? 10 ? s, duty cycle ? 1% note 2. mounted on ceramic substrate of 3.0 cm 2 x 0.64 mm r07ds1286ej0200 rev.2.00 jul 16, 2015
2sk3107c r07ds1286ej0200 rev.2.00 page 2 of 6 jul 16, 2015 electrical characteristics (t a = 25 ? c) characteristics symbol test conditions min. typ. max. unit zero gate voltage drain current i dss v ds = 60 v, v gs = 0 v 1 ? a gate leakage current i gss v gs = ? 20 v, v ds = 0 v ? 10 ? a gate to source cut-off voltage v gs(off) v ds = v gs , i d = 250 ? a 1.0 2.5 v forward transfer admittance note | y fs | v ds = 10 v, i d = 100 ma 150 ms drain to source on-state resistance note r ds(on)1 v gs = 10 v, i d = 100 ma 2.1 2.7 ? r ds(on)2 v gs = 4.5 v, i d = 50 ma 2.4 3.2 ? input capacitance c iss v ds = 10 v, 20 pf output capacitance c oss v gs = 0 v, 9 pf reverse transfer capacitance c rss f = 1.0 mhz 2 pf turn-on delay time t d(on) v dd = 10 v, 16 ns rise time t r i d = 200 ma, 6.5 ns turn-off delay time t d(off) v gs = 10 v, 82 ns fall time t f r g = 10 ? 32 ns total gate charge q g i d = 200 ma, v dd = 25 v, v gs = 10 v 2 nc body diode forward voltage note v f(s-d) i f = 200 ma, v gs = 0 v 0.86 v note pulsed ? test circuit switching time pg. r g 0 v gs d.u.t. r l v dd = 1 s duty cycle 1% v gs wave form v ds wave form v gs v ds 10% 0 0 90% 90% 90% v gs v ds t on t off t d(on) t r t d(off) t f 10% 10%
2sk3107c r07ds1286ej0200 rev.2.00 page 3 of 6 jul 16, 2015 typical characteristics (t a = 25 ? c) derating factor of forward bias safe operating area forward bias safe operating area dt - percentage of rated power - % ? 0 20 40 60 80 100 120 0 25 50 75 100 125 150 175 t a ? ambient temperature - ? c i d - drain current - a 0.01 0.1 1 110100 id(pulse)=0.8a dc power dissipation limited id(dc)=0.2a 1ms 10ms 100ms ta=25c single pulse v ds - drain to source voltage ? v drain current vs. drain to source voltage forward transfer characteristics i d - drain current - a 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 02468 pulsed v gs = 10 v 4.5 v v ds - drain to source voltage - v i d - drain current - a 0.0001 0.001 0.01 0.1 1 012345 v ds = 5 v pulsed t a = 125 ? c 75 ? c 25 ? c ? 25 ? c v gs - gate to source voltage ? v gate cut-off voltage vs. channel temperature forward transfer admittance vs. drain current v gs(off) - gate cut-off voltage - v 1 1.5 2 2.5 3 -50 0 50 100 150 v ds = v gs i d = 250 ? a t ch - channel temperature - ? c | y fs | - forward transfer admittance - s 0.01 0.1 1 0.01 0.1 1 v ds = 10 v pulsed t a = ? 25 ? c 25 ? c 75 ? c 125 ? c i d - drain current - a
2sk3107c r07ds1286ej0200 rev.2.00 page 4 of 6 jul 16, 2015 drain to source on-state resistance vs. drain current drain to source on-state resistance vs. gate to source voltage r ds(on) - drain to source on-state resistance - ? 0 5 10 0.001 0.01 0.1 1 10 pulsed 10 v v gs = 4.5 v i d - drain current - a r ds(on) - drain to source on-state resistance - ? 0 5 10 024681012 pulsed i d = 100 ma 50 ma v gs ? gate to source voltage - v drain to source on-state resistance vs. channel temperature capacitance vs. drain to source voltage r ds(on) - drain to source on-state resistance - ? 0 1 2 3 4 5 -25 0 25 50 75 100 125 pulsed v gs = 4.5 v, i d = 50 ma 10 v, 100 ma t ch - channel temperature - ? c c iss , coss , crss - capacitance - pf 0.1 1 10 100 0.1 1 10 100 v gs = 0 v f = 1.0 mhz c iss c oss c rss v ds - drain to source voltage ? v switching characteristics dynamic input characteristics t d(on), tr, t d(off), t f - switching time - ns 1 10 100 1000 0.001 0.01 0.1 1 v dd = 10 v, v gs = 10 v r g = 10 ? t d(off) t d(on) t f t r i d - drain current - a v gs ? gate to source voltage - v 0 2 4 6 8 10 0123 i d = 200 ma v dd = 48 v 30 v 25 v q g ? gate chage - nc
2sk3107c r07ds1286ej0200 rev.2.00 page 5 of 6 jul 16, 2015 source to drain diode forward voltage i f ? diode forward current - a 0.001 0.01 0.1 1 0 0.2 0.4 0.6 0.8 1 1.2 pulsed v gs = 0 v v f(s-d) ? source to drain voltage - v
2sk3107c r07ds1286ej0200 rev.2.00 page 6 of 6 jul 16, 2015 package drawings (unit: mm) sc-75 (3pusm) equivalent circuit source body diode gate protection diode gate drain remark the diode connected between the gate and source of the transistor serves as a protector against esd. when this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
all trademarks and registered trademarks are t he property of their respective owners. c - 1 2sk3107c rev. date description page summary 1.00 sep , 2013 ? first edition issued 2.00 jun, 2015 2 - changed electrical characteristics - changed test circuit switching time 3, 4, 5 changed all graphs 5 added forward bias safe operating area
notice 1. descriptions of circuits, software and other related information in this document are provided only to illustrate the operati on of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 2. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information incl uded herein. 3. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property rig hts of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any paten ts, copyrights or other intellectual property rights of renesas electronics or others. 4. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from such alteration, modification, copy or otherwise misappropriation of renesas electronics product. 5. renesas electronics products are classified according to the following two quality grades: "standard" and "high quality". th e recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment; home electronic appliances; machine tools; personal electronic equipment; and industrial robots etc. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; an ti-crime systems; and safety equipment etc. renesas electronics products are neither intended nor authorized for use in products or systems that may pose a direct threat t o human life or bodily injury (artificial life support devices or systems, surgical implantations etc.), or may cause serious property damages (nuclear reactor control systems, military equipment etc.). you mus t check the quality grade of each renesas electronics product before using it in a particular application. you may not use any renesas electronics product for any application for which it is not intended. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for which the product is not intended by renesas electronics. 6. you should use the renesas electronics products described in this document within the range specified by renesas electronics, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas e lectronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 7. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have sp ecific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance desig n. please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics produc t, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measu res. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or systems manufactured by you. 8. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compatibi lity of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, in cluding without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 9. renesas electronics products and technology may not be used for or incorporated into any products or systems whose manufactur e, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. you should not use renesas electronics products or technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. when exporting the renesas electronics products or technology described in this do cument, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. 10. it is the responsibility of the buyer or distributor of renesas electronics products, who distributes, disposes of, or other wise places the product with a third party, to notify such third party in advance of the contents and conditions set forth in this document, renesas electronics assumes no responsibility for any losses incurred by yo u or third parties as a result of unauthorized use of renesas electronics products. 11. this document may not be reproduced or duplicated in any form, in whole or in part, without prior written consent of renesas electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this docu ment or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-own ed subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2801 scott boulevard santa clara, ca 95050-2549, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 9251 yonge street, suite 8309 richmond hill, ontario canada l4c 9t3 tel: +1-905-237-2004 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-6503-0, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. room 1709, quantum plaza, no.27 zhichunlu haidian district, beijing 100191, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 301, tower a, central towers, 555 langao road, putuo district, shanghai, p. r. china 200333 tel: +86-21-2226-0888, fax: +86-21-2226-0999 renesas electronics hong kong limited unit 1601-1611, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2265-6688, fax: +852 2886-9022 renesas electronics taiwan co., ltd. 13f, no. 363, fu shing north road, taipei 10543, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 80 bendemeer road, unit #06-02 hyflux innovation centre, singapore 339949 tel: +65-6213-0200, fax: +65-6213-0300 renesas electronics malaysia sdn.bhd. unit 1207, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics india pvt. ltd. no.777c, 100 feet road, hal ii stage, indiranagar, bangalore, india tel: +91-80-67208700, fax: +91-80-67208777 renesas electronics korea co., ltd. 12f., 234 teheran-ro, gangnam-gu, seoul, 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2015 renesas electronics corporation. all rights reserved. colophon 5.0


▲Up To Search▲   

 
Price & Availability of 2SK3107C-T1-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X