Part Number Hot Search : 
5YN206 AN4140 2SD235 SMC27 RJH60F4 20200CT NJU6682 BRR1A
Product Description
Full Text Search
 

To Download 1N5712UB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds -0 040 -2, rev . 1 ( 6/ 4 /13 ) ?201 3 microsemi corporation page 1 of 7 1n5711 ub and 1n5712 ub (cc, ca, & d) compliant schottky barrier diode ceramic surface mount qualified per mil -prf- 19500/444 qualified levels : jan, jantx, jantxv and jans description th is 1n5711ub and 1N5712UB s ch ottky barrier diode is ceramic encased and offers military grade qualifications for high - reliability applications . unidirectional as well as doubler, common anode and common cathode polarities are available . ub package also available in : do - 35 pack age ( axial - leaded ) 1n5711 - 1, 1n5712 - 1, 1n6857 - 1, and 1n6858 -1 do - 213aa package (surface mount) 1n5711ur - 1, 1n5712ur - 1, 1n6857ur - 1, and 1n6858ur -1 important: for the latest information, visit our website http://www.microsemi.com . features ? surface mount equivalent of jedec registered 1n5711, 1n5712 numbers . ? jan, jantx, jantxv and commercial qualifications also available per mil - prf - 19500/444 on 1n numbers only. (s ee p art n omenclature for all available options). ? rohs compliant by design . applic ations / benefits ? low reverse leakage characteristics. ? low - profile ceramic surface mount package (see package illustration) . ? esd sensitive to class 1. m axim um ratings @ 25 oc unless otherwise stated msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and storage temperature t j and t stg -6 5 to +150 oc thermal resistance, junction - to - solder pad r ? j sp 100 oc /w average rectified output current: 1n5711 ub (1) 1N5712UB (2) i o 33 75 ma solder temperature @ 10 s 260 o c notes: 1. at t ec and t sp = +140 c, derate i o to 0 at +150 c . 2. at t ec and t sp = +130 c, derate i o to 0 at +150 c . downloaded from: http:///
t4 - lds -0 040 -2, rev . 1 ( 6/ 4 /13 ) ?201 3 microsemi corporation page 2 of 7 1n5711 ub and 1n5712 ub (cc, ca, & d) mechanical and packaging ? case: ceramic . ? terminals: gold p lating over n ickel under plate. ? marking: part number, date code, manufacturers id. ? tape & reel option: standard per eia - 418d . c onsult factory for quantities. ? w eight: approximately 0.04 g rams . ? see p ackage di mensions on last page. part nomenclature jan 1n5711 ub ca reliability level jan = jan level jantx = jantx level jantxv = jantx v level jans = jans level blank = commercial grade jedec type number (s ee electrical characteristic s t able ) polarity ca = common anode cc = common cathode d = doubler blank = unidirectional surface mount package symbols & definitions symbol definition c capacitance: the capacitance in pf at a frequency of 1 mhz and specified voltage. f frequency i r reverse current: the dc current flowing from the external circuit into the cathode terminal at the specified voltage v r . i o average rectified output current: the output current averaged over a full cycle with a 50 hz or 60 hz si ne - wave input and a 180 degree conduction angle. t rr reverse recovery time: the time interval between the instant the current passes through zero when changing f rom the forward direction to the reverse direction and a specified decay point after a peak reverse current occur s. v (br) breakdown voltage: a voltage in the breakdown region. v f forward voltage: a p ositive dc anode - cathode voltage the device will exhibit at a specified forward current. v r reverse voltage: a positive dc cathode - anode voltage below the breakdown region. v rw m working peak reverse voltage: the peak voltage excluding all transient voltages (ref jesd282 - b). also sometimes known historically as piv. common anode (ca) unidirectional (blank) doubler (d) common cathode (ca) downloaded from: http:///
t4 - lds -0 040 -2, rev . 1 ( 6/ 4 /13 ) ?201 3 microsemi corporation page 3 of 7 1n5711 ub and 1n5712 ub (cc, ca, & d) electrical characteristics @ 25 oc unless otherwise noted type number minimum breakdown voltage maximum forward voltage maximum forward voltage working peak reverse voltage maximum rev erse leakage current maximum capacitance @ v r = 0 volts f = 1.0 mhz v ( br ) @ 10 a v f @ 1 ma v f @ i f v rw m i r @ v r c t v olts volts v @ ma v (pk) na v olts pf 1n5711 ub 70 0.41 1.0 @ 15 50 200 50 2.0 1N5712UB 20 0.41 1.0 @ 35 16 150 16 2.0 note: 1. ef fective minority carrier lifetime ( ) is 100 pico seconds . downloaded from: http:///
t4 - lds -0 040 -2, rev . 1 ( 6/ 4 /13 ) ?201 3 microsemi corporation page 4 of 7 1n5711 ub and 1n5712 ub (cc, ca, & d) graphs v f C forward voltage (v) figure 1 i- v curve showing typical forward voltage variation temperature for the 1n 5712 schottky diodes v r C reverse voltage (v) (pulsed) figure 2 1n 5712 typical variation of reverse current (i r ) vs reverse voltage ( v r ) at various temperatures i r C reverse current (na) i f C forward current (ma) downloaded from: http:///
t4 - lds -0 040 -2, rev . 1 ( 6/ 4 /13 ) ?201 3 microsemi corporation page 5 of 7 1n5711 ub and 1n5712 ub (cc, ca, & d) graphs v f C forward voltage (v) figure 3 i C v curve showing typical forward voltage variation with temperature schottky diode 1n5711 v r C revers e voltage (v) (pulsed) figure 4 1n5711 typical variation of reverse current (i r ) vs reverse voltage ( v r ) at various temperatures i f C forward current (ma) i r C reverse current (na) downloaded from: http:///
t4 - lds -0 040 -2, rev . 1 ( 6/ 4 /13 ) ?201 3 microsemi corporation page 6 of 7 1n5711 ub and 1n5712 ub (cc, ca, & d) graphs i f C forward current (ma) (pulsed) figure 5 t ypical dynamic resistance (r d ) vs forward current (i f ) r d C dynamic resistance ( ohms ) downloaded from: http:///
t4 - lds -0 040 -2, rev . 1 ( 6/ 4 /13 ) ?201 3 microsemi corporation page 7 of 7 1n5711 ub and 1n5712 ub (cc, ca, & d) package dimensions symbol dimensions note symbol dimensions note inch millimeters inch millimeters min max min max min max min max bh 0 .046 0 .056 1.17 1.42 ls1 .035 .039 0.89 0.9 9 bl 0 .115 0 .128 2.92 3.25 ls2 .071 .079 1.80 2.01 bw 0 .085 0 .108 2.16 2.74 lw .0 16 .0 24 0.41 0.61 cl - 0 .128 - 3.25 r - .008 - 0.20 cw - 0 .108 - 2.74 r1 - .012 - 0.31 ll1 0 .022 0 .038 0.56 0.97 r2 - .022 - .056 ll2 0 .017 0 .035 0.43 0.89 not es: 1 . dimen sio ns are in in ch es . m illim ete rs a re gi ven fo r in for ma t io n onl y. 2. ceramic package only. 3 . hat che d areas on pack ag e deno te metal li zed area s. 4 . pad 1 = b ase , pad 2 = emi tt e r, pad 3 = c ol l ec to r, pad 4 = s hi e ldi ng c on n ec ted to the li d. 5 . in ac co rd an ce wi th as me y 14 .5m, diame ters a re eq uival en t to x sy mbolog y. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N5712UB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X