Part Number Hot Search : 
24A01 TT2200 463U01 F2040 LC758 LM2901DT DCR15 6202P502
Product Description
Full Text Search
 

To Download 1571004-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  compact slide switches b11 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 slide switches b s series unsealed, se series sealed, through-hole and surface mount s/se series product facts ? sealed or unsealed ? straight or right-angle ? through-hole or surface- mount ? bulk or tape-and-reel packaged ? compact size ? double-pole function in a single-pole body ? pc retention feature ? high reliability contact system ? epoxy sealed base ? robust actuator for easy actuation ? non-shorting (break-before- make) electrical characteristics contact rating: .4 va @ 20 vdc max. 50ma 48v ac/dc min. 1 micro a 20 mv ac/dc initial contact resistance: less than 50 milliohms final contact resistance: 100 milliohms max. insulation resistance: 500 megaohms @ 250 vdc dielectric strength: 500 vac between terminals and ground mechanical mechanical life: up to 10,000 cycles @ max. load actuation force: 70 to 500 grams materials and finish terminals: tin-lead over nickel-plated phosphor bronze contacts: gold over nickel plated phosphor bronze frame: tin over nickel plated brass case, actuator, plunger, terminal board: ul 94v-0 glass-filled polyamide actuator boot: silicon rubber standards & specs sealed switch per ip 67 switch, slide, surface mount - se1 smt (shown w/boot) all surfaces epoxy seal .315 [8.00] .087 [2.20] .110 [2.80] .372 [9.44] .031 [0.80] .220 [5.60] .100 [2.54] sealing boot .050 [1.27] .098 [2.50] .087 [2.20] stroke pos ition a pos ition b .374 [9.50] .394 [10.00] .483 [12.27] .197 [5.00] .087 [2.20] .043 [1.10] .082 [2.08] min. .1 .004 [2.540.1] typ. .035 [0.89] min. typ . .06 [1.52] min. typ. .351 [8.92] .332 [8.43] max. .515 [3.07] min. recommended p.c. b. pad lay out smt-sealed part numbers tyco alcoswitch function electronics 1571004-1 se1gsmt on-off 1571004-2 se1egsmt on-off-on 1571004-3 se1dgsmt on-none-on tape & reel package tyco alcoswitch function electronics 1571004-4 se1gsmttr on-off 1571004-5 se1egsmttr on-off-on 1571004-6 se1dgsmttr on-none-on
sealed part numbers w/boot tyco alcoswitch function electronics 1-1437574-1 se1dgra on-none-on 1-1437574-5 se1egra on-off-on 1-1437574-8 se2dgra on-none-on 2-1437574-1 se2egra on-off-on unsealed part numbers w/o boot tyco alcoswitch function electronics 1571006-1 s1dgra on-none-on 1571006-2 s1egra on-off-on 1571006-3 s2dgra on-none-on 1571006-4 s2egra on-off-on sealed part numbers w/boot tyco alcoswitch function electronics 1437574-9 se1dgpc on-none-on 1-1437574-4 se1egpc on-off-on 1-1437574-6 se2dgpc on-none-on 2-1437574-0 se2egpc on-off-on unsealed part numbers w/o boot tyco alcoswitch function electronics 1571005-1 s1dgpc on-none-on 1571005-2 s1egpc on-off-on 1571005-3 s2dgpc on-none-on 1571005-4 s2egpc on-off-on compact slide switches b12 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 slide switches b switch, slide, pc tail, s/se gpc (shown w/o boot) s/se series switch, slide, right angle, s/se gra (shown w/o boot) .087 [2.20] .197 [5.00] .374 [9.50] .315 [8.00] .087 [2.20] stroke pos ition a pos ition b .087 [2.20] .043 [1.10] .110 [2.80] .100 [2.54] t yp. .100 [2.54] .13 [3.30] epoxy seal epoxy seal single pole double pole .087 [2.20] stroke pos ition a pos ition b epoxy seal epoxy seal .374 [9.50] .315 [8.00] .315 [8.00] .087 [2.20] .087 [2.20] .13 [3.30] 2 plc. .13 [3.30] 2 plc. .087 [2.20] .197 [5.0] .098 [2.50] .110 [2.80] .110 [2.80] .123 [3.12] .123 [3.12] .200 [5.08] .200 [5.08] .100 [2.54] .043 [1.10] single pole double pole .1 .004 [2.540.1] typ. .1 .004 [2.540.1] typ. .031 .004/-0.00 [0.80 +0.10/-0.00] 5 plc. .031 .004/-0.00 [0.80 +0.10/-0.00] 8 plc. .1 .004 [2.540.1] single pole double pole recommended p.c. b. hole lay out single pole double pole .1 .004 [2.540.1] typ . .1 .004 [2.540.1] typ . .1 .004 [2.540.1] .2 .004 [5.080.10] 2 plc. .2 .004 [5.080.10] .031 .004/-0 .00 [0.80 +0.10/-0 .00] 5 plc. .031 .004/-0.00 [0.80 +0.10/-0.00] 8 plc. recommended p.c. b. hole lay out
sts series b13 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 slide switches b .130 (3.30) .394 (10.0) .610 (15.5) 123 1234 .118 (3.00) .256 (6.50) .240 (6.10) .016 (0.40) .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .110 (2.80) .024 (.060) typ. .098 (2.50) typ. p. c. hole layout .098 (2.50) typ. .035 (0.90) dia. typ. .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .110 (2.80) .024 (.060) typ. .098 (2.50) typ. .130 (3.30) .394 (10.0) .610 (15.5) .118 (3.00) .016 (0.40) .240 (6.10) 123 1234 p. c. hole layout .098 (2.50) typ. .035 (0.90) dia. typ. .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .091 (2.30) .024 (.060) typ. .098 (2.50) typ. .130 (3.30) .295 (7.50) .512 (13.0) 12 123 .118 (3.00) .256 (6.50) .240 (6.10) .016 (0.40) p. c. hole layout .098 (2.50) typ. .035 (0.90) dia. typ. .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .110 (2.80) .024 (.060) typ. .098 (2.50) typ. .130 (3.30) .295 (7.50) .512 (13.0) .118 (3.00) .016 (0.40) p. c. hole layout .098 (2.50) typ. .035 (0.90) dia. typ. .240 (6.10) 12 123 slide switches, miniature, low profile, economy grade sts series material specifications: contacts ..................................silver clad copper alloy case material ..........................steel zinc plated actuator material ....................polyester (ul 94hb) terminal seal ..........................epoxy terminals/fixed contacts ......silver plate copper alloy environmental specifications: operating temperature............ -5 to 140?(-1- to +60? storage temperature................-4 to +158? (-2-c to +70) solder heat resistance ............mil-std-202, method 210 typical performance characteristics: contact rating ........................300 ma @ 125 vac initial contact resistance ........20 milliohms max. contact timing ........................make-before-break insulation resistance ..............100 megohms min. @ 500 vdc dielectric strength ..................500 vac actuation force ......................250 grams, +150 grams, -100 grams actuator travel........................0.098(2.49) life expectancy ......................up to 10,000 cycles spdt notice: bifurcated contact produces double wiping, self-cleaning contacts. sp3t sts131ra sp3t spdt part number tyco alcoswitch plating mounting style electronics 5-1437577-8 sts121pc silver upright part number tyco alcoswitch plating mounting style electronics 5-1437577-9 sts121ra silver right angle part number tyco alcoswitch plating mounting style electronics 6-1437577-2 sts131pc silver upright part number tyco alcoswitch plating mounting style electronics 6-1437577-3 sts131ra silver right angle sts121pc sts121ra sts131pc 12 1 23 1 2 1 23 1 2 123 3 4 1 2 123 3 4
sts series b14 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 slide switches b slide switches, miniature, low profile, economy grade sts series .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .110 (2.80) .024 (.060) typ. .098 (2.50) typ. .130 (3.30) .492 (12.5) .709 (18.0) .130 (3.30) .492 (12.5) .709 (18.0) .118 (3.00) .016 (0.40) .240 (6.10) 1234 12345 .035 (0.90) dia. typ. .098 (2.50) typ. p.c. hole layout .118 (3.00) .256 .240 (6.10) .016 see page b13 for product specifications sts1300pc sp3t sp4t sp4t .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .098 (2.50) .024 (.060) typ. .130 (3.30) .394 (10.0) .610 (15.5) .118 (3.00) .016 (0.40) 1 2 3 1 234 .197 (5.00) .240 (6.10) p. c. hole layout .098 (2.50) typ. .197 (5.00) .035 (0.90) dia. typ. .130 (3.30) .394 (10.0) .610 (15.5) .118 (3.00) .244 (6.20) .240 (6.10) .016 (0.40) .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .114 (2.90) .024 (.060) typ. .091 (2.30) typ. .130 (3.30) .492 (12.5) .709 (18.0) 1 2 4 .197 (5.00) .118 (3.00) .016 (0.40) .240 (6.10) 3 12 3 45 p. c. hole layout .098 (2.50) typ. .197 (5.00) .035 (0.90) dia. typ. .130 (3.30) .492 (12.5) .709 (18.0) .118 (3.00) .244 (6.20) .240 (6.10) .016 (0.40) sts141ra sp3t sts1300ra sts1400pc part number tyco alcoswitch plating mounting style electronics 6-1437577-0 sts1300pc silver upright 6-1437577-1 sts1300ra silver right angle part number tyco alcoswitch plating mounting style electronics 6-1437577-5 sts1400pc silver upright 6-1437577-6 sts1400ra silver right angle part number tyco alcoswitch plating mounting style electronics 6-1437577-7 sts141pc silver upright 6-1437577-8 sts141ra silver right angle
sts series b15 catalog 1308390 dimensions are in inches dimensions are shown for usa: 1-800-522-6752 south america: 55-11-3611-1514 issued 9-04 and millimeters unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. values in parentheses specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. c. america: 52-55-5-729-0425 uk: 44-141-810-8967 slide switches b slide switches, miniature, low profile, economy grade sts series see page b13 for product specifications sts151ra sts2400pc sts2300pc dp3t sts151pc sp5t 12345 123456 .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .110 (2.80) .024 (.060) typ. .098 (2.50) typ. .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .091 (2.30) .024 (.060) typ. .098 (2.50) typ. .130 (3.30) .591 (15.0) .807 (20.5) .118 (3.00) .016 (0.40) .240 (6.10) .035 (0.90) dia. typ. .098 (2.50) typ. p.c. hole layout .130 (3.30) .591 (15.0) .807 (20.5) .118 (3.00) .256 (6.50) .240 (6.10) .016 (0.40) sp6t 123456 12345 7 6 .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .110 (2.80) .024 (.060) typ. . 098 (2.50) typ. .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .091 (2.30) .024 (.060) typ. .098 (2.50) typ. .130 (3.30) .689 (17.5) .906 (23.00) .118 (3.00) .016 (0.40) .240 (6.10) .035 (0.90) dia. typ. .098 (2.50) typ. p.c. hole layout .130 (3.30) .689 (17.5) .906 (23.0) .118 (3.00) .256 (6.50) .240 (6.10) .016 (0.40) sts161pc sts161ra .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .098 (2.50) .024 (.060) typ. .098 (2.50) typ. .130 (3.30) .394 (10.0) .610 (15.5) .118 (3.00) .016 (0.40) .244 (6.20) 1 2 3 1 23 .098 (2.50) typ. .118 (3.00) .016 (0.40) .244 (6.20) .098 (2.50) typ. .197 (5.00) .157 (4.00) .205 (5.20) .098 (2.50) travel typ. .197 (5.00) .114 (2.90) .024 (.060) typ. .098 (2.50) typ. .130 (3.30) .492 (12.5) .709 (18.0) .035 (0.90) dia. typ. .098 (2.50) 1 2 3 4 4 1 2 3 .098 (2.50) typ. .197 (5.00) .197 (5.00) p. c. hole layout .035 (0.90) dia. typ. .098 (2.50) .098 (2.50) typ. .197 (5.00) p. c. hole layout dp4t part number tyco alcoswitch plating mounting style electronics 6-1437577-9 sts151pc silver upright 7-1437577-0 sts151ra silver right angle part number tyco alcoswitch plating mounting style electronics 7-1437577-1 sts161pc silver upright 7-1437577-2 sts161ra silver right angle part number tyco alcoswitch plating mounting style electronics 7-1437577-4 sts2300pc dp3t silver upright 7-1437577-6 sts2400pc dp4t silver upright


▲Up To Search▲   

 
Price & Availability of 1571004-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X