Part Number Hot Search : 
LC87F DT74FCT DDZ10CS DDZ10CS DDZ10CS AD8631 AD891JP 0R12K
Product Description
Full Text Search
 

To Download 0855045001-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/27/2018 please check www.molex.com for latest part information part number: 0855045001 status: active overview: magnetic and modular jacks and plugs description: modular jack, cat5e, right angle, through hole, 8/8, low profile, int. shielded, tray documents: 3d model test summary str-1509-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-85504-001-001 (pdf) product literature (pdf) application specification as-85513-001-001 (pdf) agency certification ul e107635 general product family modular jacks/plugs series 85504 comments reflow capable, internal shield component type pcb jack magnetic no overview magnetic and modular jacks and plugs performance category 5e power over ethernet (poe) n/a product literature order no 987650-8441 product name modular jack 8/8, rj45 upc 800756681368 physical boot color n/a color - resin black durability (mating cycles max) 2500 flammability 94v-0 inverted / top latch no jack height 11.50mm lightpipes/leds none material - metal phosphor bronze material - plating mating gold over palladium nickel material - plating termination tin material - resin high temperature thermoplastic net weight 2.711/g orientation right angle (side entry) pcb locator yes pcb retention yes pcb thickness - recommended 1.57mm packaging type tray pitch - mating interface 1.02mm pitch - termination interface 1.27mm plating min - mating 0.051m, 0.600m plating min - termination 1.905m ports 1 positions / loaded contacts 8/8 surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole waterproof / dustproof no wire/cable type n/a series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2018 (15 january 2018) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 85504 series mates with 95043 modular plug, short body
electrical current - maximum per contact 1.5a grounding to pcb yes shielded yes voltage - maximum 125v dc solder process data duration at max. process temperature (seconds) 040 lead-freeprocess capability wave max. cycles at max. process temperature 001 process temperature max. c 260 material info reference - drawing numbers application specification as-85513-001-001 product specification ps-85504-001-001 sales drawing sd-85504-501 test summary str-1509-001 this document was generated on 03/27/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0855045001-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X