Part Number Hot Search : 
9162B 4032K130 MV833 TC70EPA SLA7032M MV833 B8224 ICROS
Product Description
Full Text Search
 

To Download 0348269200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/16/2017 please check www.molex.com for latest part information part number: 0348269200 status: active overview: mini50? connection systems description: mini50? unsealed right angle header, dual row, 20 circuit, polarization option a, black, tube documents: 3d model application specification as-34791-020-fr-001 (pdf) drawing (pdf) packaging specification pk-31301-688 (pdf) product specification ps-34791-020-001 (pdf) rohs certificate of compliance (pdf) application specification as-34791-020-001 (pdf) product literature (pdf) application specification as-34791-020-ch-001 (pdf) general product family pcb headers series 34826 application power, signal, wire-to-board overview mini50? connection systems product literature order no 987650-5442 product name mini50? upc 887191402734 physical breakaway no circuits (loaded) 20 circuits (maximum) 20 color - resin black durability (mating cycles max) 10 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part yes lock to mating part yes material - metal brass material - plating mating tin over nickel material - plating termination tin over nickel material - resin high temperature thermoplastic net weight 3.415/g number of rows 2 orientation right angle pc tail length 2.80mm pcb locator yes packaging type tube pitch - mating interface 2.00mm polarized to mating part yes polarized to pcb yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 4.0a voltage - maximum 500v dc solder process data duration at max. process temperature (seconds) 040 series image - reference only eu elv compliant eu rohs china rohs compliant reach svhc not contained per -ed/01/2017 (12 january 2017) halogen-free status not relevant need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs not relevant elv compliant rohs phthalates not contained search parts in this series 34826 series mates with 34824 mini50? unsealed dual row receptacle
lead-freeprocess capability smc&wave max. cycles at max. process temperature 003 process temperature max. c 260 material info reference - drawing numbers application specification as-34791-020-001, as-34791-020-ch-001, as-34791-020-fr-001 packaging specification pk-31301-688 product specification ps-34791-020-001 sales drawing sd-34826-001 this document was generated on 05/16/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0348269200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X