Part Number Hot Search : 
3P352LH AN1496 880102 PDLI27BD 80SQ035 BT149B HT46R4A M3764
Product Description
Full Text Search
 

To Download 0022162181-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 07/31/2017 please check www.molex.com for latest part information part number: 0022162181 status: active overview: kk? interconnect system - molex description: kk? 254 pc board connector, right angle, end-to-end stackable, 0.50m gold (au), 18 circuits documents: 3d model product specification ps-10-07-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 4455 application board-to-board, signal overview kk? interconnect system - molex product name kk? 254 upc 800753737723 physical circuits (loaded) 18 circuits (maximum) 18 color - resin natural (white) flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part no material - metal phosphor bronze material - plating mating gold material - plating termination gold material - resin nylon net weight 1.905/g number of rows 1 orientation right angle pc tail length 3.35mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 2.54mm pitch - termination interface 2.54mm plating min - mating 0.508m plating min - termination 0.051m polarized to pcb yes temperature range - operating see product specification termination interface: style through hole electrical current - maximum per contact 2.5a grounding to pcb no voltage - maximum 500v solder process data duration at max. process temperature (seconds) 005 series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/30/2017 (7 july 2017) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 4455 series mates with kk? header 4094 , 42376 , 42375 , 42377 , 4030 , 171856 , 171857
lead-freeprocess capability wave max. cycles at max. process temperature 001 process temperature max. c 235 material info engineering number a-4455-az18a(565) reference - drawing numbers product specification ps-10-07-001 sales drawing sda-4455, sda-4455-002 this document was generated on 07/31/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0022162181-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X