Part Number Hot Search : 
AM29F017 CR6727A TDA8745H V360A03 1N5252B M35V1 LTM8020V U4240B
Product Description
Full Text Search
 

To Download UPS12580-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maintenance-free sealed lead acid battery. absorbent glass mat (agm) technology for efficient gas recombination of up to 99%. design life up to 5 years in standby service at 25 13.5 ~ 13.8 vdc/unit at 25 ( 77 H ) eurobat (20 ) : 3-5 years, standard commercial equalization charging voltage operating temperature range 14.4 ~ 15.0 vdc/unit at 25 (77 H ) less than 10% after 90 days, can be stored up to 6 months at 25 (77 H ); fully recharging is required before usage, and charged sooner if stored storage: -15 ~ 40 (5 H ~104 H ) at higher temperature than 25 (77 H ). design according with iec 61056-1/2:2012 nominal capacity 575a 4.8 a terminal hardware torque -- abs (ul 94-hb) & flame retardant (94-v0) available upon request length (l) 150.92.0 mm 5.940.08 inch width (w) 64.81.0 mm 2.550.04 inch container height (h) 94.31.0 mm 3.710.04 inch overall height (h) 98.61.0 mm 3.880.04 inch f.v/time 2min 4min 5min 6min 8min 10min 15min 20min 30min 45min 60min 90min 1.60v 95.1 63.4 54.1 47.2 38.5 32.3 23.0 18.3 13.2 9.42 7.42 5.31 1.67v 85.3 60.2 51.7 45.6 37.6 31.7 22.7 18.1 13.0 9.30 7.33 5.20 1.70v 81.1 58.4 50.4 44.6 37.1 31.3 22.7 18.0 12.9 9.20 7.24 5.17 1.75v 73.6 53.7 47.2 42.2 35.6 30.1 22.1 17.5 12.7 9.05 7.11 5.03 1.80v 66.1 48.8 43.2 39.3 33.2 28.4 21.1 16.9 12.4 8.82 6.92 4.91 1.85v 59.4 43.5 39.3 36.3 30.3 26.1 19.6 15.8 11.7 8.38 6.61 4.70 f.v/time 2min 4min 5min 6min 8min 10min 15min 20min 30min 45min 60min 90min 1.60v 908 663 580 516 427 361 262 208 150 108 84.2 59.3 1.67v 877 643 565 504 420 356 261 206 149 107 84.0 58.9 1.70v 859 630 556 499 414 353 258 205 149 106 83.6 58.8 1.75v 808 601 538 481 402 343 254 203 148 105 83.1 58.4 1.80v 750 568 505 458 383 329 245 197 145 104 81.7 57.6 1.85v 674 514 463 424 352 305 229 186 138 99.5 78.9 55.6 please refer to the official site for the lastest rating confirmation. url: www.csb-battery.com issued: 161101 tel: +31(0)180-418-140 tel: +886-2-2880-5600 fax: +31(0)180-418-327 fax: +866-2-2888-3300 tel: +86-10-5820-5336, 5820-5338 fax: +86-10-5820-3053 short circuit current f2 terminal -faston tab 250 fax: +86-755-8831-6075 fax: +86-21-5046-1046 fax: +1-817-244-4445 shenzhen office (china) shanghai office (china) business headquarters dimensions maximum charge current terminal type container material beijing office (china) tel: +86-755-8831-6488, 8831-6775 tel: +86-21-5046-1622, 5046-0833 tel: +886-2-2880-5600 fax: +866-2-2888-3300 usa office europe (emea) office taipei office tel: +1-817-244-7777 / 1-(800)3-csb-usa (272872) constant power discharge characteristics unit: w (25 H recognized under ul 1989, and certified by iso 9001, 14001. sales offices constant current discharge characteristics unit: a (25 H internal resistance approx. 11.80 m discharge : -15 ~ 50 (5 H ~122 H ) charge: -15 ~ 40 (5 H ~104 H ) specification nominal voltage 12v (6 cells per unit) 580w @5min-rate to 9.60v per pcs @25 (77 H ) weight approx. 2.83 kg (6.24 lbs) maximum discharge current 130 a (5sec) nominal operating temperature : 25 (77 H ) ups series ups 12580 12v 580w valve regulated lead acid battery design for standby power applications


▲Up To Search▲   

 
Price & Availability of UPS12580-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X