Part Number Hot Search : 
AQW614 8T34SH 2158M000 BU208A FAMILY BR4010 LT1K53A TLC154P
Product Description
Full Text Search
 

To Download UPS12460-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maintenance-free sealed lead acid battery. absorbent glass mat (agm) technology for efficient gas recombination of up to 99%. design life up to 5 years in standby service at 25 13.5 ~ 13.8 vdc/unit at 25 ( 77 H ) eurobat (20 ) : 3-5 years, standard commercial equalization charging voltage operating temperature range 14.4 ~ 15.0 vdc/unit at 25 (77 H ) less than 10% after 90 days, can be stored up to 6 months at 25 (77 H ); fully recharging is required before usage, and charged sooner if stored storage: -15 ~ 40 (5 H ~104 H ) at higher temperature than 25 (77 H ). design according with iec 61056-1/2:2012 nominal capacity 450a 3.8 a terminal hardware torque -- abs (ul 94-hb) & flame retardant (94-v0) available upon request length (l) 150.92.0 mm 5.940.08 inch width (w) 64.81.0 mm 2.550.04 inch container height (h) 94.31.0 mm 3.710.04 inch overall height (h) 98.61.0 mm 3.880.04 inch f.v/time 2min 4min 5min 6min 8min 10min 15min 20min 30min 45min 60min 90min 1.60v 77.2 52.7 44.9 39.7 32.3 27.3 19.9 15.9 11.6 8.37 6.65 4.80 1.67v 69.5 50.0 43.4 38.7 31.7 26.9 19.7 15.7 11.5 8.33 6.63 4.78 1.70v 66.0 48.6 42.4 37.9 31.1 26.5 19.6 15.6 11.4 8.29 6.60 4.75 1.75v 60.5 45.1 39.9 35.6 29.8 25.4 19.0 15.3 11.3 8.19 6.52 4.72 1.80v 53.8 41.1 36.5 33.0 27.8 24.0 18.2 14.7 11.0 7.98 6.38 4.62 1.85v 46.3 36.0 32.1 29.4 24.9 21.8 16.8 13.8 10.4 7.63 6.12 4.43 f.v/time 2min 4min 5min 6min 8min 10min 15min 20min 30min 45min 60min 90min 1.60v 710 520 460 412 343 296 224 180 133 96.8 77.3 56.4 1.67v 673 500 444 400 338 291 221 178 132 96.3 77.0 56.2 1.70v 650 489 435 394 334 288 220 177 131 96.1 76.7 56.0 1.75v 605 462 414 378 321 280 215 175 130 95.4 76.4 55.7 1.80v 555 429 387 356 303 266 207 168 128 93.6 75.1 54.7 1.85v 486 387 355 324 276 244 189 158 122 89.6 72.2 52.8 please refer to the official site for the lastest rating confirmation. url: www.csb-battery.com issued: 161101 tel: +31(0)180-418-140 tel: +886-2-2880-5600 fax: +31(0)180-418-327 fax: +866-2-2888-3300 tel: +86-10-5820-5336, 5820-5338 fax: +86-10-5820-3053 460w @5min-rate to 9.60v per pcs @25 (77 H ) ups series ups 12460 12v 460w valve regulated lead acid battery design for standby power applications nominal operating temperature : 25 (77 H ) discharge : -15 ~ 50 (5 H ~122 H ) charge: -15 ~ 40 (5 H ~104 H ) specification nominal voltage 12v (6 cells per unit) weight approx. 2.50 kg (5.51 lbs) maximum discharge current 130 a (5sec) internal resistance approx. 16.60 m short circuit current maximum charge current terminal type f2 terminal -faston tab 250 container material constant current discharge characteristics unit: a (25 H constant power discharge characteristics unit: w (25 H recognized under ul 1989, and certified by iso 9001, 14001. sales offices dimensions beijing office (china) tel: +86-755-8831-6488, 8831-6775 tel: +86-21-5046-1622, 5046-0833 business headquarters tel: +886-2-2880-5600 fax: +866-2-2888-3300 usa office europe (emea) office taipei office fax: +86-755-8831-6075 fax: +86-21-5046-1046 tel: +1-817-244-7777 / 1-(800)3-csb-usa (272872) fax: +1-817-244-4445 shenzhen office (china) shanghai office (china)


▲Up To Search▲   

 
Price & Availability of UPS12460-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X