Part Number Hot Search : 
KBPC1005 P1C4F RSS070 IRFC130R VCX162 PST9332U 14D331K OV6620
Product Description
Full Text Search
 

To Download UPS123607-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maintenance-free sealed lead acid battery. absorbent glass mat (agm) technology for efficient gas recombination of up to 99%. design life up to 5 years in standby service at 25 13.5 ~ 13.8 vdc/unit at 25 ( 77 H ) eurobat (20 ) : 3-5 years, standard commercial equalization charging voltage operating temperature range 14.4 ~ 15.0 vdc/unit at 25 (77 H ) less than 10% after 90 days, can be stored up to 6 months at 25 (77 H ); fully recharging is required before usage, and charged sooner if stored storage: -15 ~ 40 (5 H ~104 H ) at higher temperature than 25 (77 H ). design according with iec 61056-1/2:2012 nominal capacity 325a 3.0 a terminal hardware torque -- abs (ul 94-hb) & flame retardant (94-v0) available upon request length (l) 150.92.0 mm 5.940.08 inch width (w) 64.81.0 mm 2.550.04 inch container height (h) 94.31.0 mm 3.710.04 inch overall height (h) 98.61.0 mm 3.880.04 inch f.v/time 2min 4min 5min 6min 8min 10min 15min 20min 30min 45min 60min 90min 1.60v 62.8 41.5 35.5 30.8 24.5 20.5 14.9 11.9 8.71 6.32 5.04 3.61 1.67v 55.7 39.2 34.0 29.7 24.0 20.2 14.8 11.8 8.66 6.29 5.02 3.60 1.70v 52.2 38.1 32.9 29.0 23.5 19.9 14.6 11.7 8.63 6.26 4.98 3.57 1.75v 47.1 35.0 30.7 27.2 22.4 19.1 14.3 11.5 8.50 6.20 4.95 3.56 1.80v 42.0 31.5 27.9 24.8 20.7 17.9 13.6 11.1 8.30 6.07 4.86 3.51 1.85v 36.6 27.2 24.2 21.9 18.5 16.3 12.6 10.4 7.83 5.77 4.64 3.36 f.v/time 2min 4min 5min 6min 8min 10min 15min 20min 30min 45min 60min 90min 1.60v 550 405 360 322 268 228 170 137 100 73.2 58.6 43.0 1.67v 522 390 352 315 263 225 169 136 99.7 72.9 58.4 42.5 1.70v 499 383 344 309 258 222 167 134 98.4 72.4 58.2 42.2 1.75v 462 365 326 295 249 214 164 132 96.8 71.6 57.8 41.9 1.80v 428 339 301 274 232 203 156 128 95.2 70.0 56.3 41.4 1.85v 374 298 272 248 211 186 144 120 91.6 67.4 54.2 39.8 please refer to the official site for the lastest rating confirmation. url: www.csb-battery.com issued: 161101 tel: +31(0)180-418-140 tel: +886-2-2880-5600 fax: +31(0)180-418-327 fax: +866-2-2888-3300 tel: +86-10-5820-5336, 5820-5338 fax: +86-10-5820-3053 fax: +86-755-8831-6075 fax: +86-21-5046-1046 tel: +1-817-244-7777 / 1-(800)3-csb-usa (272872) fax: +1-817-244-4445 shenzhen office (china) shanghai office (china) beijing office (china) tel: +86-755-8831-6488, 8831-6775 tel: +86-21-5046-1622, 5046-0833 business headquarters tel: +886-2-2880-5600 fax: +866-2-2888-3300 usa office europe (emea) office taipei office constant current discharge characteristics unit: a (25 H constant power discharge characteristics unit: w (25 H recognized under ul 1989, and certified by iso 9001, 14001. sales offices dimensions short circuit current maximum charge current terminal type f1/f2 terminal -faston tab 187/250 container material weight approx. 2.00 kg (4.41 lbs) maximum discharge current 100/130 a (5sec) internal resistance approx. 20.90 m 360w @5min-rate to 9.60v per pcs @25 (77 H ) ups series ups 123607 12v 360w valve regulated lead acid battery design for standby power applications nominal operating temperature : 25 (77 H ) discharge : -15 ~ 50 (5 H ~122 H ) charge: -15 ~ 40 (5 H ~104 H ) specification nominal voltage 12v (6 cells per unit)


▲Up To Search▲   

 
Price & Availability of UPS123607-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X