Part Number Hot Search : 
29LV160 DHM185AA ES110 B5NC90Z RT9229 MMSZ523 A26K1V1 4431C
Product Description
Full Text Search
 

To Download SYB5670 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  auk corp. SYB5670 the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you please refer to the latest specifications. rev.odate:08-aug-11 auk-ldm-001(a) 1. features milky diffusion lens type 5mm(t-1 3/4 ) all plastic mold type radiation color (yellow, blue) low power consumption 2. outline dimensions unit : mm yu\[g{??u \ u ] w ] u w w w u ] w x u w w yu\[g{??u 0 . 4 0 ~ 0 . 6 0 w u y w w u _ w 5 20~5.60 ? [u]w\uww m i n 2 6 . 0 0 8 . 4 0 ~ 8 . 8 0 m i n 2 2 . 0 0 t ? ? g x u _ w w u y x y z pin connections 1. anode (blue) 2. common cathode 3. anode ( yellow )
auk corp. SYB5670 the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you please refer to the latest specifications. rev.odate:08-aug-11 auk-ldm-001(a) 3. absolute maximum ratings (ta=25 o c) characteristic symbol rating unit blue yellow power dissipation p d 114 72 mw forward current i f 30 30 ma * 1 peak forward current i fp 50 50 ma reverse voltage v r 4 4 v operating temperature range t opr -30 85 ) e storage temperature range t stg -30 100 ) e * 2 soldering temperature t sol 260 for e 10 seconds *1.duty ratio = 1/16, pulse width = 0.1ms *2.keep the distance more than 2.0mm from pcb to the bottom of led package 4. electrical / optical characteristics (ta=25 o c) characteristic symbol test condition min typ max unit *3 forward voltage v f blue i f = 20ma - 3.5 3.8 v yellow - 2.0 2.4 * 4 luminous intensity i v blue i f = 20ma - 140 - mcd yellow - 230 - * 5 dominant wavelength d blue i f = 20ma - 468 - nm yellow - 590 - spectrum bandwidth ? blue i f = 20ma - 27 - nm yellow - 16 - reverse current i r v r =4v - - 10 ua * 6 half angle 1/2 blue i f = 20ma - 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity vf/ i v / d grade classification (ta=25 ) test condition @i f =20ma vf[v] luminous intensity[mcd] dominant wavelength [nm] blue yellow blue yellow blue yellow 2.9 ? 3.8 1.8 ? 2.4 k : 68 - 100 l : 100 - 155 460~475 585~595 l : 100 - 155 m : 155 - 230 m : 155 - 230 n : 230 - 350 (do not use to combine grade classification. it must be used separately grade classification)
auk corp. SYB5670 the contents of this data sheet are subject to change without advance notice for the purpose of improvement. when using this product, would you please refer to the latest specifications. rev.odate:08-aug-11 auk-ldm-001(a) 5. characteristic diagrams g g g g g g g g g g g g g g g g g g fig. 1 i f - v f forward voltage v f [v] forward current i f [ma] fig. 2 i v - i f forward current i f [ma] luminous intensity i v [mcd] fig. 3 i f ? ta forward current i f [ma] ambient temperature ta [ e ] relative intensity [%] wavelength [nm] fig.4 spectru m distribution relative luminous intensity iv [%] fig. 5 radiation diagram


▲Up To Search▲   

 
Price & Availability of SYB5670

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X