Part Number Hot Search : 
08226 LHY22841 01089 LT1076 1002C EL100C 120K6T LL103A
Product Description
Full Text Search
 

To Download SLG59H1007V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silego technology, inc. rev 1.00 000-0059h1007-100 revised february 24, 2017 SLG59H1007V a 22 v, 13.3 m , 5 a integrated power switch with vin lockout select an d load power monitor output block diagram and a 20 v / 3 a typical application circuit general description the SLG59H1007V is a high-performance, self-powered 13.3 m ? nmos power switch designed for all 4.5 to 22 v pow- er rails up to 5a. using a pr oprietary mosfet design, the SLG59H1007V achieves a stable 13.3 m ? rdson across a wide input/supply voltage range and over temperature. using silego?s proprietary cufet? technology, the SLG59H1007V package also exhibits a low thermal resistance for high-current operation. designed to operate over a -40 c to 85 c range, the SLG59H1007V is available in a low thermal resistance, rohs-compliant, 1.6 x 3.0 mm stqfn package. features ? wide operating supply voltage: 4.5 v to 22 v ? maximum continuous switch current: 5 a ? internal nfet power limiting ? high-performance mosfet switch low rdson: 13.3 m ? at v in = 22 v low ? rdson/ ? vin: <0.05 m ? /v low ? rdson/ ? t: <0.06 m ? /c ? 4-level, pin-programmable vin overvoltage lockout ? capacitor-programmable inrush current control ? two stage current limit protection: resistor-programmable active current limit internal short-circuit current limit ? open drain fault signaling ? load power analog output monitor ?fast 4 k ? output discharge ? pb-free / halogen-free / rohs compliant packaging pin configuration applications ? power-rail switching ? multifunction printers ? large-format copiers ? telecommunications equipment ? high-performance computing 5v, 12v, 15v, and 20v point-of-load power distribution ? motor drives on 1 fault cap gnd sel0 2 3 15 16 vin 4 vout sel1 13 14 rset 18 pout vin vin 5 6 vin 7 vout 12 vout vout 10 11 17 vin vout 89 18-pin stqfn 1.6 x 3.0 mm, 0.40mm pitch (top view) SLG59H1007V 20vin on vout 3 v fs - connect to system adc fault connect to system gpi 3a charge pump cap 10 nf r pu2 100 k linear ramp control state machine (cl/sc detection and over temperature protection) discharge cmos input vin ovlo 24v r set 30.1 k c 1 47 f r 1 84.5 k gnd off c out 22 f c 2 1 to 22 f c 3 0.1 f v logic c4 0.18 nf r pu1 10 k v logic sel0 sel1
000-0059h1007-100 page 2 of 20 SLG59H1007V pin description ordering information pin # pin name type pin description 1 on input a low-to-high transition on this pin initiates the operation of the SLG59H1007V?s state machine. on is an asserted high, level-se nsitive cmos input with vil < 0.3 v and vih > 0.85 v. as the on pin input circuit does not have an internal pull-down resistor, connect this pin to a general-purpose output (gpo) of a microcontroller, an application processor, or a system controller ? do not a llow this pin to be open-circuited. 2 sel0 input as level-sensitive, cmos inputs with vi l < 0.3 v and vih > 1.65 v, the sel0 (lsb) and the sel1 (msb) pins select one of four vi n overvoltage lockout thresholds. please see the applications section for additional informa tion and the electrical characteristics table for the vin overvoltage thresholds. a logic low on either pin is achieved by connecting the pin of interest to gnd; a logic high on either pin is achieved by connecting a 10 k ? external resistor from the pin in quest ion to the system?s local logic supply. 3gnd gnd pin 3 is the main ground connection for the SLG59H1007V?s internal charge pump, its gate drive and current-limit circuits as well as its internal state machine. therefore, use a short, stout connection from pin 3 to the system?s analog or power plane. 4-8 vin mosfet vin supplies the power for the operation of th e SLG59H1007V, its internal control circuit- ry, and the drain terminal of the nfet power switch. with 5 pins fused together at vin, connect a 47 f (or larger) low-esr capacitor from this pin to ground. capacitors used at vin should be rated at 50 v or higher. 9-13 vout mosfet source terminal of n-channel mosfet (5 pins fused for vout). connect a 22 f (or larger) low-esr capacitor from this pin to ground. capacitors used at vout should be rated at 50 v or higher. 14 sel1 input please see sel0 pin description above 15 fault output an open drain output, fault is asserted within tfault low when a vin overvoltage, a current-limit, a nfet soa, or an over-temperature condition is detected. fault is deas- serted within tfault high when the fault condition is removed. connect an 100 k ex- ternal resistor from the fault pin to local system logic supply. 16 cap output a low-esr, stable dielectric, ceramic surfac e-mount capacitor connected from cap pin to gnd sets the vout slew rate and overall turn-on time of the SLG59H1007V. for best performance, the range for cap values are 10 nf cap 20 nf ? please see typical characteristics for additional information. ca pacitors used at the cap pin should be rated at 10 v or higher. please consult applicatio ns section on how to select cap based on vout slew rate and loading conditions. 17 pout output pout is the SLG59H1007V?s load power monitor output. as an analog output current, this signal when applied to a ground-reference resistor generates a voltage proportional to the power applied at vin (vin x ids). pout pin voltage has voltage compliance range of 0.5 v v(iout) 4v. optimal pout linearity is exhibited for 0.5 a ids 5 a. in addition, it is recommended to bypass the pout pin to gnd with a 0.18 nf capacitor. please consult the applications section fo r additional information on the SLG59H1007V?s pout feature 18 rset input a 1%-tolerance, metal-film resistor between 18 k and 95 k sets the SLG59H1007V?s active current limit. a 95 k resistor sets the SLG59H1007V?s active current limit to 1 a and a 18 k resistor sets the active current limit to 5 a. part number type production flow SLG59H1007V stqfn 18l fc industrial, -40 c to 85 c SLG59H1007Vtr stqfn 18l fc (tape and reel) industrial, -40 c to 85 c
000-0059h1007-100 page 3 of 20 SLG59H1007V absolute maximum ratings parameter description conditions min. typ. max. unit v in to gnd power switch input voltage to gnd continuous -0.3 -- 30 v maximum pulsed vin, pulse width <0.1s -- -- 32 v v out to gnd power switch output voltage to gnd -0.3 -- vin v on, sel[1,0], cap, rset, pout, and fault to gnd on, sel[1,0], cap, rset, pout, and fault pin voltages to gnd -0.3 -- 7 v t s storage temperature -65 -- 150 c esd hbm esd protection human body model 2000 -- -- v esd cdm esd protection charged device model 500 -- -- v msl moisture sensitivity level 1 ja thermal resistance 1.6 x 3.0 mm 18l stqfn; de- termined with the device mount- ed onto a 1 in 2 , 1 oz. copper pad of fr-4 material -- 40 -- c/w mosfet ids cont continuous current from vin to vout t j < 150c -- -- 5 a mosfet ids peak peak current from vin to vout maximum pulsed switch current, pulse width < 1 ms, 1% duty cy- cle -- -- 6 a note: stresses greater than those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a s tress rating only and functional operation of the device at these or any other conditions above thos e indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating condition s for extended periods may affect reliability. electrical characteristics 4.5 v v in 22 v; cin = 47 f, t a = -40c to 85c, unless otherwise noted. typical values are at t a = 25c parameter description conditions min. typ. max. unit v in operating input voltage 4.5 -- 22 v v in(ovlo) vin overvoltage lockout threshold v in ; sel[1,0] = [0,0] 5.6 6 6.3 v v in ; sel[1,0] = [0,1] 10.2 10.8 11.4 v v in ; sel[1,0] = [1,0] 13.5 14.4 15.2 v v in ; sel[1,0] = [1,1] 22.6 24 25.2 v v in(uvlo) vin undervoltage lockout threshold v in 2.4 -- 3.8 v i q quiescent supply current on = high; i ds = 0 a -- 0.5 0.6 ma i shdn off mode supply current on = low; i ds = 0 a -- 1 3 a rds on static drain to source on resistance t a = 25c; i ds = 0.1 a -- 13.3 14 m ? t a = 85c; i ds = 0.1 a -- 17.7 18 m ? i limit active current limit, i acl v out > 0.5 v; r set = 30.1 k ? 2.8 3.2 3.6 a short-circuit current limit, i scl v out < 0.5 v -- 0.5 -- a t acl active current limit response time r set = 51.6 k ? -- 120 -- s
000-0059h1007-100 page 4 of 20 SLG59H1007V r dschrg output discharge resistance 3.5 4.4 5.3 k ? p out load power (v in x i ds ) analog monitor output v in = 12 v; i ds = 3 a 14.7 15 16.5 a v in = 22 v; i ds = 3 a 26.5 27.5 29.5 a t pout p out response time to change in main mosfet current c pout = 180 pf; step load 0 to 2.4 a; 0% to 90% p out -- 45 -- s cap out output capacitive load to gnd 22 -- -- f t on_delay on delay time 50% on to 10% v out ; v in = 4.5 v; cap = 10 nf; r load = 100 ? , c load = 10 f -- 0.3 0.5 ms 50% on to 10% v out ; v in = 22 v; cap = 10 nf; r load = 100 ? , c load = 10f -- 0.7 1.2 ms t to t a l _ o n total turn-on time 50% on to 90% v out set by external cap 1 ms 50% on to 90% v out ; v in = 4.5 v; cap = 10 nf; r load = 100 ? , c load = 10 f -- 1.4 2.1 ms 50% on to 90% v out ; v in = 22 v; cap = 10 nf; r load = 100 ? , c load = 10 f -- 5 8 ms v out(sr) vout slew rate 50% on to 90% v out set by external cap 1 v/ms 10% to 90% v out ; v in = 4.5 v; cap = 10 nf; r load = 100 ? , c load = 10 f 2.7 3.2 3.9 v/ms 10% to 90% v out ; v in = 22 v; cap = 10 nf; r load = 100 ? , c load = 10 f 2.9 3.1 3.4 v/ms t off_delay off delay time 50% on to v out ; r load = 100 ? , no c load -- 15 -- s t fall vout fall time on = high-to-low; r load = 100 ? , no c load 10 15 20 s tfault low fault assertion time current-limit detection to fault ; i acl = 1 a; v in = 22 v; r set = 90 k ? ; switch in 20 ? load -- 80 -- s tfault high fault de-assertion time delay to fault after fault condition is removed; i acl = 1 a; v in = 22 v; r set = 90 k ? ; switch out 20 ? load -- 180 -- s fault vol fault output low voltage i fault = 1 ma -- 0.2 -- v on_vih on pin input high voltage 1 -- 5 v on_vil on pin input low voltage -0.3 0 0.3 v sel[1,0]_vih sel[1,0] pins input high voltage 1.65 -- 4.5 v sel[1,0]_vil sel[1,0] pins input low voltage -0.3 -- 0.3 v i on(leakage) on pin leakage current 1v on 5v or on = gnd -- -- 1 a therm on thermal protection shutdown thresh- old -- 125 -- c therm off thermal protection restart threshold -- 100 -- c notes: 1. refer to typical timing parameter vs. cap performa nce charts for additional in formation when available. electrical characteristics (continued) 4.5 v v in 22 v; cin = 47 f, t a = -40c to 85c, unless otherwise noted. typical values are at t a = 25c parameter description conditions min. typ. max. unit
000-0059h1007-100 page 5 of 20 SLG59H1007V t total_on , t on_delay and slew rate measurement timing details 90% v out 50% on t on_delay slew rate (v/ms) on v out t to t a l _ o n 10% v out 50% on 10% v out t off_delay t fall 90% v out
000-0059h1007-100 page 6 of 20 SLG59H1007V typical performance characteristics rds on vs. temperature and v in i acl vs temperature and r set
000-0059h1007-100 page 7 of 20 SLG59H1007V pout vs mosfet ids and v in pout vs temperature and mosfet ids
000-0059h1007-100 page 8 of 20 SLG59H1007V v out slew rate vs temperature, v in , and c slew t total_on vs c slew , v in , and temperature
000-0059h1007-100 page 9 of 20 SLG59H1007V timing diagram - basic operation including active current limit protection v in on time low high 3.5 v tfault high v out i ds 90% 10% t rise t on_dly active current limit operation fault 0.25 v high scl acl scl acl on tfault low nominal steady state operation resumes acl threshold triggered abnormal step load current event
000-0059h1007-100 page 10 of 20 SLG59H1007V timing diagram - active curent limit & thermal protection operation t on v out i ds 90% 10% t rise t on_dly active current limit operation thermal proteciton operation scl acl scl acl tfault high fault v in on time low high 3.5 v nominal steady state operation resumes tfault low die temp > therm on abnormal step load current event die temp < therm off
000-0059h1007-100 page 11 of 20 SLG59H1007V timing diagram - basic operation including active current + internal fet soa protection v in on time low high 3.5 v tfault high v out i ds 90% 10% 0.2s t on_dly active current limit operation fault 0.25 v high scl acl scl acl on tfault low acl threshold triggered nominal steady state operation resumes automatic restart after 0.2s ?cool off? delay fet soa threshold triggered and fet is turned off acl threshold triggered abnormal step load current event soa threshold
000-0059h1007-100 page 12 of 20 SLG59H1007V applications information hfet1 safe operating area explained silego?s hfet1 integrated power controllers incorporate a number of internal protection featur es that prevents them from damaging themselves or any other circuit or subcircuit downstr eam of them. one particular protection feature is their safe operation area (soa) protection. soa pr otection is automatically activated under overpower and, in some cases, under overcurrent conditions. overpower soa is activated if package po wer dissipation exceeds an internal 5w threshold longer than 2.5 ms. hfet1 devices will quickly switch off (open circuit) u pon overpower detection and automatically resume (close) nominal operation once overpower condition no longer exists. one possible way to have an overpower condition trigger soa pr otection is when hfet1 products are enabled into heavy output resistive loads and/or into large load capacitors. it is u nder these conditions to follow carefully the ?safe start-up loading? guidance in the applications section of the datasheet. during an overcurrent condition, hfet1 devices will try to limit the out put current to the level set by the external rset resistor. limiting the output current, however, causes an increased voltage drop across the fet?s channel because the fet?s rds on increased as well. since the fet?s rds on is larger, package power dissipation also increases. if the resultant increase in package pow er dissipation is higher/equal than 5 w for longer than 2.5 ms, internal soa protection will be triggered a nd the fet will open circuit (switch off). every time soa protection is triggered, a ll hfet1 devices will automatically attempt to resume nominal operation after 160 ms. safe start-up condition SLG59H1007V has built-in protection to prevent over-heating during start-up into a heavy load. overloading the vout pin with a capacitor and a resistor may result in non-monotonic vout ramping. in general, under light loading on vout, vout ramping can be controlled with c slew value. the following equation serves as a guide: where t ramp = total ramping time for v out to reach v in v in = input voltage c slew = capacitor value for cap pin when capacitor and resistor loading on vout during start up, the following tables will ensure vout ramping is monotonic without triggering internal protection: safe start-up loading for v in = 22 v (monotonic ramp) slew rate (v/ms) c slew control (nf) 3 c load ( f) r load ( ) 0.5 66.7 500 80 1.0 33.3 250 80 1.5 22.2 160 80 2.0 16.7 120 80 2.5 13.3 100 80 c slew = t ramp v in x 5 a x 20 3
000-0059h1007-100 page 13 of 20 SLG59H1007V note 3: select the closest-value tolerance capacitor. setting the SLG59H1007V?s active current limit understanding the SLG59H1007V?s pout analog monitor output in a similar fashion to that of the slg59h1006v, the SLG59H1007V, and the slg 59h1008v, the SLG59H1007V makes available an analog output current that is proportional to the power applied at the SLG59H1007V?s vin pin (v in x i ds ) instead of the current through the mosfet (i ds ). the transfer characteristic for the SLG59H1007V?s pout monitor, in microamps (a), is: where v in = input voltage applied to the SLG59H1007V i ds = steady-state mosfet current using the equation above, typical pout results for various combinations of v in and i ds are shown in the table below: safe start-up loading for v in = 12 v (monotonic ramp) slew rate (v/ms) c slew control (nf) 3 c load ( f) r load ( ) 1 33.3 500 20 2 16.7 250 20 3 11.1 160 20 4 8.3 120 20 5 6.7 100 20 rset (k ? ) active current limit (a) 95 1 45 2 30 3 18 5 v in i ds pout 9v 1a 3.8a 9v 3a 11.3a 9v 5a 18.8a 12v 1a 5a 12v 3a 15a 12v 5a 25a 22v 1a 9.2a 22v 3a 27.5a 22v 5a 45.8a pout = v in x i ds 2.4 w a
000-0059h1007-100 page 14 of 20 SLG59H1007V setting the SLG59H1007V?s input overvoltage lockout threshold as shown in the table below, sel[1,0] selects the vin overvolta ge threshold at which the SLG59H1007V?s internal state machine will turn off (open circuit) the power mosf et if vin exceeds the selected threshold. for example, sel[1,1] would be the most appropriate setting for applications where the steady-s tate vin can extend up to 20v without causing any damage to the SLG59H1007V since the ic is 29-v tolerant. with an activated SLG59H1007V (on=high) and at any time vin crosses the programmed vin overvoltage threshold, the state machine opens the power switch and asserts the fault pin within tfault low . in applications with a deactivated or inactive SLG59H1007V (vin > vin uvlo and on=low) and if the applied vin is higher than the programmed vin ovlo threshold, the SLG59H1007V?s state machine will keep the power switch open circuited if the on pin is toggled low-to-high. in these cases, the fault pin will also be asserted within tfault low and will remain asserted until vin resumes nominal, steady-state operation. in all cases, the SLG59H1007V?s vin underv oltage lockout threshold is fixed at v in(uvlo) . power dissipation the junction temperature of the slg59h1 007v depends on different factors such as board layout, ambient temperature, and other environmental factors. the primary cont ributor to the increase in the junction temperature of the SLG59H1007V is the powe r dissipation of its power mosfet. its power dissipation and the ju nction temperature in nominal operating mode can be calculated using the following equations: where: pd = power dissipation, in watts (w) rds on = power mosfet on re sistance, in ohms ( ? ) i out = output current, in amps (a) and where: t j = junction temperature, in celsius degrees (c) ja = package thermal resistance, in celsius degrees per watt (c/w) t a = ambient temperature, in celsius degrees (c) in current-limit mode, the SLG59H1007V?s power dissipation can be calculated by taking into account the voltage drop across the power switch (vin-vout) and the magnitude of the output current in current-limit mode (i acl ): sel1 sel0 vin ovlo (typ) 00 5.85 v 01 10.5 v 10 14.0 v 11 23.4 v pd = rds on x i out 2 t j = pd x ja + t a pd = (v in -v out ) x i acl or pd = (v in ? (r load x i acl )) x i acl
000-0059h1007-100 page 15 of 20 SLG59H1007V power dissipation (continued) where: pd = power dissipation, in watts (w) v in = input voltage, in volts (v) r load = load resistance, in ohms ( ? ) i acl = output limited current, in amps (a) v out = r load x i acl
000-0059h1007-100 page 16 of 20 SLG59H1007V package top marking system definition 1007v part code pin 1 identifier wwnnn date code + lot code arr assembly + rev. code 1007v - part id field ww - date code field 1 nnn - lot traceabi lity code field 1 a - assembly site code field 2 rr - part revision code field 2 note 1: each character in code field can be alphanumeric a-z and 0-9 note 2: character in code field can be alphabetic a-z
000-0059h1007-100 page 17 of 20 SLG59H1007V package drawing and dimensions 18 lead tqfn package 1.6 x 3 mm (fused lead) jedec mo-220, variation wcee
000-0059h1007-100 page 18 of 20 SLG59H1007V SLG59H1007V 18-pin stqfn pcb landing pattern note: all dimensions s hown in micrometers ( m)
000-0059h1007-100 page 19 of 20 SLG59H1007V tape and reel specifications carrier tape drawing and dimensions recommended reflow soldering profile please see ipc/jedec j-std-020: late st revision for reflow profile based on package volume of 2.64 mm 3 (nominal). more information can be found at www.jedec.org. package type # of pins nominal package size [mm] max units reel & hub size [mm] leader (min) trailer (min) tape width [mm] part pitch [mm] per reel per box pockets length [mm] pockets length [mm] stqfn 18l 0.4p fc green 18 1.6 x 3 x 0.55 3,000 3,000 178 / 60 100 400 100 400 8 4 package type pocket btm length pocket btm width pocket depth index hole pitch pocket pitch index hole diameter index hole to tape edge index hole to pocket center tape width a0 b0 k0 p0 p1 d0 e f w stqfn 18l 0.4p fc green 1.78 3.18 0.76 4 4 1.5 1.75 3.5 8 refer to eia-481 specification
000-0059h1007-100 page 20 of 20 SLG59H1007V revision history date version change 2/24/2017 1.00 production release


▲Up To Search▲   

 
Price & Availability of SLG59H1007V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X