Part Number Hot Search : 
KTD2066 IRF332R SM4T68C SGR70 02DST 13NM60 PE44445 B4228
Product Description
Full Text Search
 

To Download SBT3100XSS-AY-00001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p s bt3100 x ss december 25,2015 - rev.00 page 1 extreme low vf schottky rectifier voltage 10 0 v current 3 a f eatures ? extreme low forward voltage drop, low power loss ? high efficiency operation ? lead free in compliance with eu rohs 2011/65/eu directive . mechanical data ? case: molded pl astic, do - 201ad ? terminals: axial leads,solderable per mil - std - 750, method 2026 ? polarity : color band denotes cathode end ? approx. weight: 0.0402 ounces, 1.142 grams ? marking: part number note : 1. the testing condition of the thermal resistance ( junction to lead) is based on 10mm lead length between two 10 x 10cm copper pad heatsinks. maximum ratings ( t a =25 o c unless otherwise noted) parameter s ymbol limit unit maximum repetitive peak reverse voltage v rrm 10 0 v maximum rms voltage v rm s 70 v maximum dc blocking voltage v r 10 0 v maximum average forward rectified current i f(av) 3 a peak forward surge current : 8.3ms single half sine - wave
superim posed on rated load i fsm 5 0 a typical thermal resistance (note 1) r j l 2 3 o c /w operating junction temperature range t j - 55 to +150 o c storage temperature range t stg - 55 to +150 o c 1 2 c a t h o d e a n o d e 1 . 0 ( 2 5 . 4 ) m i n . 0.052(1.3) 0.048(1.2) 0 . 3 7 5 ( 9 . 5 ) 0 . 2 8 5 ( 7 . 2 ) 1 . 0 ( 2 5 . 4 ) m i n . 0.210(5.3) 0.188(4.8)
p s bt3100 x ss december 25,2015 - rev.00 page 2 e lectrical c haracteristics (t a =25 o c unless otherwise noted) fig.1 forward current derating curve fi g .2 typical junction capacitance fig. 3 typical reverse characteristics fi g .4 typical forward characteristics parameter symbol test condition min. t yp. max. units breakdown voltage v br i r =0. 5ma t j =25 o c 10 0 - - v instantaneous forward voltage v f i f =1a i f = 3 a t j =25 o c - - 0. 44 0. 55 - 0.6 v i f =1a i f = 3 a t j =125 o c - - 0. 36 0. 52 - - v reverse current i r v r = 80 v t j =25 o c - 3 - ? a v r = 10 0v t j =25 o c t j =125 o c - - - 3 2 0 - ? a ma ?
p s bt3100 x ss december 25,2015 - rev.00 page 3 part no_packing code_version sb t3100x ss_ay_00001 sb t3100x ss _ay_10001 sb t3100x ss _b0_00001 sb t3100x ss _b0_10001 sb t3100x ss _r2_00001 sb t3100x ss _r2_10001 for exampl e : r b500v - 40 _ r2 _ 00 0 01 B serial number B B version code means hf part no. B packing size code means 13" B packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs
1 st code 2 nd ~5 th code tape and ammunition box
(t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing
(b/p) b 13" 2 tube packing
(t/p) t 26mm x tape and reel (right oriented)
(trr) s 52mm y tape and reel (left oriented)
(trl) l panasert t/b cathode up
(pbcu) u forming f panasert t/b cathode down
(pbcd) d
p s bt3100 x ss december 25,2015 - rev.00 page 4 disclaimer


▲Up To Search▲   

 
Price & Availability of SBT3100XSS-AY-00001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X