Part Number Hot Search : 
MJW16206 3KP16CA H0001 946808 CZRU27VB ABTH162 LBS11003 P818T
Product Description
Full Text Search
 

To Download QSE-020-01-L-D-EM2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document contains confidential and proprietary information and all design, manufacturing, reproduction, use, patent rights and sales rights are expressly reserved by samtec, inc. this document shall not be disclosed, in whole or part, to any unauthorized person or entity nor reproduced, transferred or incorporated in any other project in any manner without the express written consent of samtec, inc. proprietary note * * do not scale from this print ((no of positions / 20) x .7875[20.003]) + .440[11.18] ref .2850 7.239 ref ((no of positions / 20) x .7875[20.003]) + .0100[.254] ref .625 15.88 ref 19 eq spaces @ .0315[.800] .022 0.57 ref 'a' c 02 01 qse-xxx-01-x-d-emx-xx no of positions -020, -040, -060 **-080, **-100 (per row) row specification -d: double (use qse-20-01-d-emx-xx) plating specification lead style -01: .1380 [3.505] no of banks edge mount thickness -em2: .064[1.63] +/-.004 pcb (use qse-20-01-d-em2-xx & c-162-01-x) option -gp: guide post (60 pos max) (see fig 2, see sheet 2) * (see note 10) -ty: tray packaging .7250 18.415 ref .1750 4.445 ref .120 ref 3.05 .1370 .0030 3.480 0.08 (see note 5) .1200 3.048 ref .006 0.15 ref .118 ref 3.00 .0315 0.800 ref .155 3.92 ref (either direction) 2 max sway "a" "a" t-1g13-01-x see note 12 c c see table 1 .0400 ref 1.016 .1400 ref 3.556 .100 ref 2.54 ** = see note 13 .2380 6.045 .0660 .0030 1.676 0.08 .165.003 4.190.076 section "a"-"a" qse-20-01-d-em2-xx c-162-01-x -em2: .064[1.63] +/-.004 pcb c .0920 .0030 2.338 0.08 section "a"-"a" -em3: see note 10 qse-20-01-d-em3-xx c-162-02-x c fig 1 * em3-gp = not tooled [different as shown, otherwise same as -em2 pcb thickness] -em3: (use qse-20-01-d-em3-xx & c-162-02-x) * = see note 10 plating thicknesses are for signal pins only. for ground plane thicknesses, see pp-t-1g13-xx-x. -f: 3" flash selective gold in contact area matte tin on tail (see note 6) (use c-162-xx-f & t-1g13-01-f) -l: 10" light selective gold in contact area with matte tin on tail (use c-162-xx-l & t-1g13-01-l) -h: 30" heavy gold in contact area 3" flash gold on tails (use c-162-xx-h & t-1g13-01-g) -tl: tin/lead (90/10 5%) contact and tail -s: 30" selective gold in contact area, matte tin on tail (use c-162-xx-s & t-1g13-01-l) c c c c ** = see note 13 sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01[.3] 2 .xxx: .005[.13] .xxxx: .0020[.051] material: .8mm edge mount hs socket assembly by: qse-xxx-01-x-d-emx-xx dwg. no. description: do not scale drawing dean p 5/24/2000 2 1 sheet scale: 1.375:1 insulator: lcp, ul 94vo -em2 color: black -em3 color: natural contact & ground plane: phos bronze f:\dwg\misc\mktg\qse-xxx-01-x-d-emx-xx-mkt.slddrw notes: 1. represents a critical dimension. 2. minimum contact retention: 6 oz 3. minimum ground plane retention: 8 oz 4. parts are mold to position. 5. maximum variance of .002[0.05] 6. -l plating can be substituted for -f plating. 7. note deleted. 8. board thickness to be measured from solder pad to solder pad. 9. see www.samtec. com/processing/ edgemount_tectalk/index.htm for information on processing edgemount parts to boards. 10. -em3 is not a standard offering; available as an asp only. please contact samtec interconnect processing group with order inquiries 11. note deleted. 12. side walls are ribbed as necessary to control bow. 13. available for existing customers only. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322 revision ae
this document contains confidential and proprietary information and all design, manufacturing, reproduction, use, patent rights and sales rights are expressly reserved by samtec, inc. this document shall not be disclosed, in whole or part, to any unauthorized person or entity nor reproduced, transferred or incorporated in any other project in any manner without the express written consent of samtec, inc. proprietary note * * {(no of positions / 20) x .7875[20.003]} + 1.044[26.52] ref {(no of positions / 20) x .7875[20.003]) + .225[5.715) ref .140 ref (typ) 3.56 .207 ref 5.26 "b" "b" c .235 ref 5.96 .070 1.78 ref .417 10.59 ref "c" "c" section "b"-"b" qse-20-01-d-emx-xx-gp section "c"-"c" .008 max 0.19 detail 'a' scale 10 : 1 line where rounded top of contact transitions to straight beam fig 2 -gp: guide post (different as shown, otherwise same as fig 1) (60 position max) (only available with -em2 option) critical dimension inspection instruction table assembly operation in-process inspection fill c-162-xx-x c1, c2, c4*, c5*, c7, c8 fill t-1g13-01-x c6 where applicable * sheet of .8mm edge mount hs socket assembly by: qse-xxx-01-x-d-emx-xx dwg. no. description: do not scale drawing dean p 5/24/2000 2 2 sheet scale: 2:1 revision ae f:\dwg\misc\mktg\qse-xxx-01-x-d-emx-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322


▲Up To Search▲   

 
Price & Availability of QSE-020-01-L-D-EM2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X