Part Number Hot Search : 
E002665 CM3503 01504 TSL257 324102 2SC22 BU508AF 10T25
Product Description
Full Text Search
 

To Download QSE-020-01-F-D-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (0.80 mm) .0315" qse series f-217 specifications board mates: qte cable mates: eqcd, eqdp (see also available note) standoffs: so qse pins per row no. of pairs plating option C020, C040, C060 (40 total pins per bank = Cd) C014, C028, C042 (14 pairs per bank = CdCdp) Cd = single- ended CdCdp = differential pair (C01 only) type a other option 01 (0.64) .025 (20.00) .7875 ?d = (no. of positions per row/20) x (20.00) .7875 + (1.27) .050 ?d?dp = (no. of positions per row/14) x (20.00) .7875 + (1.27) .050 01 02 (7.49) .295 (0.15) .006 (0.80) .0315 (3.25) .128 (3.05) .120 (0.76) .030 (7.24) .285 (0.89) .035 dia Cl Cgp = guide post (C020 only) Ck = (8.25 mm) .325" dia polyimide film pick & place pad Ctr = tape & reel packaging Cl = latching option (n/a on C042 & C060 positions) Cf = gold flash on signal pins and ground plane, matte tin on tails Cl = 10 " (0.25 m) gold on signal pins and ground plane, matte tin on tails Cc* = electro-polished selective 50 " (1.27 m) min au over 150 " (3.81 m) ni on signal pins in contact area, 10 " (0.25 m) min au over 50 " (1.27 m) ni on ground plane in contact area, matte tin over 50 " (1.27 m) min ni on all solder tails high-speed ground plane socket qte lead style mated height with qse* C01 (5.00) .197 C02 (8.00) .315 C03 (11.00) .433 C04 (16.00) .630 C05 (19.00) .748 C07 (25.00) .984 C09 (14.00) .551 *processing conditions will affect mated height. see so series for board space tolerances for complete specifcations and recommended pcb layouts see www.samtec.com?qse insulator material: liquid crystal polymer terminal material: phosphor bronze plating: au or sn over 50 " (1.27 m) ni current rating: contacts: 2 a per pin (1 pin powered per row) ground plane: 23 a per ground plane (1 ground plane powered) operating temp range: -55 c to +125 c voltage rating: 225 vac (5 mm stack height) max cycles: 100 rohs compliant: ye s for complete scope of recognitions see www.samtec.com/quality recognitions protocols processing also available (moq required) ? 15 mm, 22 mm and 30 mm stack height ? 30 " (0.76 m) gold (specify -h plating for data rate cable mating applications.) ? edge mount ? 56 (-dp), 80, 100 positions per row ? retention, guide posts and friction lock options . contact samtec. ? 100 gbe ? xaui ? pci express ? ? s ata ? mgt (rocket i/o) ? infniband ? *note: Cc plating passes 10 year mfg testing note: some lengths, styles and options are non-standard, non-returnable. leadCfree solderable: ye s smt lead coplanarity: (0.10 mm) .004" max (020-060) board stacking: for applications requiring more than two connectors per board contact ipg@samtec.com gbps 2 8 high-speed channel performance qse-dp/qte-dp @ 5 mm mated stack height rating based on samtec reference channel. for full si performance data visit samtec.com or contact sig@samtec.com file no. e111594 file no: 090871_0_000 ex tended life pr oduc t 10 year mfg with 50 " gold high ma ting cycles ? qseC060C01CfCdCa qseC028C01CfCdCdpCa qseC020C01ClCdCa blade & beam design integral metal plane for power or ground www.samtec.com due to technical progress, all designs, specifcations and components are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of QSE-020-01-F-D-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X