Part Number Hot Search : 
A1205 NJU7660A 2SK3133S EFM201L 80337517 IRF256 HSN500 15WBS
Product Description
Full Text Search
 

To Download P6SMBJ400A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.04 20150517 p6smbj -a series surface mount transient voltage suppressor fe a t ures ?e for surface mou n ted appli c ations in order to op timi ze b oard spa c e. ?e l o w profile pa ckage ?e built-in strain reli ef ?e glass pa ssiv a ted jun c tion ?e l o w inductan c e ?e high tempera t ure sol dering : 260 c /10 seco nds a t termi nals ?e plasti c p a ckage has und e rw riters l aboratory flammab ility c l assi fi cati on 9 4 v- o pb free produ ct a t av ailable : 99% s n abov e meet rohs ?e env ironment su bst a nce dire ctiv e reque st m e c h an i c al d a t a ?e ca se : jedec d o -214aa , molded pl asti c ov er passiv a ted jun c ti on. ?e termina l s: solde r pla t ed,sold erable per mil - std-750, method 2026 ?e polari ty : color b a nd deno te s po si tiv e end (ca t hod e) ?e stand ard packag ing:12 mm tape (e ia-481) ?e devices fo r bipo l a r a p p l ic a t i o ns for bidire ctional use c or ca suffix fo r ty pes p6smb j 5.0 thru ty pes p 6 smbj440a. electri c al char acteri sti c s ap ply in bo th direction s . m a xim u m r a ti ng s a n d electric a l ch a r a c teristi c s rating a t 25cambi ent tempera t ure unl ess o t herw i se spe c i f ied. re sistiv e or in ductiv e load, 60hz. for capaci t iv e load dera t e curr ent by 20%. ra t i n g sy m b ol va lu e uni ts peak po w e r diss ipation on 10/1000us waveform (note1.2 , fig.1) ppp 600 watts i 1 0 0 amps peak pu lse cu rre nt on 10/1 000s w a v e form(note 1 , fig.3) see table 1 amps oper ati ng and sto r age tempe r atur e range tj , tstg -55 ~ +150 c notes: 1. non- repe titiv e cu rrent pul se, per fig.3 and dera t ed abov e ta = 25 c per fig.2. 2. moun ted on 5.0 mm (0.13mm thi c k) l and area s. 3. mea s ure d on 8 . 3 m s, si ngle half sine -w a v e or equiv a lent squ a re w a v e , duty cy cle = 4 pul se s p e r minute max i mum. .08 3 (2. 11 ) .07 5 (1.9 1 ) .012(.3 05 ) .006(.15 2 ) .012(.31) .006(.15) .008(.20 3 ) .00 2 (. 051 ) .05 0 (1. 27 ) .03 0 (0. 76 ) smb/do-214aa unit:inch(mm) .1 55 (3. 94 ) .13 0 (3. 30 ) .18 5 (4.7 0 ) .16 0 (4. 06 ) . 096 (2. 44 ) .0 83 ( 2.13 ) .2 20 (5. 59 ) .20 0 (5. 08 ) peak forward surge current, 8.3ms single half sine - wave uni- directional only (jedec method) (notes 2,3) 2 fsm i pp voltage 5.0 to 440 volts 600 watt peak power pulse quantify per reel : 3000 pcs o h aec-q101 qualified base p/n - rohs compliant, commercial grade base p/n-a - rohs compliant, aec-q101 qualified ?e
http://www.yeashin.com 2 rev.04 20150517 test current max. reverse stand-off voltage v r w m m i n . ma x . u n i b i u n i b i v v v m a a a v a u n i b i 600 w tran sien t vo ltage suppre s or p6sm bj5 . 0 p 6 s m bj5 . 0c 5 . 0 6 . 4 0 7 . 8 2 1 0 800. 0 160 0 . 0 9 . 6 6 2 . 5 b5.0 v b5.0c p6sm bj5 . 0 a p 6 s m bj5 . 0c a 5 . 0 6 . 4 0 7 . 0 7 1 0 800. 0 . 160 0 . 0 9 . 2 6 5 . 2 b5.0 a b5.0d p6sm bj6 . 0 p 6 s m bj6 . 0c 6 . 0 6 . 6 7 8 . 1 5 1 0 800. 0 160 0 . 0 1 1 . 4 5 2 . 6 b6.0 v b6.0c p6sm bj6 . 0 a p 6 s m bj6 . 0c a 6 . 0 6 . 6 7 7 . 3 7 1 0 800. 0 160 0 . 0 1 0 . 3 5 8 . 3 b6.0 a b6.0d p6sm bj6 . 5 p 6 s m bj6 . 5c 6 . 5 7 . 2 2 8 . 8 2 1 0 500. 0 100 0 . 0 1 2 . 3 4 8 . 8 b6.5 v b6.5c p6sm bj6 . 5 a p 6 s m bj6 . 5c a 6 . 5 7 . 2 2 7 . 9 8 1 0 500. 0 100 0 . 0 1 1 . 2 5 3 . 6 b6.5 a b6.5d p6sm bj7 . 0 p 6 s m bj7 . 0c 7 . 0 7 . 7 8 9 . 5 1 1 0 200. 0 400. 0 1 3 . 3 4 5 . 4 b7.0 v b7.0c p6sm bj7 . 0 a p 6 s m bj7 . 0c a 7 . 0 7 . 7 8 8 . 6 0 1 0 200. 0 400. 0 1 2 . 0 5 0 . 0 b7.0 a b7.0d p6sm bj7 . 5 p 6 s m bj7 . 5c 7 . 5 8 . 3 3 10.2 0 1 100. 0 200. 0 1 4 . 3 4 2 . 0 b7.5 v b7.5c p6sm bj7 . 5 a p 6 s m bj7 . 5c a 7 . 5 8 . 3 3 9 . 2 1 1 100. 0 200. 0 1 2 . 9 4 6 . 5 b7.5 a b7.5d p6sm bj8 . 0 p6sm bj8 . 0c 8 . 0 8 . 8 9 1 0 . 9 0 1 5 0 . 0 1 0 0 . 0 1 5 . 0 4 0 . 0 b8.0 v b8.0c p6sm bj8 . 0 a p6sm bj8 . 0c a 8 . 0 8 . 8 9 9 . 8 3 1 5 0 . 0 1 0 0 . 0 1 3 . 6 4 4 . 1 b8.0 a b8.0d p6sm bj8 . 5 p6sm bj8 . 5c 8 . 5 9 . 4 4 1 1 . 5 0 1 2 0 . 0 4 0 . 0 1 5 . 9 3 7 . 7 b8.5 v b8.5c p6sm bj8 . 5 a p6sm bj8 . 5c a 8 . 5 9 . 4 4 1 0 . 4 0 1 2 0 . 0 4 0 . 0 1 4 . 4 4 1 . 7 b8.5 a b8.5d p6sm bj9 . 0 p 6 s m bj9 . 0c 9 . 0 10.0 0 12.2 0 1 1 0 . 0 2 0 . 0 1 6 . 9 3 5 . 5 b9.0 v b9.0c p6sm bj9 . 0 a p 6 s m bj9 . 0c a 9 . 0 10.0 0 1 1 . 1 0 1 1 0 . 0 2 0 . 0 1 5 . 4 3 9 . 0 b9.0 a b9.0d p6sm bj1 0 p 6 s m bj1 0 c 1 0 . 0 1 1 . 1 0 13.6 0 1 5 . 0 1 0 . 0 1 8 . 8 3 1 . 9 b 1 0 v b10c p6sm bj1 0 a p 6 s m bj1 0 c a 1 0 . 0 1 1 . 1 0 12.3 0 1 5 . 0 1 0 . 0 1 7 . 0 3 5 . 3 b 1 0 a b10d p6sm bj1 1 p 6 s m aj1 1 c 1 1 . 0 12.2 0 14.9 0 1 5 . 0 5 . 0 2 0 . 1 2 9 . 9 b1 1 v b1 1c p6sm bj1 1 a p 6 s m bj1 1 c a 1 1 . 0 12.2 0 13.5 0 1 5 . 0 5 . 0 1 8 . 2 3 3 . 0 b1 1 a b1 1d p6sm bj1 2 p 6 s m bj1 2 c 1 2 . 0 13.3 0 16.3 0 1 5 . 0 5 . 0 2 2 . 0 2 7 . 3 b 1 2 v b12c p6sm bj1 2 a p 6 s m bj1 2 c a 1 2 . 0 13.3 0 14.7 0 1 5 . 0 5 . 0 1 9 . 9 3 0 . 2 b 1 2 a b12d p6sm bj1 3 p 6 s m bj1 3 c 1 3 . 0 14.4 0 17.6 0 1 5 . 0 5 . 0 2 3 . 8 2 5 . 2 b 1 3 v b13c p6sm bj1 3 a p 6 s m bj1 3 c a 1 3 . 0 14.4 0 15.9 0 1 5 . 0 5 . 0 2 1 . 5 2 7 . 9 b 1 3 a b13d p6sm bj1 4 p 6 s m bj1 4 c 1 4 . 0 15.6 0 19.1 0 1 5 . 0 5 . 0 2 5 . 8 2 3 . 3 b 1 4 v b14c p6sm bj1 4 a p 6 s m bj1 4 c a 1 4 . 0 15.6 0 17.2 0 1 5 . 0 5 . 0 2 3 . 2 2 5 . 9 b 1 4 a b14d p6sm bj1 5 p 6 s m bj1 5 c 1 5 . 0 16.7 0 20.4 0 1 5 . 0 5 . 0 2 6 . 9 2 2 . 3 b 1 5 v b15c p6sm bj1 5 a p 6 s m bj1 5 c a 1 5 . 0 16.7 0 18.5 0 1 5 . 0 5 . 0 2 4 . 4 2 4 . 6 b 1 5 a b15d p6sm bj1 6 p 6 s m bj1 6 c 1 6 . 0 17.8 0 21.8 0 1 5 . 0 5 . 0 2 8 . 8 2 0 . 8 b 1 6 v b16c p6sm bj1 6 a p 6 s m bj1 6 c a 1 6 . 0 17.8 0 19.7 0 1 5 . 0 5 . 0 2 6 . 0 2 3 . 1 b 1 6 a b16d p6sm bj1 7 p 6 s m bj1 7 c 1 7 . 0 18.9 0 23.1 0 1 5 . 0 5 . 0 3 0 . 5 1 9 . 7 b 1 7 v b17c p6sm bj1 7 a p 6 s m bj1 7 c a 1 7 . 0 18.9 0 20.9 0 1 5 . 0 5 . 0 2 7 . 6 2 1 . 7 b 1 7 a b17d p6sm bj1 8 p 6 s m bj1 8 c 1 8 . 0 20.0 0 24.4 0 1 5 . 0 5 . 0 3 2 . 2 1 8 . 6 b 1 8 v b18c p6sm bj1 8 a p 6 s m bj1 8 c a 1 8 . 0 20.0 0 22.1 0 1 5 . 0 5 . 0 2 9 . 2 2 0 . 5 b 1 8 a b18d p6sm bj2 0 p 6 s m bj2 0 c 2 0 . 0 22.2 0 27.1 0 1 5 . 0 5 . 0 3 5 . 8 1 6 . 8 b 2 0 v b20c p6sm bj2 0 a p 6 s m bj2 0 c a 2 0 . 0 22.2 0 24.5 0 1 5 . 0 5 . 0 3 2 . 4 1 8 . 5 b 2 0 a b20d p6sm bj2 2 p 6 s m bj2 2 c 2 2 . 0 24.4 0 29.8 0 1 5 . 0 5 . 0 3 9 . 4 1 5 . 2 b 2 2 v b22c p6sm bj2 2 a p 6 s m bj2 2 c a 2 2 . 0 24.4 0 26.9 0 1 5 . 0 5 . 0 3 5 . 5 1 6 . 9 b 2 2 a b22d p6sm bj2 4 p 6 s m bj2 4 c 2 4 . 0 26.7 0 32.6 0 1 5 . 0 5 . 0 4 3 . 0 1 4 . 0 b 2 4 v b24c p6sm bj2 4 a p 6 s m bj2 4 c a 2 4 . 0 26.7 0 29.5 0 1 5 . 0 5 . 0 3 8 . 9 1 5 . 4 b 2 4 a b24d p6sm bj2 6 p 6 s m bj2 6 c 2 6 . 0 28.9 0 35.3 0 1 5 . 0 5 . 0 4 6 . 6 1 2 . 9 b 2 6 v b26c p6sm bj2 6 a p 6 s m bj2 6 c a 2 6 . 0 28.9 0 31.9 0 1 5 . 0 5 . 0 4 2 . 1 1 4 . 3 b 2 6 a b26d p6sm bj2 8 p 6 s m bj2 8 c 2 8 . 0 31.1 0 38.0 0 1 5 . 0 5 . 0 5 0 . 0 1 2 . 0 b 2 8 v b28c p6sm bj2 8 a p 6 s m bj2 8 c a 2 8 . 0 31.1 0 34.4 0 1 5 . 0 5 . 0 4 5 . 4 1 3 . 2 b 2 8 a b28d p6sm bj3 0 p 6 s m bj3 0 c 3 0 . 0 33.3 0 40.7 0 1 5 . 0 5 . 0 5 3 . 5 1 1 . 2 b 3 0 v b30c p6sm bj3 0 a p 6 s m bj3 0 c a 3 0 . 0 33.3 0 36.8 0 1 5 . 0 5 . 0 4 8 . 4 1 2 . 4 b 3 0 a b30d p6sm bj3 3 p 6 s m bj3 3 c 3 3 . 0 36.7 0 44.9 0 1 5 . 0 5 . 0 5 9 . 0 1 0 . 2 b 3 3 v b33c part number breakdown voltage reverse leakage voltage clamp peak current pulse package smb / do-214aa device marking code vbr @ it it ir@vrwm vc@ ipp ipp p6smbj -a series
http://www.yeashin.com 3 rev.04 20150517 part number v r w m m i n . ma x . u n i b i u n i b i v v v m a a a v a u n i b i p6sm bj3 3 a p 6 s m bj3 3 c a 3 3 . 0 36.7 0 40.6 0 1 5 . 0 5 . 0 5 3 . 3 1 1 . 3 b 3 3 a b33d p6sm bj3 6 p 6 s m bj3 6 c 3 6 . 0 40.0 0 48.9 0 1 5 . 0 5 . 0 6 4 . 3 9 . 3 b 3 6 v b36c p6sm bj3 6 a p 6 s m bj3 6 c a 3 6 . 0 40.0 0 44.2 0 1 5 . 0 5 . 0 5 8 . 1 1 0 . 3 b 3 6 a b36d p6sm bj4 0 p 6 s m bj4 0 c 4 0 . 0 44.4 0 54.3 0 1 5 . 0 5 . 0 7 1 . 4 8 . 4 b 4 0 v b40c p6sm bj4 0 a p 6 s m bj4 0 ca 4 0 . 0 44.4 0 49.1 0 1 5 . 0 5 . 0 6 4 . 5 9 . 3 b 4 0 a b40d p6sm bj4 3 p 6 s m bj4 3 c 4 3 . 0 47.8 0 58.4 0 1 5 . 0 5 . 0 7 6 . 7 7 . 8 b 4 3 v b43c p6sm bj4 3 a p 6 s m bj4 3 c a 4 3 . 0 47.8 0 52.8 0 1 5 . 0 5 . 0 6 9 . 4 8 . 6 b 4 3 a b43d p6sm bj4 5 p 6 s m bj4 5 c 4 5 . 0 50.0 0 61.1 0 1 5 . 0 5 . 0 8 0 . 3 7 . 5 b 4 5 v b45c p6sm bj4 5 a p 6 s m bj4 5 c a 4 5 . 0 50.0 0 55.3 0 1 5 . 0 5 . 0 7 2 . 7 8 . 3 b 4 5 a b45d p6sm bj4 8 p 6 s m bj4 8 c 4 8 . 0 53.3 0 65.1 0 1 5 . 0 5 . 0 8 5 . 5 7 . 0 b 4 8 v b48c p6sm bj4 8 a p 6 s m bj4 8 c a 4 8 . 0 53.3 0 58.9 0 1 5 . 0 5 . 0 7 7 . 4 7 . 8 b 4 8 a b48d p6sm bj5 1 p 6 s m bj5 1 c 5 1 . 0 56.7 0 69.3 0 1 5 . 0 5 . 0 9 1 . 1 6 . 6 b 5 1 v b51c p6sm bj5 1 a p 6 s m bj5 1 c a 5 1 . 0 56.7 0 62.7 0 1 5 . 0 5 . 0 8 2 . 4 7 . 3 b 5 1 a b51d p6sm bj5 4 p 6 s m bj5 4 c 5 4 . 0 60.0 0 73.3 0 1 5 . 0 5 . 0 9 6 . 3 6 . 2 b 5 4 v b54c p6sm bj5 4 a p 6 s m bj5 4 c a 5 4 . 0 60.0 0 66.3 0 1 5 . 0 5 . 0 8 7 . 1 6 . 9 b 5 4 a b54d p6sm bj5 8 p 6 s m bj5 8 c 5 8 . 0 64.4 0 78.7 0 1 5 . 0 5 . 0 103. 0 5 . 8 b 5 8 v b58c p6sm bj5 8 a p 6 s m bj5 8 c a 5 8 . 0 64.4 0 71.2 0 1 5 . 0 5 . 0 9 3 . 6 6 . 4 b 5 8 a b58d p6sm bj6 0 p 6 s m bj6 0 c 6 0 . 0 66.7 0 81.5 0 1 5 . 0 5 . 0 107. 0 5 . 6 b 6 0 v b60c p6sm bj6 0 a p 6 s m bj6 0 c a 6 0 . 0 66.7 0 73.7 0 1 5 . 0 5 . 0 9 6 . 8 6 . 2 b 6 0 a b60d p6sm bj6 4 p 6 s m bj6 4 c 6 4 . 0 71.1 0 86.9 0 1 5 . 0 5 . 0 1 1 4 . 0 5 . 3 b 6 4 v b64c p6sm bj6 4 a p 6 s m bj6 4 c a 6 4 . 0 71.1 0 78.6 0 1 5 . 0 5 . 0 103 0 5 . 8 b 6 4 a b64d p6sm bj7 0 p 6 s m bj7 0 c 7 0 . 0 77.8 0 95.1 0 1 5 . 0 5 . 0 125. 0 4 . 8 b 7 0 v b70c p6sm bj7 0 a p 6 s m bj7 0 c a 7 0 . 0 77.8 0 86.0 0 1 5 . 0 5 . 0 1 1 3 0 5 . 3 b 7 0 a b70d p6sm bj7 5 p 6 s m bj7 5 c 7 5 . 0 83.3 0 102. 0 0 1 5 . 0 5 . 0 134. 0 4 . 5 b 7 5 v b75c p6sm bj7 5 a p 6 s m bj7 5 c a 7 5 . 0 83.3 0 92.1 0 1 5 . 0 5 . 0 121. 0 5 . 0 b 7 5 a b75d p6sm bj7 8 p 6 s m bj7 8 c 7 8 . 0 86.7 0 106. 0 0 1 5 . 0 5 . 0 139. 0 4 . 3 b 7 8 v b78c p6sm bj7 8 a p 6 s m bj7 8 c a 7 8 . 0 86.7 0 95.8 0 1 5 . 0 5 . 0 126. 0 4 . 8 b 7 8 a b78d p6sm bj8 5 p 6 s m bj8 5 c 8 5 . 0 94.4 0 1 1 5.0 0 1 5 . 0 5 . 0 151. 0 4 . 0 b 8 5 v b85c p6sm bj8 5 a p 6 s m bj8 5 c a 8 5 . 0 94.4 0 104. 0 0 1 5 . 0 5 . 0 137. 0 4 . 4 b 8 5 a b85d p6sm bj9 0 p 6 s m bj9 0 c 9 0 . 0 100. 0 0 122. 0 0 1 5 . 0 5 . 0 160 0 3 . 8 b 9 0 v b90c p6sm bj9 0 a p 6 s m bj9 0 c a 9 0 . 0 100. 0 0 1 1 1. 0 0 1 5 . 0 5 . 0 146. 0 4 . 1 b 9 0 a b90d p6sm bj1 0 0 p 6 s m bj1 00c 100. 0 1 1 1. 0 0 136. 0 0 1 5 . 0 5 . 0 179. 0 3 . 4 b100 v b100c p6sm bj1 0 0 a p 6 s m bj1 00c a 100. 0 1 1 1. 0 0 123. 0 0 1 5 . 0 5 . 0 162. 0 3 . 7 b100 a b100d p6sm bj1 1 0 p 6 s m bj1 10c 1 1 0 . 0 122. 0 0 149. 0 0 1 5 . 0 5 . 0 196. 0 3 . 1 b1 1 0 v b1 1 0 c p6sm bj1 1 0 a p 6 s m bj1 10c a 1 1 0 . 0 122 0 0 135. 0 0 1 5 . 0 5 . 0 177. 0 3 . 4 b1 1 0 a b1 1 0 d p6sm bj1 2 0 p 6 s m bj1 20c 120. 0 133. 0 0 163. 0 0 1 5 . 0 5 . 0 214. 0 2 . 8 b120 v b120c p6sm bj1 2 0 a p 6 s m bj1 20c a 120. 0 133. 0 0 147. 0 0 1 5 . 0 5 . 0 193. 0 3 . 1 b120 a b120d p6sm bj1 3 0 p 6 s m bj1 30c 130. 0 144. 0 0 176. 0 0 1 5 . 0 5 . 0 231. 0 2 . 6 b130 v b130c p6sm bj1 3 0 a p 6 s m bj1 30c a 130. 0 144. 0 0 159. 0 0 1 5 . 0 5 . 0 209. 0 2 . 9 b130 a b130d p6sm bj1 5 0 p 6 s m bj1 50c 150. 0 167. 0 0 204. 0 0 1 5 . 0 5 . 0 268. 0 2 . 2 b150 v b150c p6sm bj1 5 0 a p 6 s m bj1 50c a 150. 0 167. 0 0 185. 0 0 1 5 . 0 5 . 0 243. 0 2 . 5 b150 a b150d p6sm bj1 6 0 p 6 s m bj1 60c 160. 0 178. 0 0 218. 0 0 1 5 . 0 5 . 0 287. 0 2 . 1 b160 v b160c p6sm bj1 6 0 a p 6 s m bj1 60c a 160. 0 178. 0 0 197. 0 0 1 5 . 0 5 . 0 259. 0 2 . 3 b160 a b160d p6sm bj1 7 0 p 6 s m bj1 70c 170. 0 189. 0 0 231. 0 0 1 5 . 0 5 . 0 304. 0 2 . 0 b170 v b170c p6sm bj1 7 0 a p 6 s m bj1 70c a 170. 0 189. 0 0 209. 0 0 1 5 . 0 5 . 0 275. 0 2 . 2 b170 a b170d p6sm bj1 8 8 p 6 s m bj1 88c 188. 0 209. 0 0 255. 0 0 1 5 . 0 5 . 0 344. 0 1 . 7 b188 v b188c p6sm bj1 8 8 a p 6 s m bj1 88c a 188. 0 209. 0 0 231. 0 0 1 5 . 0 5 . 0 328. 0 2 . 0 b188 a b188d . . . 600 w tran sien t vo ltage suppre s or reverse leakage breakdown voltage reverse stand-off voltage test current max. voltage clamp peak current pulse package smb / do-214aa device marking code vbr @ it it ir@vrwm vc@ ipp ipp p6smbj -a series
v r w m m i n . ma x . u n i b i u n i b i v v v m a a a v a u n i b i p6sm bj200a p 6 s m bj200ca 200 224 247 1 5 . 0 5 . 0 324 1.9 b 200a b200d p6sm bj220a p 6 s m bj220ca 220 246 272 1 5 . 0 5 . 0 356 1.7 b 220a b220d p6sm bj250a p 6 s m bj250ca 250 279 309 1 5 . 0 5 . 0 405 1.5 b 250a b250d p6sm bj300a p 6 s m bj300ca 300 335 371 1 5 . 0 5 . 0 486 1.3 b 300a b300d p6sm bj350a p 6 s m bj350ca 350 391 432 1 5 . 0 5 . 0 567 1.1 b 350a b350d p6sm bj400a p 6 s m bj400ca 400 447 494 1 5 . 0 5 . 0 648 0.9 b 400a b400d p6sm bj440a p 6 s m bj440ca 440 492 543 1 5 . 0 5 . 0 713 0.9 b 440a b440d 600 w tran sien t vo ltage suppre s or http://www.yeashin.com 4 rev.04 20150517 part number breakdown voltage reverse leakage reverse stand-off voltage test current max. voltage clamp peak current pulse package smb / do-214aa device marking code vbr @ it it ir@vrwm vc@ ipp ipp p6smbj -a series
http://www.yeashin.com 5 rev.04 20150517 device characteristics td,pulse width, micro sec t,time,ms number of cycles at 60hz t ,ambient temperature, c a o 0.1 0.1 1.0 non-repetitve pulse wavefom shown in figure.3 t=25c a o mounted on 5.0mm copper land areas 1.0 10 10 100 100 1000 10000 p ,peak pulse forward,kw pp i ,peakpulsecurrent,% pp ,peak forward surge current (a) fsm peak pulse forward(ppp) or current(ipp) derating in percentage % 1 00 75 50 25 0 125 150 175 200 25 50 75 100 0 0 1.0 2.0 3.0 4.0 0 50 100 150 c j ,capacitance,pf 200 100 50 10 1 5 10 50 100 ), breakdown voltage ,volts b r fig.3 pulse wave form fig.1 peak pulse power rating curve fig.2 derating curve fig.4 typical capacitance fig.5 maximum non-repetitive peak forward surge current p6smbj -a series


▲Up To Search▲   

 
Price & Availability of P6SMBJ400A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X