Part Number Hot Search : 
NJM2373 A2012 AM979911 80C32 2SC2751 FQA19N60 HMC364 MSC8144E
Product Description
Full Text Search
 

To Download P4SMAJ250A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p4smaj6.8a(ca) - p4smaj440a(ca) voltage range: 6.8 - 440 v 1 of 4 maximum ratings @ t a = 25  c unless otherwise specified peak pulse power dissipation (non repetitive current pulse derated above t a =25  c) (note 1) p pk 400 w peak forward surge current, 8.3ms single half sine wave s uperimposed on rated load (jedec method) (notes 1, 2, & 3) i fsm 40 a instantaneous forward voltage @ i pp = 35a (notes 1, 2, & 3) v f 3.5 v operating and storage temperature range t j ,t stg -55 to +150  c notes: 1. valid provided that terminals are kept at ambient temperature. 2. measured with 8.3ms single half sine-wave. duty cycle = 4 pulses per minute maximum. 3. unidirectional units only. characteristic symbol value unit surface mount transient voltage suppessor diode power: 400wa t t s glass passivated die construction uni- and bi-directional versions available excellent clamping capability fast response time plastic material: ul flammability classification rating 94v-0 features ! ! ! ! ! www.sunmate.tw case: sma/do-214ac, molded plastic ! ! terminals: solder plated, solderable per mil-std-750, method 2026 ! polarity: cathode band or cathode notch ! marking: type number ! weight: 0.064 grams (approx.) mechanical data a b c d g h e j dim minmax a 2.29 2.92 b 4.00 4.60 c 1.27 1.63 d 0.15 0.31 e 4.80 5.59 g 0.10 0.20 h 0.76 1.52 j 2.01 2.62 all dimensions in mm sma(do-214ac)
p4smaj7.5c vr jr vq jq vp jp vn jn vm jm vl jl vk jk vh jh vg jg vd jd uz iz uy iy ux ix uw iw uv iv uu iu ut it us is ip in ih ik ig if ie id hz hy hx hw tv hv hs hr hq hp hn hm tl hl tk hk hh tg hg tf hf te he hd 2 of 4 p4smaj51ca p4smaj51a p4smaj51c p4smaj51 p4smaj47ca p4smaj47a p4smaj47c p4smaj47 p4smaj43ca p4smaj43a p4smaj43c p4smaj43 p4smaj39ca p4smaj39a p4smaj39c p4smaj39 p4smaj36ca p4smaj36a p4smaj36c p4smaj36 p4smaj33ca p4smaj33c p4smaj33a p4smaj33 p4smaj30ca p4smaj30a p4smaj30c p4smaj30 p4smaj27ca p4smaj27a p4smaj27c p4smaj27 p4smaj24ca p4smaj24a p4smaj24c p4smaj24 p4smaj22ca p4smaj22a p4smaj22c p4smaj22 p4smaj20ca p4smaj20a p4smaj20c p4smaj20 p4smaj18ca p4smaj18a p4smaj18c p4smaj18 p4smaj16c p4smaj16ca p4smaj16a p4smaj16 p4smaj15ca p4smaj15a p4smaj15c p4smaj15 p4smaj13ca p4smaj13a p4smaj13c p4smaj13 p4smaj12ca p4smaj12a p4smaj12c p4smaj12 p4smaj11ca p4smaj11a p4smaj11c p4smaj11 p4smaj10ca p4smaj10a p4smaj10c p4smaj10 p4smaj9.1ca p4smaj9.1a p4smaj9.1c p4smaj9.1 p4smaj8.2ca p4smaj8.2a p4smaj8.2c p4smaj8.2 p4smaj6.8ca p4smaj6.8c p4smaj7.5a p4smaj7.5ca p4smaj7.5 p4smaj6.8a p4smaj6.8 1.0 1.0 1.0 1.0 43.6 40.8 41.3 38.1 36.8 34.8 33.3 31.6 30.8 29.1 28.2 26.8 25.6 24.3 23.1 20.5 19.4 18.8 17.8 17.1 16.2 15.3 14.5 13.6 12.9 12.8 12.1 11.1 10.2 9.72 8.92 8.55 5.50 6.12 7.48 10 10.8 38.0 1000.0 5.80 6.45 7.14 10 10.5 40.0 1000.0 6.05 6.75 8.25 10 11.7 36.0 500.0 6.40 7.13 7.88 10 11.3 37.0 500.0 6.63 7.38 9.02 10 12.5 33.0 200.0 7.02 7.79 8.61 10 12.1 35.0 200.0 7.37 8.19 10.0 13.8 30.0 50.0 7.78 8.65 9.55 13.4 31.0 50.0 8.10 9.00 11.0 1.0 15.0 28.0 10.0 9.50 10.5 1.0 14.5 29.0 10.0 9.90 12.1 1.0 16.2 26.0 5.0 9.40 10.5 11.6 15.6 27.0 5.0 10.8 13.2 1.0 17.3 24.0 5.0 11.4 12.6 1.0 16.7 25.0 5.0 10.5 11.7 14.3 1.0 19.0 22.0 5.0 12.4 13.7 18.2 23.0 5.0 13.5 16.5 1.0 22.0 19.0 5.0 14.3 15.8 1.0 21.2 20.0 5.0 14.4 17.6 1.0 23.5 18.0 5.0 15.2 16.8 1.0 22.5 19.0 5.0 16.2 19.8 1.0 26.5 16.0 5.0 17.1 18.9 1.0 25.2 17.0 5.0 18.0 22.0 1.0 29.1 14.0 5.0 19.0 21.0 1.0 27.7 15.0 5.0 19.8 24.2 1.0 31.9 13.0 5.0 20.9 23.1 1.0 30.6 14.0 5.0 21.6 26.4 1.0 34.7 12.0 5.0 22.8 25.2 1.0 33.2 13.0 5.0 21.8 24.3 29.7 1.0 39.1 11.0 5.0 25.7 28.4 1.0 37.5 11.2 5.0 27.0 33.0 1.0 43.5 10.0 5.0 28.5 31.5 1.0 41.4 10.0 5.0 29.7 36.3 1.0 47.7 9.0 5.0 31.4 34.7 1.0 45.7 9.0 5.0 32.4 39.6 1.0 52.0 8.0 5.0 34.2 37.8 1.0 49.9 8.4 5.0 35.1 42.9 1.0 56.4 7.4 5.0 37.1 41.0 1.0 53.9 7.8 5.0 38.7 47.3 1.0 61.9 6.8 5.0 40.9 45.2 1.0 59.3 7.1 5.0 42.3 51.7 1.0 67.8 6.2 5.0 44.7 49.4 1.0 64.8 5.0 5.0 45.9 56.1 1.0 73.5 5.7 5.0 48.5 53.6 1.0 70.1 6.0 5.0 type rwm rwm breakdown reverse stand-off voltage voltage min. @i t breakdown voltage max. @ i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v v (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) marking (bi) (uni) (bi) (uni) www.sunmate.tw td th tm tn tp tq tr ts tw tx ty tz ud ue uf ug uk uh un up
yp zp yn zn ym zm yl zl yk zk yh zh yg zg yd zd xv sv xs ss xr sr xq xp sp xn sn xm sm xl sl sk xh sh xg sg xf sf xe se xd sd wz rz wy ry wx rx ww rw wv rv wu ru wt rt wq rq wp rp wn rn wm rm wh rh wg rg jy vs js 3 of 4 rwm rwm p4smaj440ca p4smaj440a p4smaj440c p4smaj440 p4smaj400ca p4smaj400a p4smaj400c p4smaj400 p4smaj350ca p4smaj350a p4smaj350c p4smaj350 p4smaj300ca p4smaj300a p4smaj300c p4smaj300 p4smaj250ca P4SMAJ250A p4smaj250c p4smaj250 p4smaj220ca p4smaj220a p4smaj220c p4smaj220 p4smaj200ca p4smaj200a p4smaj200c p4smaj200 p4smaj180ca p4smaj180a p4smaj180c p4smaj180 p4smaj170ca p4smaj170a p4smaj170c p4smaj170 p4smaj160ca p4smaj160a p4smaj160c p4smaj160 p4smaj150ca p4smaj150a p4smaj150c p4smaj150 p4smaj130ca p4smaj130a p4smaj130c p4smaj130 p4smaj120ca p4smaj120a p4smaj120c p4smaj120 p4smaj110ca p4smaj110a p4smaj110c p4smaj110 p4smaj100ca p4smaj100a p4smaj100c p4smaj100 p4smaj91ca p4smaj91a p4smaj91c p4smaj91 p4smaj82ca p4smaj82a p4smaj82c p4smaj82 p4smaj75ca p4smaj75a p4smaj75c p4smaj75 p4smaj68ca p4smaj68a p4smaj68c p4smaj68 p4smaj62ca p4smaj62a p4smaj62c p4smaj62 p4smaj56ca p4smaj56a p4smaj56c p4smaj56 1.0 1.0 1.0 1.0 1.0 70.4 66.4 breakdown reverse stand-off voltage voltage min. @i t breakdown voltage max. @ i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v v (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) 73.8 90.2 1.0 118 3.6 5.0 77.9 86.1 1.0 113 3.7 5.0 73.7 81.9 100 131 3.2 5.0 77.8 86.5 95.5 125 3.4 5.0 81.0 90.0 110 144 2.9 5.0 85.5 95.0 105 137 3.1 5.0 89.2 99.0 121 158 2.7 5.0 94.0 105 116 1.0 152 2.8 5.0 97.2 108 132 1.0 173 2.4 5.0 102 114 126 1.0 165 2.5 5.0 105 117 143 1.0 187 2.2 5.0 111 124 137 1.0 179 2.3 5.0 121 135 165 1.0 215 2.0 5.0 128 143 158 1.0 207 2.0 5.0 130 144 176 1.0 230 1.8 5.0 136 152 168 1.0 219 1.9 5.0 138 153 187 1.0 244 1.7 5.0 145 162 179 1.0 234 1.8 5.0 146 162 198 1.0 258 1.6 5.0 154 171 189 1.0 246 1.7 5.0 162 180 220 1.0 287 1.5 5.0 171 190 210 1.0 274 1.53 5.0 175 198 242 1.0 344 1.16 5.0 185 209 231 1.0 328 1.22 5.0 202 225 275 1.0 360 1.1 5.0 214 237 263 1.0 344 1.16 5.0 243 270 330 1.0 430 0.93 5.0 256 285 315 1.0 414 0.97 5.0 284 315 385 1.0 504 0.79 5.0 300 333 368 1.0 482 0.83 5.0 324 360 440 1.0 574 0.70 5.0 342 380 420 1.0 548 0.73 5.0 356 396 484 1.0 631 0.63 5.0 376 418 462 1.0 602 0.65 5.0 type 1.0 1.0 60.7 58.1 55.1 53.0 50.2 47.8 45.4 50.4 61.6 1.0 80.5 5.2 5.0 53.2 58.8 1.0 77.0 5.5 5.0 55.8 68.2 1.0 89.0 4.7 5.0 58.9 65.1 1.0 85.0 5.0 5.0 61.2 74.8 1.0 98.0 4.3 5.0 64.6 71.4 1.0 92.0 4.6 5.0 67.5 82.5 108 3.9 5.0 64.1 71.3 78.8 103 4.1 5.0 (bi) (uni) (bi) (uni) marking www.sunmate.tw vt jt vu ju vv jv vy vz jz rd wd xk sq
4 of 4 ratings and characteristic curves t a =25c unless otherwise noted www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of P4SMAJ250A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X