Part Number Hot Search : 
AD58004 IRF3415L STIH239 SA3D14 APT100 BFE520 X13139HD 28064
Product Description
Full Text Search
 

To Download NVR-0204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  network video recorder nvr-02 series h/w version: 2 the levelone network video recorder (nvr) is a reliable surveillance system with an easy set up functionality. it enables live recording and playback for up to 4/8/16 network cameras via the local area network (lan) or over the internet simultaneously. this system is compatible with most network cameras (please see compatible list), with no specifc hardware or software requirement. just plug the nvr into the lan connected device (switch or router) and with a few clicks, it will search and confgure each connected network cameras instantly. this high-performing nvr is cost-efective and it ofers a completed monitoring solution. smartphone real-time viewing, video/ schedule recording and playback, di/do for sensor/ alarm and external uninterruptible power supply (ups) for non-stop recording service are all standard feature for the levelone nvr. it also supports up to 5-megapixel resolution and h.264/mjpeg/mpeg4 compression with dual stream monitoring. the levelone nvr is a powerful tool that well suited for small scale applications such as retail store, ofce, bank or home surveillance needs. enhanced multi-server management we aim to ofer you the most versatile and comprehensive surveillance solutions. our free bundled nvr management software coming with the nvr allows you to cascade up to 16 nvr servers located in diferent sites and monitor up to 256 ip cameras simultaneously from a single point of management. thus easing administration tasks while maximizing efciency and performance. key features - 2 x 3.5 inch disk slot (sata i/ii, up to 2 x 3tb) - manage and control up to 4/8/16 network cameras - gigabit ethernet (1000mbps) speeds - compression: h.264/mpeg-4 part 2/mjpeg - resolution: 5-megapixel/3-megapixel/full hd/ megapixel/fd1/cif/qcif - supports smart camera search and 2-way audio - supports ptz/preset point/preset sequence - motion detect and event display on e-map - supports iphone/smartphone/pda remote viewing over the internet - display mode: live view/playback/full screen - supports external ups and di/do - supports 2 video streams simultaneously - free bundled nvr management software for manage up to 16 nvr devices fcs-4041 2-megapixel p/t/z poe plus speed dome outdoor network camera works well with 1. reset button 2. power button 3. buzzer stop button 4. usb port 5. led indicators 6. power connector 7. ethernet 8. rs-232 9. di/do fcs-5051 day/night 2-megapixel poe outdoor network camera 1 2 3 4 5 8 9 6 7 2
www.level1.com i one world_one brand_one level_ network video recorder technical specifcation hardware processor arm9 1.6ghz memory 512mb ddr3 ram hdd capacity sata hdd slot x 2 (sata i or sata ii) max. capacity: 6tb (3tb per hdd) lan port 10/100/1000base-t usb 1 x usb 2.0 for backup device and frmware upgrade buttons power button, reset button, buzzer stop button led indicators power, system, network, hdd, alarm, camera alarm buzzer system warning, event alert digital input/output di x 8 / do x 4 dimensions 220 x 218 x 81 mm weight 2670 g (without hdd) power 100~240v ac, 1.4a power consumption max. 90w operating temperature 5 c ~ 45 c operating humidity 5% ~ 90% (non condensing) approvals ce/fcc camera channels 4 / 8 / 16 supported brands a-mtk / abus / acti / airlive / alinking / arecont vision / avtech / axis / brickcom / canon / cnb / compro / d-link / dynacolor / etrovision / flexwatch / hikvision / hunt / imege / iqinvision / levelone / mobotix / panasonic / pixord / planet / planex / sanyo / sony / toshiba / vivotek / zavio video resolution 5mp / 3mp / 2mp / full hd / megapixel / fd1 / cif / qcif compression h.264 / mpeg-4 / m-jpeg audio codec g.711 / g.726 streaming 2-way audio live viewing display mode live view / playback / full screen split screen NVR-0204 - 1/4 nvr-0208 - 1/4/8 nvr-0216 - 1/4/16, 9/13 full screen NVR-0204 - 1/4 nvr-0208 - 1/4/8 nvr-0216 - 1/4/16, 9/13 ptz support virtual ptz panel / auto pan / preset point / preset sequence / digital ptz sequence mode sequence all / manually selected cameras in 1/4 split view with confgurable timer snapshot 3 continuous snapshots in jpeg format e-map motion detected event display on e-map / google map mobile device live image view through mobile devices web browser support iphone / blackberry / winmobile 6.5 / symbian s60 playback split screen 1/4 seach method time/date, event playback controls play / pause / stop / forward / reverse / speed adjust / frame by frame backup export playback videos to local computer in avi format recording max. frame rate 240 fps (1920 x 1080, h.264) capacity depends on hard disk recording mode manual / continuous / schedule / event scheduling types manual select / profle-based / weekly mode dual stream support diferent video format for recording other than the one used for live view network throughput 80 mbps export file format avi triggers & event system events system start/shutdown, system settings modifed, camera settings modifed, start recycle, disk full camera events motion / sensor detection event actions mail / ftp / record / buzzer event recording pre/post event settings management number of groups 7 (administrator/guest/user defne * 5) privileges live view / playback / system confgurations / camera confgurations / recording confguration / event confguration / maintenance system log alert / event / user access central management support nvr management software to manage up to 16 nvr device. network supported protocols http, smtp, dhcp, arp, ntp, dns, upnp, ftp device network confguration static ip / dhcp (client & server) max. session 48 (live:32, playback:16) general languages english / trad. chinese /simp. chinese / japanese / italian / spanish / portuguese / german / danish / czech / polish / french / russian / slovenian / hungarian / turkish / finnish / dutch / slovenian / greek hardware requirements cpu: intel core 2 duo @ 2.4ghz or higher ram: 1gb or above network: 100 megabit network interface or above software requirements internet explorer 7 or above * please visit http://global.level1.com for the latest product compatibility list. 3
product diagram nvr-02 series order information NVR-0204: 4-ch network video recorder nvr-0208: 8-ch network video recorder nvr-0216: 16-ch network video recorder package contents network video recorder rj-45 ethernet lan cable power cord quick installation guide cd manual/utility v2.0 all mentioned brand names are registered trademarks and property of their owners. technical specifcations are subject to change without notice. ? copyright digital data communications gmbh. all rights reserved. internet gigabit switch remote view camera adsl modem router giga ethernet nvr management software 3g mobile view 4


▲Up To Search▲   

 
Price & Availability of NVR-0204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X