Part Number Hot Search : 
2SK1491 EMICO AT29C020 INFINEON KBU6A A6810EA MBRB2 P00L0
Product Description
Full Text Search
 

To Download MMBT2222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MMBT2222 / MMBT2222a npn silicon epitaxial planar medium power transistor for switching and amplifier applications absolute maximum ratings (t a = 25 o c) value parameter symbol MMBT2222 MMBT2222a unit collector base voltage v cbo 60 75 v collector emitter voltage v ceo 30 40 v emitter base voltage v ebo 5 6 v collector current i c 600 ma total power dissipation p tot 200 mw junction temperature t j 150 o c storage temperature range t s -55 to +150 o c sot-23 plastic package
MMBT2222 / MMBT2222a characteristics at t a = 25 o c parameter symbol min. max. unit dc current gain at v ce = 10 v, i c = 0.1 ma at v ce = 10 v, i c = 1 ma at v ce = 10 v, i c = 10 ma at v ce = 1 v, i c = 150 ma at v ce = 10 v, i c = 150 ma at v ce = 10 v, i c = 500 ma MMBT2222 MMBT2222a h fe h fe h fe h fe h fe h fe h fe 35 50 75 50 100 30 40 - - - - 300 - - - - - - - - - collector base voltage at i c = 10 a MMBT2222 MMBT2222a v cbo 60 75 - - v collector emitter voltage at i c = 10 ma MMBT2222 MMBT2222a v ceo 30 40 - - v emitter base voltage at i e = 10 a MMBT2222 MMBT2222a v ebo 5 6 - - v collector base cutoff current at v cb = 50 v at v cb = 60 v MMBT2222 MMBT2222a i cbo - - 100 100 na emitter base cutoff current at v eb = 3 v i ebo - 100 na collector emitter saturation voltage at i c = 150 ma, i b = 15 ma at i c = 500 ma, i b = 50 ma MMBT2222 MMBT2222a MMBT2222 MMBT2222a v ce(sat) - - - - 0.4 0.3 1.6 1 v base emitter saturation voltage at i c = 150 ma, i b = 15 ma at i c = 500 ma, i b = 50 ma MMBT2222 MMBT2222a MMBT2222 MMBT2222a v be(sat) - 0.6 - - 1.3 1.2 2.6 2 v transition frequency at v ce = 20 v, -i e = 20 ma, f = 100 mhz f t 300 - mhz collector output capacitance at v cb = 10 v, f = 100 khz c ob - 8 pf emitter input capacitance at v eb = 0.5 v, f = 100 khz c ib - 25 pf delay time at v cc = 30 v, v be(off) = 0.5 v, i c = 150 ma, i b1 = 15 ma td - 10 ns rise time at v cc = 30 v, v be(off) = 0.5 v, i c = 150 ma, i b1 = 15 ma tr - 25 ns storage time at v cc = 30 v, i c = 150 ma, i b1 = -i b2 = 15 ma tstg - 225 ns fall time at v cc = 30 v, i c = 150 ma, i b1 = -i b2 = 15 ma tf - 60 ns
MMBT2222 / MMBT2222a
MMBT2222 / MMBT2222a


▲Up To Search▲   

 
Price & Availability of MMBT2222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X