Part Number Hot Search : 
DZ5V1 ADV7181C 90PCB CONTR NJM2283V A473J 220MC BA4558
Product Description
Full Text Search
 

To Download MC74AC113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5-1 fact data   

 the MC74AC113/74act1 13 consists of two high-speed completely independent transition clocked jk flip-flops. the clocking operation is independent of rise and fall times of the clock waveform. the jk design allows operation as a d flip-flop (refer to mc74ac74/74act74 data sheet) by connecting the j and k inputs together. asynchronous inputs: low input to s d (set) sets q to high level set is independent of clock ? outputs source/sink 24 ma ? act113 has ttl compatible inputs 11 12 v cc cp 1 k 1 j 1 s d1 q 1 q 1 cp 2 k 2 j 2 s d2 q 2 q 2 cp q gnd s d connection diagram 1 2 3 4 5 6 7 8 9 10 13 14 q cp q s d q k j j k mode select e truth table operating mode inputs outputs operating mode s d j k q q set l x x h l toggle h h h q q load a0o (reset) h l h l h load a1o (set) h h l h l hold h l l q q h, h = high voltage level l, l = low voltage level x = don't care l, h (q) = lower case letters indicate the state of the referenced input (or output) one set-up time prior to the high to low clock transition.   dual jk negative edge-triggered flip-flop n suffix case 646-06 plastic d suffix case 751a-03 plastic logic symbol s d q j cp q v cc = pin 14 gnd = pin 7 k 3 1 2 4 5 6 s d q j cp q k 11 13 12 10 9 8
MC74AC113 mc74act113 5-2 fact data q logic diagram (each flip-flop) j q set (s d ) k 6(8) 4(10) 2(12) clock (cp ) 1(13) 3(11) 5(9) maximum ratings* symbol parameter value unit v cc dc supply voltage (referenced to gnd) 0.5 to +7.0 v v in dc input voltage (referenced to gnd) 0.5 to v cc +0.5 v v out dc output voltage (referenced to gnd) 0.5 to v cc +0.5 v i in dc input current, per pin 20 ma i out dc output sink/source current, per pin 50 ma i cc dc v cc or gnd current per output pin 50 ma t stg storage temperature 65 to +150 c * maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the recommended operating conditions. recommended operating conditions symbol parameter min typ max unit v cc supply voltage ac 2.0 5.0 6.0 v v cc supply voltage act 4.5 5.0 5.5 v v in , v out dc input voltage, output voltage (ref. to gnd) 0 v cc v t r , t f input rise and fall time (note 1) ac devices except schmitt inputs v cc @ 3.0 v 150 t r , t f input rise and fall time (note 1) ac devices except schmitt inputs v cc @ 4.5 v 40 ns/v r , t f ac devices except schmitt inputs v cc @ 5.5 v 25 t r , t f input rise and fall time (note 2) act devices except schmitt inputs v cc @ 4.5 v 10 ns/v t r , t f input rise and fall time (note 2) act devices except schmitt inputs v cc @ 5.5 v 8.0 ns/v t j junction temperature (pdip) 140 c t a operating ambient temperature range 40 25 85 c i oh output current e high 24 ma i ol output current e low 24 ma 1. v in from 30% to 70% v cc ; see individual data sheets for devices that dif fer from the typical input rise and fall times. 2. v in from 0.8 v to 2.0 v ; see individual data sheets for devices that dif fer from the typical input rise and fall times.
MC74AC113 mc74act113 5-3 fact data dc characteristics symbol parameter v cc (v) 74ac 74ac unit conditions symbol parameter v cc (v) t a = +25 c t a = 40 c to +85 c unit conditions typ guaranteed limits v ih minimum high level input voltage 3.0 1.5 2.1 2.1 v out = 0.1 v input voltage 4.5 2.25 3.15 3.15 v or v cc 0.1 v 5.5 2.75 3.85 3.85 v il maximum low level input voltage 3.0 1.5 0.9 0.9 v out = 0.1 v input voltage 4.5 2.25 1.35 1.35 v or v cc 0.1 v 5.5 2.75 1.65 1.65 v oh minimum high level output voltage 3.0 2.99 2.9 2.9 i out = 50 m a output voltage 4.5 4.49 4.4 4.4 v 5.5 5.49 5.4 5.4 v *v in = v il or v ih 3.0 2.56 2.46 v 12 ma 4.5 3.86 3.76 v i oh 24 ma 5.5 4.86 4.76 24 ma v ol maximum low level output voltage 3.0 0.002 0.1 0.1 i out = 50 m a output voltage 4.5 0.001 0.1 0.1 v 5.5 0.001 0.1 0.1 v *v in = v il or v ih 3.0 0.36 0.44 v 12 ma 4.5 0.36 0.44 v i ol 24 ma 5.5 0.36 0.44 24 ma i in maximum input leakage current 5.5 0.1 1.0 m a v i = v cc , gnd leakage current 5.5 0.1 1.0 m a v i = v cc , gnd i old 2minimum dynamic output current 5.5 75 ma v old = 1.65 v max i ohd output current 5.5 75 ma v ohd = 3.85 v min i cc maximum quiescent supply current 5.5 4.0 40 m a v in = v cc or gnd supply current 5.5 4.0 40 m a v in = v cc or gnd * all outputs loaded; thresholds on input associated with output under test. 2 maximum test duration 2.0 ms, one output loaded at a time. note: i in and i cc @ 3.0 v are guaranteed to be less than or equal to the respective limit @ 5.5 v v cc . ac characteristics (for figures and waveforms e see section 3) symbol parameter v cc * (v) 74ac 74ac unit fig. no. symbol parameter v cc * (v) t a = +25 c c l = 50 pf t a = 40 c to +85 c c l = 50 pf unit fig. no. min typ max min max f max maximum clock frequency 3.3 145 125 mhz 3-3 f max frequency 5.0 145 125 mhz 3-3 t plh propagation delay cp n to q n or q n 3.3 1.0 1.0 14.5 1.0 1.0 16.0 ns 3-6 t plh cp n to q n or q n 5.0 1.0 12.0 1.0 13.0 ns 3-6 t phl propagation delay cp n to q n or q n 3.3 1.0 1.0 14.5 1.0 1.0 15.5 ns 3-6 t phl cp n to q n or q n 5.0 1.0 12.5 1.0 13.0 ns 3-6 t plh propagation delay s dn to q n 3.3 1.0 1.0 10.0 1.0 1.0 11.0 ns 3-6 t plh s dn to q n 5.0 1.0 9.0 1.0 9.5 ns 3-6 t phl propagation delay s dn to q n 3.3 1.0 1.0 13.0 1.0 1.0 14.0 ns 3-6 t phl s dn to q n 5.0 1.0 11.0 1.0 11.5 ns 3-6 * voltage range 3.3 v is 3.3 v 0.3 v. v oltage range 5.0 v is 5.0 v 0.5 v.
MC74AC113 mc74act113 5-4 fact data ac operating requirements symbol parameter v cc * (v) 74ac 74ac unit fig. no. symbol parameter v cc * (v) t a = +25 c c l = 50 pf t a = 40 c to +85 c c l = 50 pf unit fig. no. typ guaranteed minimum t s set-up time, high or low 3.3 6.5 7.5 ns 3-9 t s j n or k n to cp n 5.0 4.5 5.0 ns 3-9 t h hold time, high or low 3.3 0 0 ns 3-9 t h j n or k n to cp n 5.0 0 0 ns 3-9 t w pulse width 3.3 5.0 5.5 ns 3-6 t w clock 5.0 4.0 4.5 ns 3-6 t w pulse width 3.3 5.5 6.0 ns 3-6 t w s dn 5.0 5.0 5.5 ns 3-6 t rec recovery time 3.3 0 0 ns 3-9 t rec s dn to cp 5.0 0 0 ns 3-9 * voltage range 3.3 v is 3.3 v 0.3 v. v oltage range 5.0 v is 5.0 v 0.5 v. dc characteristics symbol parameter v cc (v) 74act 74act unit conditions symbol parameter v cc (v) t a = +25 c t a = 40 c to +85 c unit conditions typ guaranteed limits v ih minimum high level input voltage 4.5 1.5 2.0 2.0 v v out = 0.1 v input voltage 5.5 1.5 2.0 2.0 v or v cc 0.1 v v il maximum low level input voltage 4.5 1.5 0.8 0.8 v v out = 0.1 v input voltage 5.5 1.5 0.8 0.8 v or v cc 0.1 v v oh minimum high level output voltage 4.5 4.49 4.4 4.4 v i out = 50 m a output voltage 5.5 5.49 5.4 5.4 v *v in = v il or v ih 4.5 3.86 3.76 v i oh 24 ma 5.5 4.86 4.76 i oh 24 ma v ol maximum low level output voltage 4.5 0.001 0.1 0.1 v i out = 50 m a output voltage 5.5 0.001 0.1 0.1 v *v in = v il or v ih 4.5 0.36 0.44 v i ol 24 ma 5.5 0.36 0.44 i ol 24 ma i in maximum input leakage current 5.5 0.1 1.0 m a v i = v cc , gnd leakage current 5.5 0.1 1.0 m a v i = v cc , gnd d i cct additional max. i cc /input 5.5 0.6 1.5 ma v i = v cc 2.1 v i old 2minimum dynamic output current 5.5 75 ma v old = 1.65 v max i ohd output current 5.5 75 ma v ohd = 3.85 v min i cc maximum quiescent supply current 5.5 4.0 40 m a v in = v cc or gnd supply current 5.5 4.0 40 m a v in = v cc or gnd * all outputs loaded; thresholds on input associated with output under test. 2 maximum test duration 2.0 ms, one output loaded at a time.
MC74AC113 mc74act113 5-5 fact data ac characteristics (for figures and waveforms e see section 3) symbol parameter v cc * (v) 74act 74act unit fig. no. symbol parameter v cc * (v) t a = +25 c c l = 50 pf t a = 40 c to +85 c c l = 50 pf unit fig. no. min typ max min max f max maximum clock frequency 5.0 145 125 mhz 3-3 f max frequency 5.0 145 125 mhz 3-3 t plh propagation delay cp n to q n or q n 5.0 1.0 14.0 1.0 15.5 ns 3-6 t plh cp n to q n or q n 5.0 1.0 14.0 1.0 15.5 ns 3-6 t phl propagation delay cp n to q n or q n 5.0 1.0 13.5 1.0 15.0 ns 3-6 t phl cp n to q n or q n 5.0 1.0 13.5 1.0 15.0 ns 3-6 t plh propagation delay s dn to q n 5.0 1.0 11.5 1.0 12.5 ns 3-6 t plh s dn to q n 5.0 1.0 11.5 1.0 12.5 ns 3-6 t phl propagation delay s dn to q n 5.0 1.0 13.0 1.0 14.0 ns 3-6 t phl s dn to q n 5.0 1.0 13.0 1.0 14.0 ns 3-6 * voltage range 5.0 v is 5.0 v 0.5 v. ac operating requirements symbol parameter v cc * (v) 74act 74act unit fig. no. symbol parameter v cc * (v) t a = +25 c c l = 50 pf t a = 40 c to +85 c c l = 50 pf unit fig. no. typ guaranteed minimum t s set-up time, high or low 5.0 2.0 2.5 ns 3-9 t s j n or k n to cp n 5.0 2.0 2.5 ns 3-9 t h hold time, high or low 5.0 2.0 2.0 ns 3-9 t h j n or k n to cp n 5.0 2.0 2.0 ns 3-9 t w pulse width 5.0 5.0 6.0 ns 3-6 t w clock 5.0 5.0 6.0 ns 3-6 t w pulse width 5.0 5.5 6.0 ns 3-6 t w s dn 5.0 5.5 6.0 ns 3-6 t rec recovery time 5.0 0 0 ns 3-9 t rec s dn to cp 5.0 0 0 ns 3-9 * v oltage range 5.0 v is 5.0 v 0.5 v. capacitance symbol parameter value typ unit test conditions c in input capacitance 4.5 pf v cc = 5.0 v c pd power dissipation capacitance 35 pf v cc = 5.0 v
MC74AC113 mc74act113 5-6 fact data outline dimensions n suffix plastic dip package case 64606 issue l notes: 1. leads within 0.13 (0.005) radius of true position at seating plane at maximum material condition. 2. dimension l to center of leads when formed parallel. 3. dimension b does not include mold flash. 4. rounded corners optional. 1 7 14 8 b a f h g d k c n l j m seating plane dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l 0.300 bsc 7.62 bsc m 0 10 0 10 n 0.015 0.039 0.39 1.01     d suffix plastic soic package case 751a03 issue f notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t t f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019     how to reach us: usa/europe : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, toshikatsu otsuki, p.o. box 20912; phoenix, arizona 85036. 18004412447 6f seibubutsuryucenter, 3142 tatsumi kotoku, tokyo 135, japan. 0335218315 mfax : rmf ax0@email.sps.mot.com touchtone (602) 2446609 hong kong : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok road, tai po, n.t., hong kong. 85226629298 motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty , representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability , including without limitation consequential or incidental damages. at ypicalo parameters can and do vary in dif ferent applications. all operating parameters, including at ypicalso must be validated for each customer application by customer ' s technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur . should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly , any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/af firmative action employer . MC74AC113/d 
  ?


▲Up To Search▲   

 
Price & Availability of MC74AC113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X