Part Number Hot Search : 
2600ET SD101A 180MW 180MW B20200 N5401 A5800605 TCSS221
Product Description
Full Text Search
 

To Download L99-C197-20000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet ret control cable (halogen free) l99-c197-xxx rosenberger hochfrequenztechnik gmbh & co. kg tel.: +49 8684 18-0 fax: +49 8684 18-499 www.rosenberger.de email : info@rosenberger.de rosenberger technology (kunshan) co., ltd. tel.: +86 512 86896789 fax: +86 512 86890666 www.rosenbergerap.com email: info@rosenbergerap.com page 1 / 2 qp - tq4te - 067 / 2 .0 brw-ds-s-0 404 main features aisg 2.0 compliant ret control cable feeds data & dc power to ret components rohs compliant halogen free electrical data protocol 3gpp/aisg 2.0/aisg 1.1 voltage, rated 300 v environmental data operating temperature range -40 c to +70 c | -40 f to +158 f relative humidity 5% - 95% weather protection ip67 flammability ul94-v0 mechanical data aisg connector a 8-pin din female aisg connector b 8-pin din male braid coverage coverage rate 85 % data conductor type 0.32 mm 2 (24 awg) twisted pair data conductors, quantity 2 power conductor type 0.75 mm 2 (20 awg) stranded power conductors, quantity 4 total conductors, quantity 6 shield material aluminum jacket material lszh(anti-uv) color black diameter over jacket 8.00 mm
technical data sheet ret control cable (halogen free) l99-c197-xxx rosenberger hochfrequenztechnik gmbh & co. kg tel.: +49 8684 18-0 fax: +49 8684 18-499 www.rosenberger.de email : info@rosenberger.de rosenberger technology (kunshan) co., ltd. tel.: +86 512 86896789 fax: +86 512 86890666 www.rosenbergerap.com email: info@rosenbergerap.com page 2 / 2 qp -tq4te -067 / 2.0 brw-ds-s-0 404 part numbers of cables part number length l99-c197-500 0.5 m l99-c197-1000 1 m l99-c197-2000 2 m l99-c197-3000 3 m l99-c197-5000 5 m l99-c197-10000 10 m L99-C197-20000 20 m l99-c197-30000 30 m l99-c197-40000 40 m l99-c197-50000 50 m pin assignments: 1. +12 v dc nominal 2. not connected 3. rs485 b 4. rs485 gnd 5. rs485 a 6. +24 v dc nominal 7. dc return 8. not connected draft dat e checker approv ed date rev. engineering change number name date hai chen 18/06/15 j.gramsamer 02.12.15 100 15-0005 hai chen 20/11/15 while the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on our part and no statement herein shall be construed as recommendation to infringe existing patents. in the effort to improve our products, we reserve the right to make changes judged to be necessary. female male


▲Up To Search▲   

 
Price & Availability of L99-C197-20000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X