Part Number Hot Search : 
1N6082B 0V8X20 2SC35 TLP836 WE9140J ER108G 2446U H78G1
Product Description
Full Text Search
 

To Download IRF6218SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? IRF6218SPBF v dss r ds(on) (max) i d - 150v 150m ?? @ v gs = -10v ? -27a 1 2016-5-26 absolute maximum ratings symbol parameter max. units v ds drain-to-source voltage -150 v v gs gate-to-source voltage 20 i d @ t c = 25c continuous drain current, v gs @ 10v - 27 ? i d @ t c = 100c continuous drain current, v gs @ 10v -19 a i dm pulsed drain current ? - 110 ? p d @t c = 25c maximum power dissipation 250 w linear derating factor 1.6 w/c dv/dt peak diode recovery dv/dt ? 8.2 v/ns t j operating junction and -55 to + 175 ? t stg storage temperature range c ? soldering temperature, for 10 seconds (1.6mm from case) 300 ? d2 pak IRF6218SPBF g d s gate drain source applications ? reset switch for active clamp reset dc-dc converters s d g base part number package type standard pack orderable part number form quantity IRF6218SPBF tube 50 IRF6218SPBF tape and reel left 800 irf6218strlpbf d2-pak smps mosfet hexfet ? power mosfet benefits ? low gate to drain charge to reduce switching losses ? fully characterized capa citance including effective c oss to simplify design (see app. note an1001) ? fully characterized avalanche voltage and current ? lead-free thermal resistance ? symbol parameter typ. max. units r ? jc junction-to-case ? ??? 0.61 c/w r ? ja junction-to-ambient ( pcb mount, steady state) ? ??? 40 notes ? through ? are on page 2
? IRF6218SPBF 2 2016-5-26 notes: ? ? repetitive rating; pulse width limited by max. junction temperature. ? starting t j = 25c, l = 1.6mh, r g = 25 ? , i as = -17a ? i sd ?? -17a, di/dt ?? -520a/s, v dd ?? v (br)dss , t j ? 175c. ? pulse width ?? 300s; duty cycle ? 2%. ? r ? is measured at t j of approximately 90c. ? when mounted on 1" square pcb ( fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994. static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage -150 ??? ??? v v gs = 0v, i d = -250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? -0.17 ??? v/c reference to 25c, i d = -1ma r ds(on) static drain-to-source on-resistance ??? 120 150 m ???? v gs = -10v, i d = -16a ? v gs(th) gate threshold voltage -3.0 ??? - 5.0 v v ds = v gs , i d = -250a i dss drain-to-source leakage current ??? ??? -25 a v ds = -120v, v gs = 0v ??? ??? -250 v ds = -120v,v gs = 0v,t j = 150c i gss gate-to-source forwar d leakage ??? ??? -100 na v gs = -20v gate-to-source reverse leakage ??? ??? 100 v gs = 20v diode characteristics ? parameter min. typ. max. units conditions i s continuous source current ??? ??? -27 a mosfet symbol (body diode) showing the i sm pulsed source current ??? ??? -110 integral reverse (body diode) ??? p-n junction diode. v sd diode forward voltage ??? ??? -1.6 v t j = 25c,i s = -16a,v gs = 0v ?? t rr reverse recovery time ??? 150 ??? ns t j = 25c ,i f = -16a, v dd = -25v q rr reverse recovery charge ??? 860 ??? nc di/dt = 100a/s ??? dynamic @ t j = 25c (unless otherwise specified) gfs forward trans conductance 11 ??? ??? s q g total gate charge ??? 71 110 ? i d = -16a q gs gate-to-source charge ??? 21 ??? nc ? v ds = -120v q gd gate-to-drain (?miller? ) charge ??? 32 ??? ? v gs = -10v ? t d(on) turn-on delay time ??? 21 ??? ns v dd = -75v t r rise time ??? 70 ??? i d = -16a t d(off) turn-off delay time ??? 35 ??? r g = 3.9 ?? t f fall time ??? 30 ??? v gs = -10v ? c iss input capacitance ??? 2210 ??? pf ? v gs = 0v c oss output capacitance ??? 370 ??? v ds = -25v c rss reverse transfer capacitance ??? 89 ??? ? = 1.0mhz v ds = -50v, i d = -16a c oss output capacitance ??? 2220 ??? v gs = 0v, v ds = -1.0v, ? = 1.0mhz c oss eff. effective output capacitance ??? 340 ??? v gs = 0v, v ds = 0v to -120v c oss output capacitance ??? 170 ??? v gs = 0v, v ds = -120v, ? = 1.0mhz avalanche characteristics parameter typ. max. units e as single pulse avalanche energy ? ??? 210 mj i ar avalanche current ? ??? -16 a
? IRF6218SPBF 3 2016-5-26 fig. 2 typical output characteristics fig. 3 typical transfer characteristics fig. 4 normalized on-resistance vs. temperature fig. 1 typical output characteristics 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 1000 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top -15v -10v -8.0v -7.0v -6.0v -5.5v -5.0v bottom -4.5v ? 60s pulse width tj = 25c -4.5v 0.1 1 10 100 -v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) -4.5v ? 60s pulse width tj = 175c vgs top -15v -10v -8.0v -7.0v -6.0v -5.5v -5.0v bottom -4.5v 2 4 6 8 10 12 -v gs , gate-to-source voltage (v) 1.0 10 100 - i d , d r a i n - t o - s o u r c e c u r r e n t ? ? ) t j = 25c t j = 175c v ds = 50v ? 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.5 1.0 1.5 2.0 2.5 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = -27a v gs = -10v
? IRF6218SPBF 4 2016-5-26 fig 5. typical capacitance vs. drain-to-source voltage ? fig 8. maximum safe operating area fig. 7 typical source-to-drain diode forward voltage fig 6. typical gate charge vs. gate-to-source voltage 1 10 100 -v ds , drain-to-source voltage (v) 10 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 1020304050607080 q g total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 - v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 120v v ds = 75v v ds = 30v i d = -16a 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 -v sd , source-to-drain voltage (v) 0.10 1.00 10.00 100.00 1000.00 - i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 1 10 100 1000 -v ds , drain-to-source voltage (v) 1 10 100 1000 - i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 1msec 10msec operation in this area limited by r ds (on) 100sec tc = 25c tj = 175c single pulse
? IRF6218SPBF 5 2016-5-26 fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit fig 10b. switching time waveforms 25 50 75 100 125 150 175 t c , case temperature (c) 0 5 10 15 20 25 30 - i d , d r a i n c u r r e n t ( a ) 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc ri (c/w) ? i (sec) ? 0.206 0.001867 0.140 0.013518 0.264 0.000285 ? j ? j ? 1 ? 1 ? 2 ? 2 ? 3 ? 3 r 1 r 1 r 2 r 2 r 3 r 3 ? c ? c ci= ? i ? ri ci= ? i ? ri
? IRF6218SPBF 6 2016-5-26 0 20406080 -i d , drain current (a) 100 150 200 250 300 350 400 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) v gs = -10v fig 12. on-resistance vs. drain current 4 5 6 7 8 9 10 11 12 -v gs, gate -to -source voltage (v) 0 100 200 300 400 500 600 700 800 900 1000 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) i d = -27a fig 13. on-resistance vs. gate voltage fig 14a&b. basic gate charge test circuit and waveform fig 15a&b. unclamped inductive test circuit and waveforms 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 100 200 300 400 500 600 700 800 900 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top -4.6a -6.3a bottom - 16a fig 15c. maximum avalanche energy vs. drain current
? IRF6218SPBF 7 2016-5-26 ? note: for the most current drawing please refer to infineon?s web site www.infineon.com d2-pak (to-263ab) part marking information d2-pak (to-263ab) package outline (dimensions are shown in millimeters (inches)) date code year 0 = 2000 week 02 a = assembly site code rectifier international part number p = designates lead - free product (optional) f530s in the assembly line "l" assembled on ww 02, 2000 this is an irf530s with lot code 8024 international logo rectifier lot code assembly year 0 = 2000 part number date code line l week 02 or f530s logo assembly lot code
? IRF6218SPBF 8 2016-5-26 d2-pak (to-263ab) tape & reel information (dimensions are shown in millimeters (inches)) note: for the most current drawing please refer to infineon?s web site www.infineon.com 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge.
? IRF6218SPBF 9 2016-5-26 ? revision history date comments 3/25/2015 ?? updated datasheet based on ir corporate template. ?? updated package outline and part marking on page 7. ?? removed to-262 pak (irf6218lpbf) from datasheet-all pages 5/26/2016 ?? updated datasheet with corporate template. ?? added disclaimer on last page. qualification information ? ? qualification level ? industrial (per jedec jesd47f) ?? moisture sensitivity level ? d2-pak msl1 (per jedec j-std-020d) ?? rohs compliant yes ? qualification standards can be found at in neon?s ? web ? site? www.in neon.com ?? applicable version of jedec standar d at the time of product release. trademarks ? of ? in neon ? technologies ? ag ? hvic?, ? ipm?, ? pfc?, ? au \ convertir?, ? aurix?, ? c166?, ? canpak?, ? cipos?, ? cipurse?, ? cooldp?, ? coolgan?, ? coolir?, ? coolmos?, ? coolset?, ? coolsic?, ? dave?, ? di \ pol?, ? directfet?, ? drblade?, ? easypim?, ? econobridge?, ? econodual?, ? econopack?, ? econopim?, ? eicedriver?, ? eupec?, ? fcos?, ? ganpowir?, ? hexfet?, ? hitfet?, ? hybridpack?, ? imotion?, ? iram?, ? isoface?, ? isopack?, ? ledrivir?, ? litix?, ? mipaq?, ? modstack?, ? my\ d?, ? novalithic?, ? optiga?, ? op mos?, ? origa?, ? powiraudio?, ? powirstage?, ? primepack?, ? pr imestack?, ? profet?, ? pro \ sil?, ? rasic?, ? real3?, ? smar tlewis ?, ? solid ? flash?, ? spoc?, ? strongirfet?, ? supirbuck?, ? tempfet?,? trenchstop?, ? tricore?, ? uhvic?, ? xhp?, ? xmc? ? ? trademarks ? updated ? november ? 2015 ? ? other ?trademarks ? all ? referenced ? product ? or ? service ? names ? and ? trademarks ? are ? the ? property ? of ? their ? respec ve ? owners. ? ?edi on ? 2016 \ 04 \ 19? published ? by ? in neon ?technologies ?ag ? 81726 ? munich, ? germany ? ?? ? ? 2016 ?in neon ? technologies ?ag.? all ?rights ? reserved. ? ?? do ?you ? have ?a ? ques on ? about ?this ? document? ? email: ? erratum@in neon.com ? ? document ? reference ? ifx1 ? important ? notice ? the ? informa on ?given ?in ?this ?document ?shall ?in ? no ? event ?be ? reg a rd ed ?as ?a ?guarantee ?of ? condi ons ? or ? characteris cs ?? (?bescha ? enheitsgaran e?) ?. ? ?? with ? respect ? to ? any ? examples, ? hints ? or ? any ? typical ? values ? stated ? herein ? and/or ? any ? informa on ? regarding ? the ? applica on ? of ? the ? product, ? in neon ? technologies ? hereby ? disclaims ? any ? and? all ? warran es ? and ? liabili es ? of ? any ? kind, ? including ? without ? lim ita on ? war ran es ? of ? non \ infringement ? of ? intellectual ?property ? rights ?of ?any ? third ?party. ? ?? in ? addi on, ? any ? informa on ? given? in ? this ? document ? is ? subject ? to ? customer?s ? compliance ? with ? its ? obliga ons ? stated ? in ? this ? document ? and? any ? applicable ? legal ? requirements, ? norms ? and ? standards? conce r n ing ? customer?s ? products ? and ? any ? use ? of ? the ? product ? of ? in neon ? technologies ? in ? customer?s ? applica ons. ? ?? the ? data ? contained ? in ? this ? document ? is ? exclusively ? intended ? for ? technically ? trained ? sta? . ? it ? is ? the ? responsibility ?of ? customer?s ? technical ? departments ? to ? evaluate ? the ? suitability ? of ? the ? product ? for ? the ? intended ? applic a on ? and ? the ? completeness ? of ? the ? product ? informa on ? given? in ? this ? document ? with ? respect ?to ?such ? applicaon. ? ?? for ? further ? informa on ? on ? the ? product, ? technology, ? delivery ? terms ? and ? condi ons ? and ? prices ? please ? contact ? your ? nearest ? in neon ? technologies ? o ? ce? ( www.in neon.com ). ? ? ?please ? note ? that ? this ? product ? is ? not ? quali ed ? accordi n g ? to ? the ? ae c ? q100 ? or ? aec ? q101 ? documents ? of ?the ?automo ve ? electronics ? council. ?? warnings ? ?due ? to ? technical ? requirements ? products ? may ? contain ? dangerous ? substances. ? for ? informa on ? on ? the ? types ? in ? ques on ? please ? contact ? your ? nearest ? in neon ? technologies?o ? ce . ?? ? except ? as ? otherwise ? explic itly ? approved ? by ? in neon ? technologies ? in ? a ? wri en ? do cument ? signed ? by ? authorized ? representa ves? of ? in neon ? technologies, ? in neon ? technologies? ? products ? may ? not ? be ? used ? in ? any ? applica ons ? where ? a ? failure ? of ? the ? product ? or ? any ? consequences ? of ? the ? use ? thereof ? can ? reasonably ? be ?expected ?to ?re sult ? in ? personal ? injury. ?? ?? ?? ??


▲Up To Search▲   

 
Price & Availability of IRF6218SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X