Part Number Hot Search : 
SP800LEP 24LC04 C1660 TMK316B 3204U FCW100 M32F3 TC75S
Product Description
Full Text Search
 

To Download ES45C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente ES45C 4.0 amp ,600v surface mount silicon fast recovery rectifiers 11-aug-2014 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen-free and rohs co mpliant features  surface mount device  high surge current capability  low reverse current  component in accordance to rohs 2002/95/ec mechanical data  cases: smc  case material: molded plastic. ul flammability classification rating 94v-0  terminals: lead free plating(tin finish) solderable per mil-std-202, method 208  mounting position: any  polarity: color band denotes cathode package information package mpq leader size smc 3k 13 inch maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum repetitive peak reverse voltage v rrm 600 v maximum peak reverse voltage v rwm 420 v maximum dc blocking voltage v dc 600 v maximum average forward rectified current@ t a =75c i f 4 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 150 a i f =4a 1.28 maximum instantaneous forward voltage i f =3a v f 1.25 v t j =25c 10 maximum dc reverse current at rated dc blocking voltage t j =150c i r 250 a maximum reverse recovery time 1 trr 50 ns storage and operating temperature range t stg , t j -65~175 c notes: 1. measured with i f =0.5a, i r =1a, irr=0.25a. smc a b e g d f c h millimeter millimeter ref. min. max. ref. min. max. a 2.750 3.250 e - 0.203 b 6.520 7.110 f 7.640 8.130 c 5.50 6.220 g 0.750 1.520 d 1.980 2.620 h 0.150 0.305
elektronische bauelemente ES45C 4.0 amp ,600v surface mount silicon fast recovery rectifiers 11-aug-2014 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of ES45C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X