Part Number Hot Search : 
LM2931 AAT3697 PRMA4 NLAS6234 31304 5216165 4738A 0E0DE
Product Description
Full Text Search
 

To Download D1213A-04SO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  D1213A-04SO document number: ds32144 rev. 12 - 2 1 of 5 www.diodes.com october 2012 ? diodes incorporated D1213A-04SO new product 4 channel low capacitance tvs diode array features ? iec 61000-4-2 (esd): air ? 15kv, contact ? 8kv ? 4 channels of esd protection ? low channel input capacitance of 0.85pf typical ? typically used at high speed ports such as usb 2.0, ieee1394, serial ata, dvi, hdmi, pci ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot26 ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin finish annealed over copper leadframe (lead free plating). solderable per mil-std-202, method 208 ? weight: 0.016 grams (approximate) ordering information (note 4) part number case packaging D1213A-04SO-7 sot26 3000/tape & reel notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. ? 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com. marking information date code key year 2012 2013 2014 2015 2016 2017 code z a b c d e month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d top view device schematic ch 4 ch 1 ch 3 ch 2 v p v n 12 3 65 4 tv4 = product type marking code ym = date code marking y = year (ex: z = 2012) m = month (ex: 9 = september) tv4 ym sot26
D1213A-04SO document number: ds32144 rev. 12 - 2 2 of 5 www.diodes.com october 2012 ? diodes incorporated D1213A-04SO new product maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit conditions operating supply voltage v p - v n 6.0 v - dc voltage at any channel input - (v n ? 0.5) to (v p + 0.5) v - peak pulse current i pp 5 a 8/20 s, per figure 3 esd protection ? contact discharge v esd_contac t 8 kv standard iec 61000-4-2 esd protection ? air discharge v esd_ai r 15 kv standard iec 61000-4-2 thermal characteristics characteristic symbol value unit power dissipation (note 5) p d 300 mw thermal resistance, junction to ambient (note 5) r ja 417 c/w operating and storage temperature range t j , t stg -65 to +150 c electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test conditions operating supply voltage v p ? 3.3 5.5 v ? operating supply current (note 6) i p ? ? 8.0 a (v p ? v n ) = 3.3v channel leakage current (note 6) i r ? 0.1 1.0 a v p = 5v, v n = 0v reverse breakdown voltage v br 6.0 ? ? v i r = 1ma clamping voltage, positive transients v cl1 ? 10.0 ? v i pp = 1a (note 7) clamping voltage, negative transients v cl2 ? -1.7 ? v i pp = -1a (note 7) forward voltage for top diode v fd1 0.60 0.80 0.95 v i f = 8ma, any channel to v p forward voltage for bottom diode v fd2 0.60 0.80 0.95 v i f = 8ma, v n to and channel dynamic resistance r dyn ? 0.9 ? ? i pp = 1a (note 7) channel input capacitance c t ? 0.85 1.2 pf v in = 1.65v, v p = 3.3v, v n = 0v, f = 1mhz notes: 5. device mounted on fr-4 pcb pad layout (2oz copper) as shown on diodes, inc. suggeste d pad layout ap02001, which can b e found on our website at http://www.diodes.com. 6. short duration pulse test used to minimize self-heating effect. 7. clamping voltage value is based on an 8x20 s peak pulse current (i pp ) waveform. 8. measured from any channel to v n 9. measured from v p to v n . 10. for information on the impact of diodes' usb 2.0 compatible esd protectors on signal integrity including eye diagram plots, please refer to an77 at the following url: http://www .diodes.com/destool s/appnote_dnote.html.
D1213A-04SO document number: ds32144 rev. 12 - 2 3 of 5 www.diodes.com october 2012 ? diodes incorporated D1213A-04SO new product 01 2 5 1 7 5 300 50 200 0 t , ambient temperature ( c) figure 1 power derating curve a p , p o we r dissi p a t i o n (mw) d 25 100 50 75 150 250 note 5 100 150 0 25 50 75 100 125 150 175 200 100 75 50 25 0 t , ambient temperature (c) figure 2 pulse derating curve a p eak p u lse de r a t in g in % o f peak power or current 0 t, time ( s) figure 3 pulse waveform 20 40 60 100 50 0 i , peak pulse current (%i ) pp p p 0.001 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 0.01 0.1 1 10 100 1,000 figure 4 typical forward characteristics v , instantaneous forward voltage (v) f i , instantaneous forward current (ma) f t = 25c a t = -55c a t = 85c a t = 125c a t = 150c a note 9 10,000 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 1,000 100 10 1 figure 5 typical reverse characteristics v , instantaneous reverse voltage (v) r i , instantaneous reverse current (na) r t = 25c a t = -55c a t = 85c a t = 125c a t = 150c a note 9 0 0.5 1.0 1.5 2.0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 v , reverse voltage (v) figure 6 typical total capacitance vs. reverse voltage r c , t o t al c a p a c i t an c e (pf) t f = 1mhz note 8
D1213A-04SO document number: ds32144 rev. 12 - 2 4 of 5 www.diodes.com october 2012 ? diodes incorporated D1213A-04SO new product package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot26 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ? ? 0.95 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 0 8 ? all dimensions in mm dimensions value (in mm) z 3.20 g 1.60 x 0.55 y 0.80 c1 2.40 c2 0.95 a m j l d b c h k x z y c1 c2 c2 g
D1213A-04SO document number: ds32144 rev. 12 - 2 5 of 5 www.diodes.com october 2012 ? diodes incorporated D1213A-04SO new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of D1213A-04SO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X