Part Number Hot Search : 
4AHC1 9B5DG IRFP450 SDZ18VD 225AC IRFP450 IRFP450 PS9121
Product Description
Full Text Search
 

To Download CLL130-0102A5-65CM1B3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  and are trademarks or registered trademarks of citizen holdings co., ltd. japan. is a trademark or a registered trademark of citizen electronics co., ltd. japan. data sheet CLL130-0102A5-65CM1B3 ref.ce-p2051 05/12
1/13 1. scope of application these specifications are applied to the chip type led lamp , model CLL130-0102A5-65CM1B3 2. part code CLL130-0102A5-65CM1B3 [1]series cll : led for general lighting [2]outline dimensions 130 : 2.0(l) x 1.6(w) x 0.75(h) [3]dies in series quantity 01 : 1 [4]dies in parallel quantity 02 : 2 [5]correlated color temperature 65 : 6500k [6]chromaticity range c : low watt ce chromaticity range [7]cri m1 : ra min 80 type symbol citiled CLL130-0102A5-65CM1B3 data sheet name citizen electronics co.,ltd. japan [1] [2] [3] [4] [5] [6] [7] ref.ce-p2051 05/12
2/13 3. outline drawing 4. performance ( 1 ) absolute maximum rating unit power dissipation mw forward current ma forward pulse current ma *1 reverse current ma operating temperature c storage temperature c junction temperature c *2 *1 forward current : duty<=1/10 , pulse width<=10msec *2 d.c. current : tj = tc + rj-c p d pulse current : tj = tc + rj-c pw(power dissipation / one-pulse) duty *ts : solder terminal(anode)temperature symbol tj max i fp t op 120 CLL130-0102A5-65CM1B3 citiled name citizen electronics co.,ltd. japan data sheet 85 100 parameter t st -40 +100 1 -30 +85 raiting value 247 symbol p d i f i r unit mm tolerance 0.1mm ref.ce-p2051 05/12
3/13 ( 2 ) electro-optical characteristics t =25c symbol min. typ. max. unit v f 2.55 2.80 3.15 v rj-s *1 - 30 - c/w v 15.9 19.2 23.1 lm ra 80 85 - - *1 thermal resistance : junction - solder terminal (anode) *1 the tolerance of measurement at our tester is v f 3% , v 7% , chromaticity(x,y)0.01 *for an order, products within the rank listed above will be delivered. except designation of a delivery proportion of each rank. symbol forward voltage i f =50ma CLL130-0102A5-65CM1B3 citizen electronics co.,ltd. japan parameter condition data sheet name junction-solder i f =50ma thermal resistance general color rendering index citiled luminous flux i f =50ma ranking (condition : i f =50ma , ts=25c) 0 0 symbol rank min. max. unit q 2.55 2.65 r 2.65 2.75 s 2.75 2.85 t 2.85 2.95 u 2.95 3.05 v 3.05 3.15 c 15.9 19.2 d 19.2 23.1 chromaticity coordinates ( condition : i f =50ma ,ts=25c) x y x y 0.3064 0.3162 0.3187 0.3282 0.3028 0.3304 0.3169 0.3445 0.3169 0.3445 0.3310 0.3585 0.3187 0.3282 0.3310 0.3403 0.3064 0.3162 0.3187 0.3282 x y x y 0.3100 0.3020 0.3205 0.3120 0.3064 0.3162 0.3187 0.3282 0.3187 0.3282 0.3310 0.3403 0.3205 0.3120 0.3310 0.3220 v color rank 1 2 lm color rank 4 parameter luminous flux v 3 v f forward voltage color rank color rank ref.ce-p2051 05/12
4/13 symbol CLL130-0102A5-65CM1B3 citiled citizen electronics co.,ltd. japan data sheet name 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36 0.37 0.30 0.31 0.32 0.33 0.34 x y x, y chromaticity 2 1 3 4 ref.ce-p2051 05/12
5/13 5. characteristics ? forward current vs. forward voltage ? forward current vs. relative luminous intensity ? forward current vs. chromaticity coordinate ? solder temperature vs. chromaticity coordinate ? solder temperature vs. forward voltage ? solder temperature vs. relative luminous intensity symbol citiled data sheet citizen electronics co.,ltd. japan name CLL130-0102A5-65CM1B3 -0.020 -0.015 -0.010 -0.005 0.000 0.005 0.010 0.015 0.020 0 20 40 60 80 100 i f [ma] S x , S y S x S y ts=25c 0% 20% 40% 60% 80% 100% 120% 140% 160% 180% 0 20 40 60 80 100 i f [ma] r e l a t i v e l u m i n o u s i n t e n s i t y [ a . u . ] ts=25c 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 0 20 40 60 80 100 i f [ma] v f [ v ] ts=25c -0.020 -0.015 -0.010 -0.005 0.000 0.005 0.010 0.015 0.020 0 20 40 60 80 100 ts [c] S x , S y S x S y i f =50ma 2.5 2.6 2.7 2.8 2.9 3.0 0 20 40 60 80 100 ts [c] v f [ v ] i f =50ma 0% 20% 40% 60% 80% 100% 120% 0 20 40 60 80 100 ts [c] r e l a t i v e l u m i n o u s i n t e n s i t y [ a . u . ] i f =50ma ref.ce-p2051 05/12
6/13 ? solder temperature vs. allowable forward current ? spectrum ? directive characteristic led chip is mounted on white color pcb. symbol data sheet citiled name CLL130-0102A5-65CM1B3 citizen electronics co.,ltd. japan 0% 20% 40% 60% 80% 100% 120% 350 450 550 650 750 850 [nm] r e l a t i v e e m i s s i o n i n t e n s i t y [ a . u . ] i f =50ma, ts=25c 0 10 20 30 40 50 60 70 80 90 0 25 50 75 100 125 150 ts [c] i f [ a ] i f =50ma ts=25 i f =50ma ts=25 0% 20% 40% 60% 80% 100% 80 70 60 50 40302010 -80 -70 -60 -50 -20-30-40 -10 90 -90 0% 20% 40% 60% 80% 100% 80 70 60 50 40302010 -80 -70 -60 -50 -20-30-40 -10 90 -90 = 0 = 0 ref.ce-p2051 05/12
7/13 6. reliability (1) details of the tests (2) judgment criteria of failure for reliability test ta=25c symbol v f v u defines the upper limit of the specified characteristics. s defines the initial value. symbol citiled name citizen electronics co.,ltd. japan i f =50ma measuring condition judgment criteria for failure ta=100c, 1000 hours CLL130-0102A5-65CM1B3 < s0.7 i f =50ma luminous flux forward voltage > u1.2 ta=60c, i f =50ma , 1000 hours(with al-fin) ta=-40c , 1000 hours ta=-40c 30minutes 100c 30minuets, 100cycle ta=60c, 90%rh, 1000 hours measuring item low temperature storage test thermal shock test high temperature storage test test item moisture-proof test ta=85c, i f =50ma , 1000 hours(with al-fin) data sheet continuous operation test test condition ref.ce-p2051 05/12
8/13 7. taping specifications (in accordance with jis standard) (1) shape and dimensions of reel (unit: mm) (2) dimensions of tape (unit: mm) (3) configuration of tape (4) quantity: 2500pcs/reel symbol name data sheet CLL130-0102A5-65CM1B3 citiled citizen electronics co.,ltd. japan (end) (start) unloaded tape mounted with citiledmore than 40mm leading part more than 400mm 6 0 + 1 0 9 0.3 11.4 1.0 21 0.8 name. qty lot no. 13 0.5 2 0.5 1 8 0 0 - 3 0.250.05 (0.9) ( 1 ) ( 2 ) ( 1 ) ( 2 ) polarity (1.84) 4 0.1 40.1 2 0.05 progressive direction ( 1.0) ( 2 . 2 4 ) 3 . 5 0 0 . 0 5 8 0 . 2 1 . 7 5 0 . 1 1.5 +0.1 - 0 ref.ce-p2051 05/12
9/13 8. packing specifications 8-1. moisture-proof packing to prevent moisture absorption during transportation and storage, reels are packed in aluminum envelopes which contain a desiccant with a humidity indicator. 8-2. storage to prevent moisture absorption, it is strongly recommended that reels (in bulk or taped) should be stored in the dry box (or the desiccator) with a desiccant as the appropriate storage place. if not, the following is recommended. temperature : 5~30c humidity : 60%rh max. the devices should be mounted as soon as possible after unpacking. if you store the unpacked reels, please store them in the dry box or seal them into the envelop again. symbol citiled citizen electronics co.,ltd. japan name CLL130-0102A5-65CM1B3 data sheet aluminum envelop desiccant label reel polyester zip fastener ref.ce-p2051 05/12
10/13 9. precautions 9-1. soldering 1) following soldering paste is recommended melting temperature : 216 ~ 220c. composition : sn 3.5ag 0.75cu 2) the temperature profile at the top surface of the parts is recommended as shown below. 3) it is requested that products should be handled after their temperature has dropped down to the normal room temperature 9-2. washing (1) when washing after soldering is needed, following conditions are requested. a) washing solvent: pure water b) temperature, time: 50c or less 30 seconds max. symbol (1) lead free soldering data sheet citiled name CLL130-0102A5-65CM1B3 citizen electronics co.,ltd. japan 140sec 160 ~ 180 c 4 c /sec. max t e m p e r a t u r e time 4 c /sec. max 260 c max 220 c 60 ~ 70sec 3 sec . max ref.ce-p2051 05/12
11/13 9-3. eye safety - the international electrical commission (iec) published in 2006 iec 62471 2006 photobiological safety oflamps and lamp systems which includes leds within its scope. when sorting single leds according to iec 62471, most leds can be classified as belonging to either exempt group or risk group 1. - optical characteristics of leds such as radiant flux, spectrum and light distribution are factors that affect the risk group determination of the led, and especially a high-power led, that emits light containing blue wavelengths, may have properties equivalent to those of risk group 2. - great care should be taken when directly viewing an led that is driven at high current, has multiple uses as a module or when focusing the light with optical instruments, as these actions may greatly increase the hazard to your eyes. - in addition, led sources that were included within the scope of iec 60825-1 / edition 1.2 laser safety standard, published 2001 were removed from the scope of the iec 60825-1 / edition 2.0 revised 2007. - however, keep in mind that some countries and regions have adopted standards based on the iec laser safety standard iec 60825-1:2001 which includes leds within its scope. 9-4. other directions (1) it is requested to avoid any stress added to the resin portion while it is heated. (2) it is requested to avoid any friction by sharp metal nail etc. to the resin portion. (3) if the product might to be used under the following conditions, the customer must evaluate its appropriateness them. this product is not designed for use under the following conditions. in places where the product might: - get wet due to rain - suffer from damage caused by salt. - be exposed to corrosive gas such as cl, h 2 s, nh 3 , so 2 , no x and so on. - be exposed to dust, fluid or oil. symbol data sheet citiled name CLL130-0102A5-65CM1B3 citizen electronics co.,ltd. japan ref.ce-p2051 05/12
12/13 10. designing precautions 1. the current limiting resistor should be placed in the circuit so that is driven within its rating. also avoid reverse voltage (over-current) applied instantaneously when on or off. 2. when pulse driving current is applied, average current consumption should be within the rating. also avoid reverse voltage applied when put off. 3. recommended soldering pattern unit : mm mountability and solderability need to be optimized with actual conditions such as amount of solder, reflow temperature applied in the process. 4. when assembling the circuit board into the finished products, care must be taken to avoid the component parts from touching other parts. 5. when using multiple leds, it is required to connect a current limiting resistor on each path which the current flows to the leds. 6. other this product complies with rohs directives. symbol (ex-1) (ex-2) (ex-3) CLL130-0102A5-65CM1B3 data sheet < for reflow soldering > citizen electronics co.,ltd. japan name citiled r r r r r r r outline center anode pad cathode pad ref.ce-p2051 05/12
13/13 11. precautions with regard to product use 1. this document is provided for reference purposes only so that citizen electronics' products are used as intended. citizen electronics neither makes warranties or representations with respect to the accuracy or completeness of the information contained in this document nor grants any license to any intellectual property rights or any any other rights of citizen electronics or any third party with respect to the information in this document. 2. all information included in this document such as product data, diagrams, charts, is current as of the date this document is issued. such information, however, is subject to change without any prior notice. before purchasing or using any citizen electronics' products listed in this document, please confirm the latest product information with a citizen electronics' sales office, and formal specifications must be exchanged and signed by both parties prior to mass production. 3. citizen electronics has used reasonable care in compiling the information included in this document, but citizen electronics assumes no liability whatsoever for any damages incurred as a result of errors or omissions in the information included in this document. 4. absent written signed agreement, except as provided in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, citizen electronics assumes no liability whatsoever, including without limitation, indirect, consequential, special, or incidental damages or loss, including without limitation, loss of profits, loss of opportunities, business interruption and loss of data, and disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or no infringement. 5. though citizen electronics works continually to improve products' quality and reliability, products can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards to minimize risk and avoid situations in which a malfunction or failure of a product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. in addition, customers are also responsible for determining the appropriateness of use of any information contained in this document such as application cases not only with evaluating by their own but also by the entire system. citizen electronics assumes no liability for customers' product design or applications. 6. please contact citizen electronics' sales office if you have any questions regarding the information contained in this document, or if you have any other inquiries. symbol CLL130-0102A5-65CM1B3 citizen electronics co.,ltd. japan data sheet citiled name ref.ce-p2051 05/12


▲Up To Search▲   

 
Price & Availability of CLL130-0102A5-65CM1B3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X