Part Number Hot Search : 
1SS319 FX20ASH2 D1162 SSL32 2J103 AD7683 2SK22 CPC2030N
Product Description
Full Text Search
 

To Download BF1101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dat a sheet product specification supersedes data of 1999 feb 01 1999 may 14 discrete semiconductors BF1101; BF1101r; BF1101wr n-channel dual-gate mos-fets
1999 may 14 2 nxp semiconductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr features ? short channel transistor with high forward transfer ad mittance to input capacitance ratio ? low noise gain controlled amplifier up to 1 ghz ? partly internal self-biasing circuit to ensure good cross-modulation performance during agc and good dc stabilization. applications ? vhf and uhf applications with 3 to 7 v supply voltage, such as television tuners and professional communications equipment. description enhancement type n-channel field-effect transistor with source and substrate interconnected. integrated diodes between gates and source protect against excessive input voltage surges. the BF1101, BF1101r and BF1101wr are encapsulated in the sot143b, sot143r and sot343r plastic packages respectively. pinning pin description 1source 2drain 3 gate 2 4 gate 1 fig.1 simplified outline (sot143b). BF1101 marking code: ndp. handbook, 2 columns top view msb014 12 3 4 fig.2 simplified outline (sot143r). BF1101r marking code: ncp. handbook, 2 columns top view msb035 1 2 4 3 fig.3 simplified outline (sot343r). BF1101wr marking code: nc. , halfpage top view msb842 21 4 3 quick reference data symbol parameter conditions min. typ. max. unit v ds drain-source voltage ??7v i d drain current ?? 30 ma p tot total power dissipation ?? 200 mw ? y fs ? forward transfer admittance 25 30 ? ms c ig1-ss input capacitance at gate 1 ? 2.2 2.7 pf c rss reverse transfer capacitance f = 1 mhz ? 25 35 ff f noise figure f = 800 mhz ? 1.7 2.5 db x mod cross-modulation input level for k = 1% at 40 db agc 100 ?? db ? v t j operating junction temperature ?? 150 ? c caution this product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport and handling.
1999 may 14 3 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr limiting values in accordance with the absolute maximum rating system (iec 134). note 1. t s is the temperature of the soldering point of the source lead. thermal characteristics symbol parameter conditions min. max. unit v ds drain-source voltage ? 7v i d drain current ? 30 ma i g1 gate 1 current ?? 10 ma i g2 gate 2 current ?? 10 ma p tot total power dissipation t s ? 110 ? c; note 1 ? 200 mw t stg storage temperature ? 65 +150 ? c t j operating junction temperature ? +150 ? c symbol parameter value unit r th j-s thermal resistance from junction to soldering point 200 k/w fig.4 power derating curve. handbook, halfpage 0 50 100 200 250 0 200 mgl615 150 150 100 50 p tot (mw) t s (c)
1999 may 14 4 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr static characteristics t j =25 ? c unless otherwise specified. note 1. r g1 connects g 1 to v gg = 5 v; see fig.21. dynamic characteristics common source; t amb =25 ? c; v g2-s =4v; v ds =5v; i d = 12 ma; unless otherwise specified. note 1. measured in test circuit of fig.21. symbol parameter conditions min. max. unit v (br)dss drain-source breakdown voltage v g1-s =v g2-s =0; i d =10 ? a7 ? v v (br)g1-ss gate 1-source breakdown voltage v g2-s =v ds =0; i g1-s =10ma 7 16 v v (br)g2-ss gate 2-source breakdown voltage v g1-s =v ds =0; i g2-s =10ma 7 16 v v (f)s-g1 forward source-gate 1 voltage v g2-s =v ds =0; i s-g1 =10ma 0.5 1.5 v v (f)s-g2 forward source-gate 2 voltage v g1-s =v ds =0; i s-g2 =10ma 0.5 1.5 v v g1-s (th) gate 1-source threshold voltage v g2-s =4v; v ds =5v; i d =100 ? a0.31.0v v g2-s (th) gate 2-source threshold voltage v g1-s =5v; v ds =5v; i d =100 ? a0.31.2v i dsx drain-source current v g2-s =4v; v ds =5v; r g1 =120k ? ; note 1 816ma i g1-ss gate 1 cut-off current v g2-s =v ds =0; v g1-s =5v ? 50 na i g2-ss gate 2 cut-off current v g1-s =v ds =0; v g2-s =4v ? 20 na symbol parameter conditions min. typ. max. unit ? y fs ? forward transfer admittance pulsed; t j =25 ? c 253040ms c ig1-ss input capacitance at gate 1 f = 1 mhz ? 2.2 2.7 pf c ig2-ss input capacitance at gate 2 f = 1 mhz ? 1.6 ? pf c oss output capacitance f = 1 mhz ? 1.2 ? pf c rss reverse transfer capacitance f = 1 mhz ? 25 35 ff f noise figure f = 800 mhz; y s =y sopt ? 1.7 2.5 db x mod cross-modulation input leve l for k = 1% at 0 db agc; f w =50mhz; f unw =60mhz; note1 85 ??db ? v input level for k = 1% at 40 db agc; f w =50mhz; f unw =60mhz; note1 100 ??db ? v
1999 may 14 5 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr fig.5 transfer characteristics; typical values. v ds =5v. t j =25 ? c. handbook, halfpage 0 20 8 12 16 4 0 0.4 mgs299 0.8 1.2 1.6 2 i d (ma) v g1-s (v) 3.5 v 3 v 2.5 v 2 v 1 v 1.5 v v g2-s = 4 v fig.6 output characteristics; typical values. v g2-s =4v. t j =25 ? c. handbook, halfpage 0 20 8 12 16 4 0 2 mgs300 468 i d (ma) v ds (v) 1.5 v 1.4 v 1.3 v 1.2 v 1.1 v 1 v v g1-s = 1.6 v fig.7 gate 1 current as a function of gate 1 voltage; typical values. v ds =5v. t j =25 ? c. handbook, halfpage 0 100 40 60 80 20 0 0.5 mgs301 1 1.5 2 2.5 i g1 (a) v g1-s (v) 3.5 v 3 v 2.5 v 2 v v g2-s = 4 v fig.8 forward transfer admittance as a function of drain current; typical values. v ds =5v. t j =25 ? c. handbook, halfpage 0 40 20 30 10 0 816 41220 mgs302 i d (ma) y fs (ms) 3 v 2.5 v 2 v v g2-s = 4 v 3.5 v
1999 may 14 6 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr fig.9 drain current as a function of gate 1 current; typical values. v ds =5v. v g2-s =4v. t j =25 ? c. handbook, halfpage 0 20 8 12 16 4 0 10 mgs303 20 30 40 50 i d (ma) i g1 (a) fig.10 drain current as a function of gate 1 supply voltage (= v gg ); typical values. v ds =5v; v g2-s =4v; t j =25 ? c. r g1 =120k ? (connected to v gg ); see fig.21. handbook, halfpage 0 15 10 5 0 1 mgs304 23 5 4 i d (ma) v gg (v) fig.11 drain current as a function of gate 1 (= v gg ) and drain supply voltage; typical values. v g2-s =4v; t j =25 ? c. r g1 connected to v gg ; see fig.21. handbook, halfpage 0 20 8 12 16 4 0 2 468 i d (ma) v gg = v ds (v) r g1 = 47 k 68 k 82 k 100 k 120 k 150 k 180 k 220 k mgs305 v ds =5v; t j =25 ? c. r g1 =120k ? (connected to v gg ); see fig.21. fig.12 drain current as a f unction of gate 2 voltage; typical values. handbook, halfpage 0 8 12 16 4 0 2 mgs306 46 i d (ma) v g2-s (v) 4.5 v 4 v 3.5 v 3 v v gg = 5 v
1999 may 14 7 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr fig.13 gate 1 current as a function of gate 2 voltage; typical values. v ds =5v; t j =25 ? c. r g1 =120k ? (connected to v gg ); see fig.21. handbook, halfpage 0 40 20 30 10 0 mgs307 26 4 i g1 (a) v g2-s (v) 4.5 v 4 v 3.5 v 3 v v gg = 5 v fig.14 typical gain reduction as a function of the agc voltage; see fig.21. handbook, halfpage 0 0 ? 30 ? 20 ? 10 ? 40 ? 50 1 mgs308 234 gain reduction (db) v agc (v) (2) (1) (3) v ds =5v; v gg = 5 v; f = 50 mhz; t amb =25 ? c. (1) r g1 =68k ? . (2) r g1 =120k ? .(3)r g1 = 180 k ? . fig.15 unwanted voltage for 1% cross-modulation as a function of gain reduction; typical values; see fig.21. handbook, halfpage 0 120 90 100 110 80 10 mgs309 20 30 40 50 v unw (db v) gain reduction (db) (2) (3) (1) v ds =5v; v gg = 5 v; f = 50 mhz; f unw =60mhz; t amb =25 ? c. (1) r g1 =68k ? . (2) r g1 =120k ? .(3)r g1 = 180 k ? . fig.16 drain current as a function of gain reduction; typical values; see fig.21. handbook, halfpage 0 25 10 15 20 5 0 10 mgs310 20 30 40 50 i d (ma) gain reduction (db) (2) (3) (1) v ds =5v; v gg = 5 v; f = 50 mhz; t amb =25 ? c. (1) r g1 =68k ? . (2) r g1 =120k ? .(3)r g1 = 180 k ? .
1999 may 14 8 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr fig.17 input admittance as a function of frequency; typical values. v ds =5v; v g2 =4v. i d =12ma; t amb =25 ? c. handbook, halfpage mgs311 10 2 10 1 10 ? 1 10 10 2 10 3 f (mhz) y is (ms) b is g is fig.18 reverse transfer admittance and phase as a function of frequency; typical values. v ds =5v; v g2 =4v. i d =12ma; t amb =25 ? c. handbook, halfpage mgs312 10 2 ? rs (deg) ?10 2 ?1 ?10 10 1 10 10 2 10 3 f (mhz) |y rs | (ms) |y rs | ? rs fig.19 forward transfer admittance and phase as a function of frequency; typical values. v ds =5v; v g2 =4v. i d =12ma; t amb =25 ? c. handbook, halfpage mgs313 10 2 ? fs (deg) ?10 2 ?1 ?10 10 1 10 10 2 10 3 f (mhz) |y fs | (ms) ? fs |y fs | fig.20 output admittance as a function of frequency; typical values. v ds =5v; v g2 =4v. i d =12ma; t amb =25 ? c. handbook, halfpage mgs314 10 10 ? 1 1 10 10 2 10 3 f (mhz) y os (ms) b os g os
1999 may 14 9 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr table 1 scattering parameters: v ds =5v; v g2-s =4v; i d =12ma; t amb =25 ? c table 2 noise data: v ds =5v; v g2-s =4v; i d =12ma; t amb =25 ? c f (mhz) s 11 s 21 s 12 s 22 magnitude (ratio) angle (deg) magnitude (ratio) angle (deg) magnitude (ratio) angle (deg) magnitude (ratio) angle (deg) 50 0.987 ? 4.1 2.922 175.0 0.001 87.6 0.990 ? 2.2 100 0.985 ? 8.1 2.908 170.3 0.001 86.1 0.989 ? 4.3 200 0.976 ? 16.1 2.875 160.8 0.003 83.3 0.985 ? 8.5 300 0.963 ? 23.9 2.820 157.6 0.004 80.4 0.982 ? 12.6 400 0.949 ? 31.6 2.762 142.6 0.005 78.2 0.977 ? 16.8 500 0.933 ? 38.8 2.665 134.1 0.005 77.8 0.972 ? 20.8 600 0.916 ? 45.7 2.591 125.7 0.005 78.9 0.967 ? 24.7 700 0.897 ? 52.2 2.498 117.7 0.006 81.8 0.961 ? 28.5 800 0.877 ? 58.4 2.410 109.6 0.005 89.1 0.957 ? 32.2 900 0.856 ? 64.5 2.318 101.6 0.006 97.1 0.950 ? 35.8 1000 0.832 ? 70.3 2.214 94.2 0.006 110.4 0.946 ? 39.6 f (mhz) f min (db) ? opt r n ( ? ) (ratio) (deg) 800 1.5 0.715 58.3 37.85 fig.21 cross-modulation test set-up. handbook, full pagewidth dut c1 4.7 nf r1 10 k mgs315 c4 4.7 nf l1 2.2 h c3 4.7 nf r l 50 v gg v agc v ds r gen 50 v i r2 50 4.7 nf c2 r g1
1999 may 14 10 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr package outlines unit a references outline version european projection issue date iec jedec jeita mm 1.1 0.9 a 1 max 0.1 b 1 0.88 0.78 c 0.15 0.09 d 3.0 2.8 e 1.4 1.2 h e ywvq 2.5 2.1 0.45 0.15 0.55 0.45 e 1.9 e 1 1.7 l p 0.1 0.1 0.2 b p 0.48 0.38 dimensions (mm are the original dimensions) sot143b 04-11-16 06-03-16 0 1 2 mm scale plastic surface-mounted package; 4 leads sot143b d h e e a b v m a x a a 1 l p q detail x c y w m e 1 e b 2 1 3 4 b 1 b p
1999 may 14 11 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr unit a references outline version european projection issue date iec jedec jeita mm 1.1 0.9 a 1 max 0.1 b 1 0.88 0.78 c 0.15 0.09 d 3.0 2.8 e 1.4 1.2 h e ywvq 2.5 2.1 0.55 0.25 0.45 0.25 e 1.9 e 1 1.7 l p 0.1 0.1 0.2 b p 0.48 0.38 dimensions (mm are the original dimensions) sot143r sc-61aa 04-11-16 06-03-16 0 1 2 mm scale plastic surface-mounted package; reverse pinning; 4 leads sot143r d h e e a b v m a x a a 1 l p q detail x c y w m e 1 e b 1 2 4 3 b 1 b p
1999 may 14 12 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr references outline version european projection issue date iec jedec eiaj sot343r d a a 1 l p q detail x c h e e v m a a b 0 1 2 mm scale x 21 4 3 plastic surface-mounted package; reverse pinning; 4 leads sot343r w m b 97-05-21 06-03-16 b p unit a 1 max b p cd e b 1 h e l p qw v mm 0.1 1.1 0.8 0.4 0.3 0.25 0.10 0.7 0.5 2.2 1.8 1.35 1.15 e 2.2 2.0 1.3 e 1 0.2 y 0.1 0.2 1.15 dimensions (mm are the original dimensions) 0.45 0.15 0.23 0.13 e 1 a e y b 1
1999 may 14 13 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr data sheet status notes 1. please consult the most recently issued document before initiating or completing a design. 2. the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. the latest pr oduct status information is available on the internet at url http://www.nxp.com. document status (1) product status (2) definition objective data sheet development this document contains data from the objective specification for product development. preliminary data sheet qualification this document contains data from the preliminary specification. product data sheet production this document contains the product specification. definitions product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer, unless nxp semiconductors and customer have explicitly agreed otherwise in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semico nductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without lim itation - lost profits, lost savings, business interrup tion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semi conductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for incl usion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are fo r illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assi stance with ap plications or customer product design. it is customer?s sole responsibility to dete rmine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as for the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products.
1999 may 14 14 nxp semico nductors product specification n-channel dual-gate mos-fets BF1101; BF1101r; BF1101wr nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applications and products using nxp semiconductors products in order to avoid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will c ause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeat ed exposure to lim iting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the general terms and conditions of comme rcial sale, as published at http://www.nxp.com/profile/terms, unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconductors products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. quick reference data ? the quick refere nce data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not complete, exhaustive or legally binding. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semiconductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liability for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses the product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semicond uctors? warranty of the product for such automotive applications, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive applications beyond nxp semiconductors? standard warranty and nxp semiconductors? product specifications.
nxp semiconductors provides high performance mixed signal and standard product solutions that leverage its leading rf, analog, power management, interface, security and digital processing expertise contact information for additional information please visit: http://www.nxp.com for sales offices addresses send e-mail to: salesaddresses@nxp.com ? nxp b.v. 2010 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liabilit y will be accepted by the publisher for any consequen ce of its use. publicat ion thereof d oes not con vey nor imply any license under patent- or other industrial or intellectual property rights. customer notification this data sheet was changed to reflect the new company name nxp semiconductors, including new legal definitions and disclaimers. no changes were made to the technical content, except for package outline drawings which were updated to the latest version. printed in the netherlands r77/02/pp 15 date of release: 1999 may 14


▲Up To Search▲   

 
Price & Availability of BF1101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X