Part Number Hot Search : 
H01N60S LP28007 127141N LET21008 EM73362 DS2411 M1300 NZH6V8B
Product Description
Full Text Search
 

To Download BC808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bc807 ... BC808 bc807 ... BC808 smd general purpose pnp transistors smd universal-pnp-transistoren i c = -800 ma h fe ~ 160 /250/400 t jmax = 150c v ces = -30 ...-50 v p tot = 310 mw version 2017-01-19 sot-23 (to-236) 1 = b 2 = e 3 = c dimensions - ma?e [mm] typical applications signal processing, switching, amplification commercial grade 1 ) typische anwendungen signalverarbeitung, schalten, verst?rken standardausfhrung 1 ) features general purpose three current gain groups compliant to rohs, reach, conflict minerals 1 ) besonderheiten universell anwendbar drei stromverst?rkungsklassen konform zu rohs, reach, konfliktmineralien 1 mechanical data 1 ) mechanische daten 1 ) taped and reeled 3000 / 7 gegurtet auf rolle weight approx. 0.01 g gewicht ca. case material ul 94v-0 geh?usematerial solder & assembly conditions 260c/10s l?t- und einbaubedingungen msl = 1 type code recommended complementary npn transistors empfohlene komplement?re npn-transistoren bc807-16 = 5a or 5cr bc807-25 = 5b or 5cs bc807-40 = 5c or 5ct BC808-16 = 5e or 5cr BC808-25 = 5f or 5cs BC808-40 = 5g or 5ct bc817, bc818 maximum ratings 2 ) grenzwerte 2 ) bc807 BC808 collector-emitter-volt. C kollektor-emitter-spannung e-b short - v ces 50 v 30 v collector-emitter-volt. C kollektor-emitter-spannung b open - v ceo 45 v 25 v emitter-base-voltage C emitter-basis-spannung c open - v ebo 5 v power dissipation C verlustleistung p tot 310 mw 3 ) collector current C kollektorstrom (dc) - i c 800 ma peak collector current C kollektor-spitzenstrom - i cm 1 a peak base current C basis-spitzenstrom - i bm 200 ma junction temperature C sperrschichttemperatur storage temperature C lagerungstemperatur t j t s -55...+150c -55+150c 1 please note the detailed information on our website or at the beginning of the data book bitte beachten sie die detaillierten hinweise auf unserer internetseite bzw. am anfang des datenbuches 2 t a = 25c, unless otherwise specified C t a = 25c, wenn nicht anders angegeben 3 valid, if leads are kept at ambient temperature at a distance of 2 mm from case gltig wenn die anschlussdr?hte in 2 mm abstand vom geh?use auf umgebungstemperatur gehalten werden ? diotec semiconductor ag http://www.diotec.com/ 1 pb e l v w e e e r o h s 2 . 4 1 . 3 0 . 1 1.1 +0.1 0.4 +0.1 2.9 0.1 1 2 3 type code 1.9 0.1 -0.05 -0.2 0 . 2
bc807 ... BC808 characteristics kennwerte t j = 25c min. typ. max. dc current gain C kollektor-basis-stromverh?ltnis 1 ) - v ce = 1 v, - i c = 100 ma group -16 group -25 group -40 h fe 100 160 250 C C C 250 400 630 - v ce = 1 v, - i c = 500 ma h fe 40 C C collector-emitter saturation voltage C kollektor-emitter-s?ttigungsspg. 2 ) - i c = 500 ma, - i b = 50 ma - v cesat C C 0.7 v base-emitter saturation voltage C basis-emitter-s?ttigungsspannung 2 ) - i c = 500 ma, - i b = 50 ma - v besat C C 1.3 v base-emitter-voltage C basis-emitter-spannung 2 ) - v ce = 1 v, - i c = 500 ma - v be C C 1.2 v collector-base cutoff current C kollektor-basis-reststrom - v cb = 20 v, (e open) - v cb = 20 v, t j = 125c, (e open) - i cb0 C C C C 100 na 5 a emitter-base cutoff current C emitter-basis-reststrom - v eb = 4 v, (c open) - i eb0 C C 100 na gain-bandwidth product C transitfrequenz - v ce = 5 v, - i c = 10 ma, f = 50 mhz f t C 100 mhz C collector-base capacitance C kollektor-basis-kapazit?t - v cb = 10 v, - i e =i e = 0, f = 1 mhz c cbo C 12 pf C thermal resistance junction to ambient w?rmewiderstand sperrschicht C umgebung r tha < 420 k/w 2 ) disclaimer: see data book page 2 or website haftungssauschluss: siehe datenbuch seite 2 oder internet 1 tested with pulses t p = 300 s, duty cycle 2% C gemessen mit impulsen t p = 300 s, schaltverh?ltnis 2% 2 mounted on p.c. board with 3 mm 2 copper pad at each terminal montage auf leiterplatte mit 3 mm 2 kupferbelag (l?tpad) an jedem anschluss 2 http://www.diotec.com/ ? diotec semiconductor ag [%] p tot 120 100 80 60 40 20 0 [c] t a 150 100 50 0 power dissipation versus ambient temperature ) verlustleistung in abh. von d. umgebungstemp. ) 1 1


▲Up To Search▲   

 
Price & Availability of BC808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X